|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TEMD5110X01 Vishay Semiconductors Silicon PIN Photodiode, RoHS Compliant, Released for Lead (Pb)-free Solder Process, AEC-Q101 Released Description TEMD5110X01 is a high speed and high sensitive PIN photodiode. It is a miniature Surface Mount Device (SMD) including the chip with a 7.5 mm2 sensitive area and an infrared bandpass filter matched to IR Emitters operating at wavelength 870 nm or 950 nm. 20535 Features * Product designed and qualified acc. AEC-Q101 for the automotive market * Large radiant sensitive area: e4 A = 7.5 mm2 * Wide angle of half sensitivity = 65 * High photo sensitivity * Fast response times * Small junction capacitance * Plastic package with IR filter: = 870...950 nm * Floor life: 72 h, MSL 4, acc. J-STD-20 * Lead (Pb)-free component * Component in accordance to ELV 2000/53/EC, RoHS 2002/95/EC and WEEE 2002/96/EC Applications * Automotive sensors * Infrared detectors * High speed photo detectors Absolute Maximum Ratings Tamb = 25 C, unless otherwise specified Parameter Reverse voltage Power dissipation Junction temperature Operating temperature range Storage temperature range Soldering temperature Thermal resistance junction/ ambient In accordance with fig. 8 Tamb 25 C Test condition Symbol VR PV Tj Tamb Tstg Tsd RthJA Value 60 215 100 - 40 to + 100 - 40 to + 100 260 350 Unit V mW C C C C K/W Document Number 84658 Rev. 1.2, 07-May-07 www.vishay.com 1 TEMD5110X01 Vishay Semiconductors Electrical Characteristics Tamb = 25 C, unless otherwise specified Parameter Forward voltage Breakdown voltage Reverse dark current Diode capacitance Test condition IF = 50 mA IR = 100 A, E = 0 VR = 10 V, E = 0 VR = 0 V, f = 1 MHz, E = 0 VR = 3 V, f = 1 MHz, E = 0 Symbol VF V(BR) Iro CD CD 60 2 70 25 40 30 Min Typ. 1 Max 1.3 Unit V V nA pF pF Optical Characteristics Tamb = 25 C, unless otherwise specified Parameter Open circuit voltage Temperature coefficient of Vo Short circuit current Temperature coefficient of Ik Reverse light current Angle of half sensitivity Wavelength of peak sensitivity Range of spectral bandwidth Noise equivalent power Rise time Fall time VR = 10 V, = 950 nm VR = 10 V, RL = 1 k, = 820 nm VR = 10 V, RL = 1 k, = 820 nm Test condition Ee = 1 mW/cm2, = 950 nm Ee = 1 mW/cm2, = 950 nm Ee = 1 mW/cm , = 950 nm 2 2 2 Symbol Vo TKVo Ik TKIk Ira p 0.5 NEP tr tf Min Typ. 350 - 2.6 50 0.1 Max Unit mV mV/K A %/K A deg nm nm W/ Hz ns ns Ee = 1 mW/cm , = 950 nm Ee = 1 mW/cm , = 950 nm, VR = 5 V 45 55 65 940 790 to 1050 4x 10-14 100 100 Typical Characteristics Tamb = 25 C, unless otherwise specified I ra rel - Relative Reverse Light Current 1000 Iro - Reverse Dark Current (nA) 1.4 1.2 100 VR = 5 V = 950 nm 1.0 10 0.8 VR = 10 V 1 20 40 60 80 100 0.6 0 20 40 60 80 100 Tamb - Ambient Temperature (C) 94 8403 Tamb - Ambient Temperature (C) 94 8409 Figure 1. Reverse Dark Current vs. Ambient Temperature Figure 2. Relative Reverse Light Current vs. Ambient Temperature www.vishay.com 2 Document Number 84658 Rev. 1.2, 07-May-07 TEMD5110X01 Vishay Semiconductors S()rel - Relative Spectral Sensivity 10 1000 Ira - Reverse Light Current (A) 1.2 1.0 0.8 0.6 0.4 0.2 0.0 750 100 10 VR = 5 V = 950 nm 1 0.1 0.01 12787 0.1 1 850 950 1050 1150 Ee - Irradiance (mW/cm 2) 94 8426 - Wavelength (nm) Figure 3. Reverse Light Current vs. Irradiance Figure 6. Relative Spectral Sensitivity vs. Wavelength 100 Ira - Reverse Light Current (A) 1 mW/cm 2 0.5 mW/cm 2 0.2 mW/cm 2 10 0.1 mW/cm 2 0.05 mW/cm 2 Srel - Relative Sensitivity 0 10 20 30 40 1.0 0.9 0.8 0.7 50 60 70 80 1 0.1 12788 = 950 nm 1 10 100 94 8406 0.6 0.4 0.2 0 0.2 0.4 0.6 V R - Reverse Voltage (V) Figure 4. Reverse Light Current vs. Reverse Voltage Figure 7. Relative Radiant Sensitivity vs. Angular Displacement 80 CD - Diode Capacitance (pF) 60 E=0 f = 1 MHz 40 20 0 0.1 948407 1 10 100 VR - Reverse Voltage (V) Figure 5. Diode Capacitance vs. Reverse Voltage Document Number 84658 Rev. 1.2, 07-May-07 www.vishay.com 3 TEMD5110X01 Vishay Semiconductors Package Dimensions in millimeters Drawing-No.: 6.541-5060.01-4 Issue: 2; 26.04.07 20536 Not indicated tolerances 0.1 Minimum order quantity (MOQ): 1500 pcs (1 reel) www.vishay.com 4 Document Number 84658 Rev. 1.2, 07-May-07 TEMD5110X01 Vishay Semiconductors Taping Dimensions in millimeters 20537 Document Number 84658 Rev. 1.2, 07-May-07 www.vishay.com 5 TEMD5110X01 Vishay Semiconductors Reflow Solder Profiles Preheat 280 260 240 220 200 180 160 140 120 100 80 60 40 20 0 0 19030 Drypack Reflow Cooling 260 C 250 C 210 C Devices are packed in moisture barrier bags (MBB) to prevent the products from moisture absorption during transportation and storage. Each bag contains a desiccant. Temperature (C) Floor Life 145 C 125 C ~ 20 s ~ 30 s ~ 40 s 150 180 210 240 270 300 120 s 30 60 90 120 Time (s) Floor life (time between soldering and removing from MBB) must not exceed the time indicated in J-STD-020. TEMD5110 is released for: Moisture Sensitivity Level 4, according to JEDEC, J-STD-020 Floor Life: 72 h Conditions: Tamb < 30 C, RH < 60 % Figure 8. Lead (Pb)-free (Sn) Reflow Solder Profile Drying In case of moisture absorption devices should be baked before soldering. Conditions see J-STD-020 or Label. Devices taped on reel dry using recommended conditions 192 h at 40 C (+ 5 C), RH < 5 % or 96 h at 60 C (+ 5 C), RH < 5 %. 300 max. 240 C ca. 230 C 948625 10 s 250 Temperature (C) 200 215 C 150 100 50 2 K/s - 4 K/s full line: typical dotted: process limits max. 160 C 90 s - 120 s max 40s Lead Temperature 0 0 50 100 150 200 250 Time (s) Figure 9. Lead Tin (SnPb) Reflow Solder Profile www.vishay.com 6 Document Number 84658 Rev. 1.2, 07-May-07 TEMD5110X01 Vishay Semiconductors Ozone Depleting Substances Policy Statement It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Document Number 84658 Rev. 1.2, 07-May-07 www.vishay.com 7 Legal Disclaimer Notice Vishay Notice Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale. Document Number: 91000 Revision: 08-Apr-05 www.vishay.com 1 |
Price & Availability of TEMD5110 |