Part Number Hot Search : 
V285ME10 01900 6V8BC UM3433 K2744 C5121 M1MA15 TLGE62
Product Description
Full Text Search
 

To Download TC9488FG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC9488FG
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC9488FG
Digital Echo IC for Karaoke
The TC9488FG is digital echo ICs for karaoke. The ICs incorporate microphone amps and volume controllers, enabling a digital echo system to be configured on a single chip.
Features
* Incorporates a two-channel microphone amp with auto level control (ALC), AD/DA converter, delay memory, and electronic volume controllers. Incorporates a 32-kHz sampling, 12-bit successive comparison AD/DA converter. Incorporates a delay memory (16-Kbit DRAM) which enables 128-ms (typ.) delay. Weight: 1.08 g (typ.)
* * *
Microphone and echo levels are controlled by built-in volume controllers. They are controlled either by DC voltage or controlled in serial by the MCU. TC9488FG: Supports three-lead interface The system clock is generated by the CR oscillator circuit. The echo feedback amount is configured using analog circuits. The feedback level can be freely set. The IC comes in 30-pin flat package.
* * *
Pin Connection
1
2004-11-19
TC9488FG
Block Diagram
System Block Diagram
2
2004-11-19
TC9488FG
Pin Description (Note 1)
Pin Number 1 2 3 5
6 7 9 10 11 13 14 15 16 17 18 20 21 22 23 25 26 28 29 30
Symbol VDD CSCC OSCR VOL1 ( CS )
VOL2 (SCL) VOL3 (SDA) VRO VREF VDA ALC1 MC1N MC1P MC2P MC2N ALC2 VSA MCO PRIN ADIN DAOUT VOLST TEST POOUT VSS
I/O I I
I I I I I I I I I O I I O I I O
Function Digital supply voltage pin Capacitor connecting pin for CR oscillator (C = 68 pF) Resistor connecting pin for CR oscillator (R = 5.6 k)
When VOLST = "H" level, CS signal input pin When VOLST = "L" level, DC control pin for MIC1 volume When VOLST = "H" level, clock input pin When VOLST = "L" level, DC control pin for MIC2 volume When VOLST = "H" level, data input pin When VOLST = "L" level, DC control pin for echo volume Reference voltage pin Reference voltage pin (1/2 VDD) Analog supply voltage pin Auto level control pin 1 MIC1 feedback signal input pin MIC1 signal input pin MIC2 signal input pin MIC2 feedback signal input pin Auto level control pin 2 Analog ground pin MIC addition signal output pin Pre-filter input pin Pre-filter output signal or DC input pin Post-filter output pin Electronic volume control mode select pin When VOLST = "H" level, serial control (I2C bus/three-lead) When VOLST = "L" level, DC level control Test pin. Fix to "H" level for normal use Microphone echo signal output pin Digital ground pin
Remarks
Open drain output Open drain output
Note 1: With the TC9488FG, pins 4, 8, 12, 19, 24, and 27 are not connected (NC pins). NC pins are normally open.
3
2004-11-19
TC9488FG
Operation
1. Oscillator circuit
The TC9488FG generates an internal system clock using the CR oscillator circuit. Connecting a capacitance (C) of 68 pF and a resistance (R) of 5.6 k sets the oscillator frequency to approx. 4 MHz and the sampling frequency to 32 kHz. Varying the external capacitance enables the oscillator frequency and sampling frequency for the system clock to be adjusted. Varying the system clock enables the delay time to be adjusted. Figure 1 shows the CR oscillator circuit.
1.1
How to determine oscillator frequency (f)
f [MHz] = 1532/(C [pF] x R [k]) = 1532/(68 x 5.6) 4.0 MHz (Note 2) Note 2: The oscillator frequency is a typical value (Ta = 25C). Set the resistance to between 4.7 k and 6.8 k.
1.2
How to determine sampling frequency (fs)
fs [kHz] = f/128 = 4.0/128 32 kHz
Figure 1 CR Oscillator circuit
2. Microphone amps
The IC incorporates microphone amps with auto level control (ALC). The microphone amp gain is typically 36dB. When a signal from 0 to -46dB is input, the ALC circuit can control the output signal level. Changing the external capacitor connected to the ALC circuit to a resistor sets the ALC circuit to off. Figure 2 shows the microphone amp circuit. When C = 4.7 F, the attack and release times are as follows: Attack time = Approx. 29 ms Release time = Approx. 1.6 s Setting the capacitance (C) to a smaller value enables the attack and release times to be adjusted. When the ALC circuit is not used, change the capacitor (*1) to a resistor (approx. 10 k), and connect to GND line. At power on, while the capacitor is being charged, no sound is output. So, use a capacitance of 4.7 F or less.
Figure 2 Microphone amp with ALC
4
2004-11-19
TC9488FG
3. AD/DA converter and digital delay circuit
The AD/DA converter is a 12-bit successive comparison type. The sampling frequency when the system clock operates at 4 MHz is 32 kHz. The analog signal input from the AD converter is converted to 12-bit digital data. The digital delay circuit compresses the 12-bit signal to 4-bit, writes it to delay RAM, then reads it. The 4-bit data read from delay RAM is de-compressed to 12-bit. The 12-bit data are converted to analog signals by the DA converter and output. The area for delay RAM memory is 4096 words x 4 bits. The echo delay time is 4096 words x (1/32 kHz) = 128 ms. Figure 3 is a block diagram of the echo circuit.
Figure 3 Block diagram of echo circuit
5
2004-11-19
TC9488FG
4. Electronic volume controllers
The IC incorporates microphone input 1 (MIC1) and microphone input 2 (MIC2) volume and echo volume controllers. The built-in volume controller operates in 16 steps. Using an external variable resistor, volume can be controlled by the DC level or from the MCU using serial data. The TC9488FG supports a three-lead interface.
4.1
Serial control timing
Figure 4 shows the serial control timing.
Figure 4 Serial control timing
Table 1 lists bits used to set the volume.
Table 1 Volume setting bits
MODE VOL1 setting VOL2 setting VOL3 setting VOL1, 2, 3 setting DA7 M3 M3 M3 M3 DA6 M2 M2 M2 M2 DA5 M1 M1 M1 M1 DA4 M0 M0 M0 M0 DA3 0 0 1 1 DA2 0 1 0 1 DA1 0 0 0 0 DA0 0 0 0 0
M3, M2, M1, M0: Volume setting data
6
2004-11-19
TC9488FG
4.2 Setting of microphone and echo volumes
Table 2 lists the microphone setting values and attenuation; Table 3 lists the echo volume setting values and attenuation. The DC level settings are typical values.
Table 2
Microphone volume (VOL1, VOL2) attenuation
Serial Data Setting Attenuation (dB) M3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 M2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 M1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 M0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 -2 -4 -6 -8 -10 -12 -14 -16 -18 -20 -22 -24 -26 -28 -
DC Level Setting (V) 5.0 4.4 4.2 3.9 3.7 3.5 3.2 3.0 2.7 2.5 2.3 2.0 1.8 1.5 1.3 1.1 0.0
Table 3 Echo volume (VOL3) attenuation
DC Level Setting (V) 5.0 4.4 4.2 3.9 3.7 3.5 3.2 3.0 2.7 2.5 2.3 2.0 1.8 1.5 1.3 1.1 0.0 M3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 Serial Data Setting Attenuation (dB) M2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 M1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 M0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 -1 -2 -3 -4 -5 -6 -7 -8 -9 -10 -11 -12 -13 -14 -
7
2004-11-19
TC9488FG
Maximum Ratings (Ta = 25C)
Characteristics Supply voltage Input voltage Power dissipation Operating temperature Storage temperature Symbol VDD Vin PD Topr Tstg Rating -0.3 to 6.0 -0.3 to VDD + 0.3 200 -25 to 85 -55 to 150 Unit V V mW C C
Electrical Characteristics (unless otherwise specified, Ta = 25C, VDD = 5.0 V)
DC characteristics
Characteristics Operating supply voltage Operating supply current Operating frequency Power-on reset voltage "H" level Input voltage "L" level Input current "H" level "L" level VIL IIH IIL Symbol VDD IDD Fmck Vpor VIH Test Circuit Test Condition Ta = -25~85C Fmck = 4 MHz fs = 32 kHz typ. Min 4.5 VDD x 0.8 0 -1.0 Typ. 5.0 20 4.0 4.0 Max 5.5 30 4.25 VDD VDD x 0.2 1.0 V Unit V mA MHz V
A
Volume control (when VOLST = "L")
Characteristics Hysteresis voltage Input step width Min level input voltage Max level input voltage Symbol VH VST VImin VImax Test Circuit Test Condition Min 4.95 Typ. 0.12 0.26 1.1 4.8 Max 0.8 Unit V V V V
8
2004-11-19
TC9488FG
AC Characteristics Microphone amps and volumes
Characteristics Microphone amp gain MCO Output at ALC Operation Maximum Input at No ALC Operation Maximum Input 1 at ALC Operation Symbol MICG VM VL VA1 Test Circuit Test Condition Input 1-kHz sine wave, -50dBV, MCO pin measured. Input 1-kHz sine wave, -25dBV. Input 1-kHz sine wave. Input 1-kHz sine wave. MCO output clip limit vale at max volume Input 1-kHz sine wave. MCO output clip limit value at microphone amp output point VOL1~3: min VOL1: max, VOL2: min, VOL3: min VOL1: min, VOL2: max, VOL3: min VOL1: min, VOL2: min, VOL3: max VOL1: max, VOL2: max, VOL3: min VOL1: max, VOL2: min, VOL3: min VOL1: min, VOL2: max, VOL3: max VOL1~3: max Ratio with one level higher (excluding the minimum level) Ratio with one level higher (excluding the minimum level) 1 kHz Sine wave input, -20dBV -10dBV 1 kHz Sine wave input, -10dBV -20dBV C = 47 F (Note 3) C = 0.47 F (Note 3) C = 47 F (Note 3) C = 0.47 F (Note 3) Min 47.5 -0.8 Typ. 49.5 1.7 -47.5 -4.0 Max 51.5 3.2 Unit dBV dBV dBV dBV
Maximum Input 2 at ALC Operation POOUT output noise 1 POOUT output noise 2 POOUT output noise 3 POOUT output noise 4 POOUT output noise 5 POOUT output noise 6 POOUT output noise 7 POOUT output noise 8 Volume 1, 2 attenuation Volume 3 attenuation
VA2 NO1 NO2 NO3 NO4 NO5 NO6 NO7 NO8 ATT1 ATT2


6.5 -90 -63 -64 -65 -60 -62 -62 -59 -2.0 -1.0 120 10 1.6 0.15
-85 -58 -59 -54 -54 -54 -54 -52
dBV dBV dBV dBV dBV dBV dBV dBV dBV dB dB
Attack time
TATK
ms s
Release time
TRLS
Note 3: External capacitor of ALC pin
Microcontroller interface (when VOLST = "H")
Characteristics Interface setup time Shift clock "L" duration Shift clock "H" duration Data setup time Data hold time Interface hold time CS "H" duration Symbol tIFS tL tH tDS tDH tIFH tCSH Test Circuit Test Condition Min 0.25 0.25 0.25 0.25 0.25 1.0 0.25 Typ. Max Unit s s s s s s s
9
2004-11-19
TC9488FG
AC Characteristics Test Points
TC9488FG three-lead interface
TC94588FG AC Test Circuit
10
2004-11-19
TC9488FG
Package Dimensions
Weight: 1.08 g (typ.)
11
2004-11-19
TC9488FG
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
030619EBA
* The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The products described in this document are subject to the foreign exchange and foreign trade laws. * TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations.
12
2004-11-19


▲Up To Search▲   

 
Price & Availability of TC9488FG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X