Part Number Hot Search : 
6038016 KB3408 RJK03 MTZJ12B 1990329 332ML SUR53 NT500
Product Description
Full Text Search
 

To Download T6335A-225AWG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 tm
TE CH
T6335A
Constant Current Regulator
FEATURES
* Constant Current Regulator * Constant Current Option : 150/210/225/240/260/280/300/320/350 mA * Low Dropout Voltage * Low 0.1 uA Shutdown Supply Current * SOT-89 and TO-252 lead-free Package * ESD Human Body Mode Over 5KV * 2.7V to 5V Supply Voltage Range * Build in Thermal Protect 160 C
GENERAL DESCRIPTION
The T6335A low-dropout bias supply for white LED is a high-performance used in conventional white LED designs. The T6335A has lower bias variation with supply voltage variation, significantly lower dropout voltage Low Shutdown Current in some applications, significantly improved efficiency from DC 2.7V to 5V. The T6335A is available in SOT-89 and TO-252 lead-free package.
APPLICATIONS
* Flash Light * Lighting * Portable Communication Devices * Handheld Electronics * DC/DC LED driver
PART NUMBER EXAMPLES
Part no. T6335A-350AXG T6335A-350AWG Current 350mA 350mA Package type SOT-89 TO-252
TYPICAL APPLICATION CIRCUITS
VIN 2.7V~5V
T6335A-150AXG T6335A-150AWG
150mA 150mA
SOT-89 TO-252
PIN ARRANGEMENT (Top view) SOT-89 TO-252
OUT
T6335A
VDD
GND
OUT
GND
VDD
OUT
GND
VDD
TM Technology Inc. reserves the right to change products or specifications without notice.
P. 1
Publication Date: MAR. 2007 Revision: A
tm
SYMBOL
OUT VSS VDD
TE CH
T6335A
PIN DESCRIPTION
Pin no.
1 2 3 DESCRIPTION
LED Cathode Connection. Ground Power supply
ABSOLUTE MAXIMUM RATINGS
Parameter Voltage on any pin relative to GND Operating Temperature Rang Maximum Soldering Temperature (at leads, 10 sec) Storage Temperature Rang Continuous Power Dissipation ( TA = +70C ) Symbol VIN TA TLEAD TS Value -0.3 to 6 -40 to +85 300 -65 to +150 1 Unit V C C C W
Electrical Characteristics
(Typical values are at TA =25C)
Symbol VDD
Description Operating voltage range
Conditions VDD is power supply input
Min. Typ. Max 2.7 329 300 282 263 244 225 211 197 141 350 320 300 280 260 240 225 210 150 160 0.2 1 5 371 339 318 296 275 254 238 222 159
Unit V mA mA mA mA mA mA mA mA mA C uA
T6335A-350 T6335A-320 T6335A-300 T6335A-280
ILED Maximum LED sink current VDD = 4.5V VLED =3.5V
T6335A-260 T6335A-240 T6335A-225 T6335A-210 T6335A-150
TTP ILSD
Thermat Protect
LED leakage current in shutdown VDD = GND, VLED = 5V
TM Technology Inc. reserves the right to change products or specifications without notice.
P.2
Publication Date: MAR. 2007 Revision: A
tm
Test Circuit
VDD
TE CH
T6335A
Typical Operating Characteristics
OUT
T6335A
VDD
GND
VDD VS. Iout Curve
400
350 350mA 300mA 280mA 260mA 240mA 225mA
Iout(mA)
300
250
200
150 3 3.2 3.4 3.6 3.8 VDD(V) 4 4.2 4.4 4.6 4.8 5
TM Technology Inc. reserves the right to change products or specifications without notice.
P.3
Publication Date: MAR. 2007 Revision: A
tm
TE CH
T6335A
PACKAGE DIMENSIONS SOT-89
D D1 POLISH ED (2X)
Symbol A B B1 C D D1 E H e e1 L Dimension in mm Min. Max. 1.40 1.60 0.44 0.56 0.36 0.48 0.35 0.44 4.40 4.60 1.35 1.83 2.29 2.60 3.94 4.25 1.50 BSC 3.00 BSC 0.89 1.2
E L
H
B1 10'(2X )
1
2 B
3
C
A e e1
TO-252
Symbol
E A A1 b2 4 L2
SEATING PLANE
c1
E1
D1
D
H
2 1 e 3 L1 c b e1 L
A A1 b b2 c c1 D E D1 E1 e e1 H L L1 L2
Dimension in inch Min. Max. 0.086 0.094 0.040 0.050 0.024 TYP. 0.205 0.215 0.018 0.023 0.018 0.023 0.210 0.220 0.250 0.265 0.180 0.150 0.090 BSC. 0.180 BSC. 0.370 0.410 0.020 0.025 0.040 0.060 0.080
TM Technology Inc. reserves the right to change products or specifications without notice.
P.4
Publication Date: MAR. 2007 Revision: A


▲Up To Search▲   

 
Price & Availability of T6335A-225AWG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X