Part Number Hot Search : 
H100T3G 3200A 2SK35 A8732 Q4010RH5 BAT54SW 143EC 103LF
Product Description
Full Text Search
 

To Download SUR2060CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUR2060CT
Ultra Fast Recovery Epitaxial Diodes
Dimensions TO-220AB
A C(TAB) A C A
C
A
Dim. A B C D E F G H J K M N Q R
A=Anode, C=Cathode, TAB=Cathode
SUR2060CT
VRSM V 600
VRRM V 600
Inches Min. Max. 0.500 0.550 0.580 0.630 0.390 0.420 0.139 0.161 0.230 0.270 0.100 0.125 0.045 0.065 0.110 0.230 0.025 0.040 0.100 BSC 0.170 0.190 0.045 0.055 0.014 0.022 0.090 0.110
Milimeter Min. Max. 12.70 13.97 14.73 16.00 9.91 10.66 3.54 4.08 5.85 6.85 2.54 3.18 1.15 1.65 2.79 5.84 0.64 1.01 2.54 BSC 4.32 4.82 1.14 1.39 0.35 0.56 2.29 2.79
Symbol IFRMS IFAVM IFRM
Test Conditions TVJ=TVJM TC=100oC; rectangular, d=0.5 tp<10us; rep. rating, pulse width limited by TVJM TVJ=45oC t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine
Maximum Ratings 25 10 150 100 110 85 95 50 50 36 37 -40...+150 150 -40...+150
Unit A
IFSM
TVJ=150oC TVJ=45oC
A
I2t
TVJ=150oC
A2s
TVJ TVJM Tstg Ptot Md Weight TC=25oC Mounting torque
o
C
62 0.4...0.6 2
W Nm g
SUR2060CT
Ultra Fast Recovery Epitaxial Diodes
Symbol
Test Conditions TVJ=25oC; VR=VRRM TVJ=25oC; VR=0.8.VRRM TVJ=125oC; VR=0.8.VRRM IF=16A; TVJ=150oC TVJ=25oC For power-loss calculations only TVJ=TVJM
Characteristic Values typ. max. 50 25 3 1.5 1.7 1.12 23.2 2 0.5 60
Unit uA uA mA V V m K/W
IR
VF VTO rT RthJC RthCK RthJA trr IRM
IF=1A; -di/dt=50A/us; VR=30V; TVJ=25oC _ VR=350V; IF=10A; -diF/dt=100A/us; L<0.05uH; TVJ=100 C
o
35 4
50 4.4
ns A
FEATURES
* International standard package JEDEC TO-220AB * Planar passivated chips * Very short recovery time * Extremely low switching losses * Low IRM-values * Soft recovery behaviour
APPLICATIONS
* Antiparallel diode for high frequency switching devices * Antisaturation diode * Snubber diode * Free wheeling diode in converters and motor control circuits * Rectifiers in switch mode power supplies (SMPS) * Inductive heating and melting * Uninterruptible power supplies (UPS) * Ultrasonic cleaners and welders
ADVANTAGES
* High reliability circuit operation * Low voltage peaks for reduced protection circuits * Low noise switching * Low losses * Operating at lower temperature or space saving by reduced cooling
SUR2060CT
Ultra Fast Recovery Epitaxial Diodes
F ig. 1 F orward current vers us voltage drop.
F ig. 2 R ecovery charge vers us -diF /dt.
F ig. 3 P eak revers e current vers us -diF /dt.
F ig. 4 Dynamic parameters vers us junction temperature.
F ig. 5 R ecovery time vers us -diF /dt.
F ig. 6 P eak forward voltage vers us diF /dt.
F ig. 7 T rans ient thermal impedance junction to cas e.


▲Up To Search▲   

 
Price & Availability of SUR2060CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X