Part Number Hot Search : 
R0603 BJ225 AM7201 ABR3504 TMC423 E007383 MK325B W529XXA
Product Description
Full Text Search
 

To Download SRP7500S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TRUE SOFT RECOVERY CHARACTERISTIC WITH NO RINGING, SPIKES, or OVERSHOOT
@qTaw2t qq@sqi gdb da t b yu x v ubitr p hfe cb
Wide Range of Applications - Inverters, Converters Choppers, Power Supplies, etc.
Finish: All external surfaces are corrosion resistant and the contact areas are readily solderable
GI$v Et s)ArdW ip R ehdgfEA edb aEEEUD TIT SQIFGE)B@ y x w u ip q i A f Rc YXWVP D RP H DCA
MECHANICAL DATA
Soldering Temperature: 250 C maximum
Weight: 0.6 Ounces (1.8 Grams)
Polarity: Color band denotes cathode
Mounting Position: Any
Proprietary SOFT GLASS Junction Passivation For Superior Reliability and Performance
UNMATCHED PERFORMANCE - Minimal RFI/EMI, Reduced Power Losses, Extremely Cool Operation Increased Power Supply Efficiency
HIGH FREQUENCY: 250 kHz FAST RECOVERY: 100nS - 150nS
VOID FREE Vacuum Die Soldering For Maximum Mechanical Strength And Heat Dissipation (Solder Voids: Typical < 2%, Max. < 10% of Die Area)
75 AMP HIGH FREQUENCY SOFT RECOVERY BUTTON DIODES
18020 Hobart Blvd., Unit B Gardena, CA 90248 U.S.A Tel.: (310) 767-1052 Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP
PARAMETER (TEST CONDITIONS)
FEATURES
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
DIE SIZE: 0.250" ROUND Largest Die Available In The Industry
M
RoHS COMPLIANT
SYMBOL
A
D
MECHANICAL SPECIFICATION
F
B
Data Sheet No. SRPD-7500S-1A
RATINGS
DIM
M
D
B
A
F
MILLIMETERS
4.19
5.46
8.43
5.94
MIN
5 NOM
MAX 8.69
4.45
6.25
5.71
UNITS
0.165
0.215
0.234
0.332
MIN
5 NOM
INCHES
0.175
MAX 0.342
0.225
0.246
F13
uuuyy/
/ /ou
|| (c)
o 9yn oo oo i ee |ese i i |oi ca |aaea9a
A3/4AA A 3/4 %P|01/2 1/4 00P0||PY U'%PU aUUUa UU 0 0 PS 0Sd|b |5W V'U 0S e T caYX T RR 0%Q
IEEO OOO OO IEAE aaa a IEEE IIE EE * OIAE$I ON YEEU UU U CCA IAE$A AA II OIx A A
s|* H OO x Hyu ~ |} CA DB@ IG PH EF
))B E)5 (R) )B
(R)e! | %(c)(R) j! y |%o P|| (R) | (c) | N II%%%EeeO !!E oN I%I0Ee!I I%0e(c)E C|A E I E O OO E CO E I E E EIEE EE AEA v%B iyP|s|q 0 |r!yw%tusp |h|Pf q p v p i v q x v f r q i g %P f% r |!%q 0z|x vwu(c)%f 0eerB h vx{ h y t ki s r l % r q gg k f g f d l i h f 0f y|po%n |%femkjf% gde(c) | 8 6 3 1 )(# $ " 9745(c)220'&% # |! (c) |
y ae u i o e n e i o ue iEe Ia ae SdIaIEeE/ aIeieo aI)aeeQaIn ueou uaeIu a uSiIn eoi Io Eo Gna esezeiBdee SeEcaGa y u / o oo e i a ie i ie ae e e ae g se2e E d $I SE I Ir f I~ SeQI E)a)e seEIrGo e)} ~ ~ I Se5o e) |Ii { sSeyzEw kvEet s5qrrol ke)h xtx u pn lm ji (c) | I5) s
YXWV USRQ T22|6|T22IP222|DB@22622220 H G F E C A 9 8 7 5 $4 E3 3 I 1/21/4 1 553/4 A '# )(& %$" !
9 8 % 7 6$%(c) 54 $%3 $2(c)% $)#% $( $%#% $% $# | % & (c) ' 1 (c) 0 | ( ' ' & ! | " ! (c)


▲Up To Search▲   

 
Price & Availability of SRP7500S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X