Part Number Hot Search : 
4085B GBPC35A DM901006 DL5405 NJL71H APL0972 MGB120D 4730A
Product Description
Full Text Search
 

To Download SMP1302 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SMP1302 Series: Switch and Attenuator Plastic Packaged PIN Diodes
Features

Designed for base station and handset applications Low-distortion design
Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 C(1) per JEDEC J-STD-020 Available in tape and reel packaging
Description
The SMP1302 series of plastic packaged, surface mountable, low capacitance (0.3 pF) silicon PIN diodes is designed for high-volume switch and attenuator applications from 10 MHz to beyond 2 GHz. These diodes are designed for use in lowdistortion PI and TEE attenuators with low drive current (maximum resistance at 1 mA is 10 ) commonly used in TV distribution and cellular base station applications. The nominal 50 m I region width, combined with a maximum resistance of 3 at 10 mA, makes these diodes useful in large signal switch applications. Available as single and dual diodes in a selection of plastic packages including SOT-23, SOD-323, small footprint SC-79, an ultralow inductance (0.2 nH) SOT-143 (SMP1302-017) and miniature SC-70. Available in a SOT-5 (SMP1302-027) package as a four-diode array designed for insertion in the commonly used four-diode PI attenuator circuit.
Absolute Maximum Ratings
Characteristic Reverse voltage (VR) Power dissipation @ 25 C lead temperature (PD) Storage temperature (TST) Operating temperature (TOP) ESD human body model Value 200 V 250 mW -65 C to +150 C -65 C to +150 C Class 1C
Performance is guaranteed only under the conditions listed in the specifications table and is not guaranteed under the full range(s) described by the Absolute Maximum specifications. Exceeding any of the absolute maximum/minimum specifications may result in permanent damage to the device and will void the warranty.
NEW
Skyworks offers lead (Pb)-free, RoHS (Restriction of Hazardous Substances)-compliant packaging.
CAUTION: Although this device is designed to be as robust as possible, ESD (Electrostatic Discharge) can damage this device. This device must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. Industry-standard ESD precautions must be employed at all times.
1. SOT-5 (-027) MSL to be defined.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200043 Rev. D * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * June 8, 2006
1
DATA SHEET * SMP1302 SERIES
Single SOT-23 SMP1302-001 Marking: PF1 SMP1302-001LF Marking: RF1 LS = 1.5 nH
Common Anode SOT-23 SMP1302-003 Marking: PF9 SMP1302-003LF Marking: RF9 LS = 1.5 nH
Common Cathode SOT-23 SMP1302-004 Marking: PF3 SMP1302-004LF Marking: RF3 LS = 1.5 nH SC-70 SMP1302-074 Marking: PF3 SMP1302-074LF Marking: RF3 LS = 1.4 nH
Series Pair SOT-23 SMP1302-005 Marking: PF2 SMP1302-005LF Marking: RF2 LS = 1.5 nH SC-70
Single SOD-323 SMP1302-011 Marking: PF SMP1302-011LF Marking: RF LS = 1.5 nH
Ultralow Inductance SOT-143 SMP1302-017 Marking: PFF SMP1302-017LF Marking: RFF LS = 0.2 nH
PI SOT-5 SMP1302-027 Marking: PFM SMP1302-027LF Marking: RFM
Single SC-79 SMP1302-079 SMV1302-079LF LS = 0.7 nH
SMP1302-075LF Marking: RF2 LS = 1.4 nH
LF denotes lead (Pb)-free, RoHS-compliant packaging option as an alternative to our standard tin/lead (Sn/Pb) packaging.
BUY NOW
Innovation to GoTM Select Linear Products (indicated by ) now available for purchase online.
Electrical Specifications at 25 C
Parameter Reverse current (IR) Capacitance (CT)(1) Resistance (RS) Resistance (RS) Resistance (RS) Forward voltage (VF) Carrier lifetime (TI) I region width
1. The SMP1302-017 and SMP1302-027 maximum capacitance is 0.45 pF.
Condition VR = 200 V F = 1 MHz, V = 30 V F = 100 MHz, I = 1 mA F = 100 MHz, I = 10 mA F = 100 MHz, I = 100 mA IF = 10 mA IF = 10 mA
Typ.
Max. 10 0.3
Unit A pF V s m
15
20 3 1.5
0.8 0.7 50
Typical Performance Data
1000 100
Series Resistance ()
10
Forward Current (mA)
0.1 1 10 100
100
10
1
1
0.1
0.1 0.01
0.01 400 500 600 700 800 900 1000
Forward Current (mA)
Forward Voltage (mV)
Series Resistance vs. Current @ 100 MHz
DC Characteristic
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 2
June 8, 2006 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200043 Rev. E
DATA SHEET * SMP1302 SERIES
0.8 0.7
300 250 1 MHz
Capacitance (pF)
0.6 0.5 0.4 0.3 0.2 0.1 0 0
Conductance (S)
200 150 100 50
0V
10 V
100 MHz
1 GHz
40 V 0 1 2 5 10 20 50 100 0 500 1000 1500 2000
Reverse Voltage (V)
Frequency (MHz)
Capacitance vs. Reverse Voltage
Conductance vs. Frequency and Reverse Voltage
SMP1302-017: Low Inductance PIN Diode in SOT-143 Package
The SMP1302-017 utilizes the SMP1302 PIN diode chip in a customized SOT-143 plastic package designed for high performance in high-frequency applications. Its effective inductance, based on the 3 GHz isolation, is less than 0.2 nH.
4 3
Resistance vs. Temperature @ 100 MHz
IF (mA) 0.02 0.1 0.3 R -55 C () -55 599 123 42.2 13.5 2 1.34 0.6 R -15 C () -15 653 135 46.6 15 2.3 1.5 0.74 R 25 C () 25 692 143 49.7 16.2 2.6 1.7 1 R 65 C () 65 715 154 54.3 17.9 2.9 2 1.1 R 100 C () 100 722 161 56.8 18.8 3 2 1.1
2
4
1 10 20
1
2
1
3
100
Lead Configuration
Schematic
Switch Connection
Recommended Solder Reflow Profiles
Refer to the "Recommended Solder Reflow Profile" Application Note.
Tape and Reel Information
Refer to the "Discrete Devices and IC Switch/Attenuators Tape and Reel Package Orientation" Application Note.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200043 Rev. E * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * June 8, 2006
3
DATA SHEET * SMP1302 SERIES
SC-70
0.071 (1.80 mm) Min. 0.087 (2.20 mm) Max. 0.010 (0.25 mm) Min. 0.016 (0.40 mm) Max. 0.071 (1.80 mm) Min. 0.094 (2.40 mm) Max. 1 0.014 (0.35 mm) Ref. 0.026 (0.65 mm) Ref. 0.051 (1.30 mm) Ref. 0.004 (0.10 mm) Min. 0.007 (0.18 mm) Max. 0.031 (0.80 mm) Min. 0.039 (1.00 mm) Max. 2
SOT-23
0.110 (2.80 mm) Min. 0.120 (3.04 mm) Max.
3
0.012 (0.30 mm) Min. 0.020 (0.50 mm) Max. 0.047 (1.20 mm) Min. 0.055 (1.40 mm) Max.
1 2
3 0.045 (1.15 mm) Min. 0.053 (1.35 mm) Max.
0.083 (2.10 mm) Min. 0.104 (2.64 mm) Max.
0.037 (0.95 mm) Ref. 0.020 (0.51 mm) Ref. 0.076 (1.92 mm) Ref. 0.003 (0.080 mm) Min. 0.008 (0.20 mm) Max. 8 Max. 0.035 (0.89 mm) Min. 0.044 (1.12 mm) Max.
0.004 (0.10 mm) Min. 0.012 (0.30 mm) Max.
0.000 (0.00 mm) Min. 0.004 (0.10 mm) Max.
0.022 (0.55 mm) Ref.
0.0005 (0.01 mm) Min. 0.004 (0.10 mm) Max.
SC-79
Cathode Indicator 0.010 (0.25 mm) Min. 0.014 (0.35 mm) Max.
1
SOD-323
0.006 (0.15 mm) Min. 0.028 (0.70 mm) Min. 0.035 (0.90 mm) Max. 0.090 (2.30 mm) Min. 0.108 (2.74 mm) Max. 0.010 (0.25 mm) Min. 0.016 (0.40 mm) Max. 0.063 (1.60 mm) Min. 0.071 (1.80 mm) Max.
2
0.045 (1.15 mm) Min. 0.053 (1.35 mm) Max.
1
2
0.060 (1.50 mm) Min. 0.067 (1.70 mm) Max. 0.043 (1.10 mm) Min. 0.051 (1.30 mm) Max. 0.020 (0.50 mm) Min. 0.028 (0.70 mm) Max. 10 Max. 0.006 (0.15 mm) Typ.
Cathode Indicator 0.008 (0.20 mm) Nom.
10 Max. 0.003 (0.07 mm) Min. 0.008 (0.20 mm) Max.
0.050 (1.25 mm) Max.
0.004 (0.10 mm) Max. 0.010 (0.25 mm) Min.
SOT-143
0.110 (2.80 mm) Min. 0.120 (3.04 mm) Max. 0.020 (0.50 mm) Ref. 4 0.083 (2.10 mm) Min. 0.104 (2.64 mm) Max. 1 0.068 (1.72 mm) Ref. 0.028 (0.70 mm) Ref. 0.030 (0.76 mm) Min. 0.035 (0.89 mm) Max. 0.031 (0.80 mm) Min. 0.047 (1.20 mm) Max. 0.012 (0.30 mm) Min. 0.020 (0.50 mm) Max. 2 3 0.076 (1.92 mm) Ref.
SOT-5
0.074 (1.90 mm) Ref. 5 4
0.069 (1.75 mm) 0.052 (1.30 mm) 3
0.118 (3.00 mm) 0.087 (2.20 mm)
1 0.020 (0.51 mm) 0.014 (0.35 mm) 0.012 (0.30 mm) 0.000 (0.00 mm) Min. 0.064 (1.63 mm) 0.035 (0.90 mm)
2
0.037 (0.95 mm) Ref. 0.012 (0.30 mm) Typ. 0.024 (0.61 mm) 0.004 (0.10 mm)
0.047 (1.20 mm) Min. 0.055 (1.40 mm) Max. 0.003 (0.08 mm) Min. 8 Max. 0.008 (0.20 mm) Max.
0.022 (0.55 mm) Ref.
0.0005 (0.01 mm) Min. 0.004 (0.15 mm) Max.
0.122 (3.10 mm) 0.106 (2.70 mm)
0.0104 (0.26 mm) 0.0035 (0.09 mm) Min.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 4
June 8, 2006 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200043 Rev. E
DATA SHEET * SMP1302 SERIES
Copyright (c) 2002, 2003, 2004, 2005, 2006, Skyworks Solutions, Inc. All Rights Reserved. Information in this document is provided in connection with Skyworks Solutions, Inc. ("Skyworks") products or services. These materials, including the information contained herein, are provided by Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials or the information contained herein. Skyworks may change its documentation, products, services, specifications or product descriptions at any time, without notice. Skyworks makes no commitment to update the materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from any future changes. No license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document. Skyworks assumes no liability for any materials, products or information provided hereunder, including the sale, distribution, reproduction or use of Skyworks products, information or materials, except as may be provided in Skyworks Terms and Conditions of Sale. THE MATERIALS, PRODUCTS AND INFORMATION ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, WHETHER EXPRESS, IMPLIED, STATUTORY, OR OTHERWISE, INCLUDING FITNESS FOR A PARTICULAR PURPOSE OR USE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY INTELLECTUAL PROPERTY RIGHT; ALL SUCH WARRANTIES ARE HEREBY EXPRESSLY DISCLAIMED. SKYWORKS DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING BUT NOT LIMITED TO ANY SPECIAL, INDIRECT, INCIDENTAL, STATUTORY, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THE MATERIALS OR INFORMATION, WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGE. Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which the failure of the Skyworks products could lead to personal injury, death, physical or environmental damage. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any damages resulting from such improper use or sale. Customers are responsible for their products and applications using Skyworks products, which may deviate from published specifications as a result of design defects, errors, or operation of products outside of published parameters or design specifications. Customers should include design and operating safeguards to minimize these and other risks. Skyworks assumes no liability for applications assistance, customer product design, or damage to any equipment resulting from the use of Skyworks products outside of stated published specifications or parameters. Skyworks, the Skyworks symbol, "Breakthrough Simplicity" and "Innovation to Go" are trademarks or registered trademarks of Skyworks Solutions, Inc., in the United States and other countries. Thirdparty brands and names are for identification purposes only, and are the property of their respective owners. Additional information, including relevant terms and conditions, posted at www.skyworksinc.com, are incorporated by reference.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200043 Rev. E * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * June 8, 2006
5


▲Up To Search▲   

 
Price & Availability of SMP1302

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X