Part Number Hot Search : 
CY7B1 NTE2302 PQ12RD8S 60F6X MHL8015 14390KZ CT244 216X7
Product Description
Full Text Search
 

To Download SL2220007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: SL22 20007
Ordering Different Lead Types:
Inside Kinked Leads Outside Kinked Leads Use -A after Ametherm's part # Use -B after Ametherm's part # SL22 20007-A
T
For example: to order an inside kinked lead use part number
D D D
B
L
S
STRAIGHT LEADS
S
OUTSIDE KINKED LEADS
S
INSIDE KINKED LEADS
C
Electrical Specifications:
Resistance @ 25C Max Steady State Current Up to 65C Max Recommended Energy Rating (Joules) Actual Failure Point of Instantaneous Energy (Joules) Resistance @ 100% of Max Current Resistance @ 100% of Max Current Body Temperature @ 100% Current Rating Dissipation Constant Thermal Time Constant Material Type Max Recommended Voltage Max Recommended Capacitance @ 120/240 VAC 20.0 25% 7.0 A 125.0 J 250.0 J 0.165 0.355 187 C 45.4mW/C 134 seconds "H" 600Vrms 8650F/2160F
Mechanical Specifications:
D T Lead Diameter S L Straight Leads Coating Run Down B C 20.0 1.0 mm 5.0 0.2 mm 1.0 0.1 mm 7.8 2.0 mm 38.0 9.0 mm 5.0 1.0 mm 9.35 0.85 mm 3.82 1.0 mm
Revision Date: April 13, 2005
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of SL2220007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X