Part Number Hot Search : 
ST1510 R2M10V22 D1031 CH125 LT323 LF2249 AD5539SQ VM800B
Product Description
Full Text Search
 

To Download SI4420BDY06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Si4420BDY
New Product
Vishay Siliconix
N-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V) 30 rDS(on) () 0.0085 at VGS = 10 V 0.0110 at VGS = 4.5 V ID (A) 13.5 11
FEATURES
* TrenchFET(R) Power MOSFET * 100 % Rg Tested
Pb-free
RoHS
COMPLIANT
SO-8
D S S S G 1 2 3 4 Top View Ordering Information: Si4420BDY-T1-E3 (Lead (Pb)-free) 8 7 6 5 D D D D G
S N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS TA = 25 C, unless otherwise noted
Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150 C)a Pulsed Drain Current Continuous Source Current (Diode Single Pulse Avalanche Current Avalanche Energy Maximum Power Dissipationa Operating Junction and Storage Temperature Range Conduction)a L = 0.1 mH TA = 25 C TA = 70 C TA = 25 C TA = 70 C Symbol VDS VGS ID IDM IS IAS EAS PD TJ, Tstg 2.5 1.6 - 55 to 150 2.3 20 20 1.4 0.9 mJ W C 13.5 10.8 50 1.26 10 sec 30 20 9.5 7.5 A Steady State Unit V
THERMAL RESISTANCE RATINGS
Parameter Maximum Junction-to-Ambienta Maximum Junction-to-Foot (Drain) Notes: a. Surface Mounted on FR4 Board, t 10 sec. For SPICE model information via the Worldwide Web: http://www.vishay.com/www/product/spice.htm. Document Number: 73067 S-61013-Rev. B, 12-Jun-06 www.vishay.com 1 t < 10 sec Steady State Steady State Symbol RthJA RthJF Typical 40 70 23 Maximum 50 90 28 C/W Unit
Si4420BDY
Vishay Siliconix
SPECIFICATIONS TJ = 25 C, unless otherwise noted
Parameter Static Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Resistancea Forward Transconductancea Diode Forward Voltage Dynamicb Gate Charge Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgt Qgs Qgd Rg td(on) tr td(off) tf trr IF = 2.3 A, di/dt = 100 A/s VDD = 15 V, RL = 15 ID 1 A, VGEN = 10 V, Rg = 6 0.5 VDS = 15 V, VGS = 10 V, ID = 13.5 A VDS = 15 V, VGS = 5 V, ID = 13.5 A 16 31 6.6 4.0 1.0 15 11 40 12 30 1.5 25 18 60 20 50 ns 25 50 nC
a
Symbol VGS(th) IGSS IDSS ID(on) rDS(on) gfs VSD
Test Conditions VDS = VGS, ID = 250 A VDS = 0 V, VGS = 20 V VDS = 30 V, VGS = 0 V VDS = 30 V, VGS = 0 V, TJ = 55 C VDS 5 V, VGS = 10 V VGS = 10 V, ID = 13.5 A VGS = 4.5 V, ID = 11 A VDS = 15 V, ID = 13.5 A IS = 2.3 A, VGS = 0 V
Min 1.0
Typ
Max 3.0 100 1 5
Unit V nA A A
30 0.007 0.009 50 0.75 1.1 0.0085 0.0110
S V
Notes: a. Pulse test; pulse width 300 s, duty cycle 2 %. b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS 25 C unless noted
50 45 40 VGS = 10 thru 4 V
40 35 30
I D - Drain Current (A)
I D - Drain Current (A)
35 30 25 20 15 10 5 0 0 1 2 3 4 5 3V
25 20 15 TC = 125 C 10 5 0 0.0 25 C - 55 C 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Output Characteristics
Transfer Characteristics
www.vishay.com 2
Document Number: 73067 S-61013-Rev. B, 12-Jun-06
Si4420BDY
Vishay Siliconix
TYPICAL CHARACTERISTICS
0.020
25 C unless noted
3000
On-Resistance ()
0.016 Capacitance (pF)
2500
Ciss
2000
0.012 VGS = 4.5 V 0.008 VGS = 10 V 0.004
1500
-
C
r DS(on)
1000 Coss Crss
500
0.000 0 10 ID 20 30 40 50
0 0 5 VDS 10 15 20 25 30
-
Drain Current (A)
-
Drain-to-Source Voltage (V)
On-Resistance vs. Drain Current
10 Gate-to-Source Voltage (V) VDS = 15 V ID = 13.5 A rDS(on) - On-Resistance (Normalized) 1.6 VGS = 10 V ID = 13.5 A
Capacitance
8
1.4
6
1.2
4
1.0
V GS
-
2
0.8
0 0 5 Qg 10 15 20 25 30
0.6 - 50
- 25
0
25
50
75
100
125
150
-
Total Gate Charge (nC)
TJ - Junction Temperature (C)
Gate Charge
50 0.05
On-Resistance vs. Junction Temperature
0.04 I S - Source Current (A) TJ = 150 C 10 On-Resistance () ID = 13.5 A 0.03
0.02
TJ = 25 C
r DS(on)
0.01 0.00
1 0.00 0.2 0.4 0.6 0.8 1.0 1.2
0
2
4
6
8
10
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
Document Number: 73067 S-61013-Rev. B, 12-Jun-06
www.vishay.com 3
Si4420BDY
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C unless noted
0.4 ID = 250 A 40 50
0.2 V GS(th) Variance (V)
0.0 Power (W) 30 TA = 25 C 20
- 0.2
- 0.4 10
- 0.6
- 0.8 - 50
- 25
0
25
50
75
100
125
150
0 10- 2
10- 1
1 Time (sec)
10
100
600
TJ - Temperature (C)
Threshold Voltage
Single Pulse Power
100 Limited by rDS(on) 10 1 ms 1 100 s, 10 s
10 ms 100 ms
0.1
1s TA = 25 C Single Pulse 10 s dc, 100 s
0.01 0.1 1 10 100
VDS - Drain-to-Source Voltage (V)
Safe Operating Area, Junction-to-Case
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2
Notes:
0.1 0.1 0.05
t1 PDM
0.02
t2 1. Duty Cycle, D =
t1 t2 2. Per Unit Base = R thJA = 70 C/W 3. T JM - TA = PDMZthJA(t) 4. Surface Mounted
Single Pulse 0.01 10- 4 10- 3 10- 2 10- 1 1 Square Wave Pulse Duration (sec)
10
100
600
Normalized Thermal Transient Impedance, Junction-to-Ambient
www.vishay.com 4
Document Number: 73067 S-61013-Rev. B, 12-Jun-06
Si4420BDY
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C unless noted
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10
Normalized Thermal Transient Impedance, Junction-to-Foot
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?73067
Document Number: 73067 S-61013-Rev. B, 12-Jun-06
www.vishay.com 5
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SI4420BDY06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X