Part Number Hot Search : 
XC620 FPD6836 PN168 D66EV750 023221 655ORG BZX84J VTM1EGD
Product Description
Full Text Search
 

To Download SD197-70-74-661 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD 197-70-74-661 Cooled Large Area 10mm Red Silicon APD Module
PACKAGE DIMENSIONS INCH [mm]
FEATURES
* Low noise * Small size * High sensitivity
DESCRIPTION
The SD 197-70-72-661 module Incorporates a 10mm cooled APD, TEC controller, HV supply, and two stage preamplifier, in a small package
APPLICATIONS
* Industrial * Medical
ABSOLUTE MAXIMUM RATING* (TA)= 23C UNLESS OTHERWISE NOTED
SYMBOL +/- 12 VS +5 VS TSTG TO PARAMETER Voltage Supplies Storage Temperature Operating Temperature MIN +/-11 +4.75 -40 0 MAX +/-13 +5.25 +70 +40 UNITS V C C
ELECTRIC WIRING TABLE
WIRE COLOR Red Green Black Blue** Orange Violet Gray Yellow White +12V GND -12V External Bias Adjust Input HV Monitor Temperature Monitor Temperature Monitor GND +5V GND for +5V Supply ITEM
*All specifications apply when APD is at 0C with a gain of 300 and a load resistance of 50 ohms. Typical HV divider Ratio and voltage gain is 404. Recommended load on amplifier output is from 50ohms to 1Mohm. Devices must be mounted to a heat sink with TEC on. **To activate the external bias control (blue wire), turn the gain adjust fully counter clockwise and place a jumper across J1 the external bias select connector. Input voltage on blue wire 0 to 5 volts. The module must be operated with a heat sink.
*ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23C UNLESS OTHERWISE NOTED
SYMBOL Is Vos lrange S NEP Ro fcut CHARACTERISTIC Current Supply Output Offset Spectral Application Range Sensitivity Noise Equivalent Power Output resistance High Cutoff Frequency TEST CONDITIONS +12V supply -12V supply +5V supply Spot Scan f = 1MHz, l= 500nm f = 1MHz, l= 500nm l= 675 nm MIN 120 30 0.8 350 4.8
7 x10-15
TYP
1
MAX 220 50 1.9 5 1050
UNITS mA mV nm 105V/W W/ Hz ohms MHz
11
50 14
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are subject to change without notice.
Germany and other countries: LASER COMPONENTS GmbH, Phone: +49 8142 2864 0, Fax: +49 8142 2864 11, info@lasercomponents.com Great Britain: LASER COMPONENTS (UK) Ltd., Phone: +44 1245 491 499, Fax: +44 1245 491 801, info@lasercomponents.co.uk
Cooled Large Area 10mm Blue Silicon APD Module SD 197-70-74-661
7
Spectral Sensitivity Blue @ Gain 300
30 25
Dark Ouput Noise @ Gain 300
S e n s itiv ity (1 0 5 V /W )
6 5
) Noise (nV/Hz
4 3 2 1 0
1/2
20 15 10 5
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
1050
0
0.01
Wavelength (nm)
Frequency (MHz)
Mechanical Dimension in inches
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are subject to change without notice.
100
0.1
10
1
2
www.lasercomponents.com Issue: 08/06 / V1 / HW /api/apd/cooled-laapd-mod/ SD197-70-74-661.pdf Germany and other countries: LASER COMPONENTS GmbH, Phone: +49 8142 2864 0, Fax: +49 8142 2864 11, info@lasercomponents.com Great Britain: LASER COMPONENTS (UK) Ltd., Phone: +44 1245 491 499, Fax: +44 1245 491 801, info@lasercomponents.co.uk


▲Up To Search▲   

 
Price & Availability of SD197-70-74-661

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X