Part Number Hot Search : 
IR2C30N 060PT M400015 I1504RW LT1188CK WE9192A C4851 AN2352
Product Description
Full Text Search
 

To Download SA150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SA5.0 THRU SA170A
Features
*500W Peak pulse power capability *Excellent clamping capability *Low incremental surge resistance *Fast response time:Typically less than 1.0ps from 0v to
DO-15
VBR for unidirection and 5.0 ns for bidirectional types.
Mechanical Data
*Cases:Molded plastic *Epoxy:UL94V-0 rate flame retardant *Lead:Axial leads,solderable per MIL- STD-202,
.140(3.6) .104(2.6) DIA.
1.0(25.4) MIN.
.300(7.6) .230(5.8)
Method 208 guaranteed
*Polarity:Color band denotes cathode except Bipolar *Mounting position:Any *Weight:0.40 gram .034(.9) .028(.7) DIA. Dimensions in inches and (millimeters) 1.0(25.4) MIN.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
o
Type Number
Peak Power Dissipation (Note 1) Peak Pulse reverse current (Note 1) Steady State Power Dissipation (Note 2) Peak Forward Surge Current (Note 3) Maximum Instaneous Forward Voltage at 50.0A for Unidirectional Only Operating and Storage Temperature Range PPPM IPPM PM(AV) IFSM VF TJ,TSTG
Value
Minimun 500 See Table 1.0 70 3.5 -55~+175
o
Units
W A W A V
0
C
NOTES: 1. 10/1000us waveform Non-repetitive Current Pulse Per Fig.3 and Derated above TA=25 C Per Fig.2. o 2.T1=75 C,lead lengths 9.5mm, Mounted on Copper Pad Area of (40 x40 mm) Fig.5 3.Measured on 8.3ms Single Half Sine-Wave or Equivalent Square Wave,Duty Cycle=4 Pulses Per Minute Maximun. Devices for Bipolar Applications 1.For Bidirectional Use C or CA Suffix for Types SA5.0 thru types SA170 (e.g.SA5.0C,SA170CA) 2.Electrical Characteristics Apply in Both Directions.
RATING AND CHARACTERISTIC CURVES SA5.0 THRU SA170A
PEAK PULSE POWER (Ppp) or CURRENT (IPPM) DERATING IN PERCENTAGE,%
FIG.1- PEAK PULSE POWER RATING CURVE 100
PPPM, PEAK PULSE POWER,KW NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG.3 TA=250C
FIG.2-PULSE DERATING CURVE 100
75
10
50
1.0
25
0.1 0.1us 1.0us 10us 100us 1.000us 10.000us
0 0 25 50 75 100 125 150 0 TA,AMBIENT TEMPERATURE. C 175 200
tp,PULSE WIDTH,sec.
FIG.3- PULSE WAVEFORM 150
tr=10 usec.
PULSE WIDTH (td) IS DEFINED sa the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPPM
FIG.5-MAXIMUN NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL ONLY
IFSM,PEAK FORWARD SURGE CURRENT, AMPERES
200
Tj=Tj max. 8.3ms Single Half Sine Wave JEDEC Method
PEAK PULSE CURRENT.%
100
100
HALF VALUE- lPPM 2 10/1000 sec. WAVEFORM as DEFINED by R.E.A.
50
0 0
td
10 1 10 NUMBER OF CYCLES AT 60Hz 100
1.0
2.0 t,TIME,ms
3.0
4.0
PM(AV),STEADY STATE POWER DISSIPATION, WATTS
FIG.5-STEADY STATE POWER DERATING CURVE 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0
1.6 x 1.6 x .040" (40 x40 x1mm) COPPER HEAT SINKS L=0.375"(9.5mm) LEAD LENGTHS
25
50 75 100 125 0 TL,LEAD TEMPERATURE. C
150
175
200
ELECTRICAL CHARACTERISTICS (TA=250C unless otherwise noted)
Device Type Breakdown Voltage V(BR) (Note1) Volts Min Max
6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.6 38.0 34.4 40.7 36.8 44.9 40.6
Test Current IT (mA)
10.0 10.0 10.0 10.0 10.0 10.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stant-off voltage VWM (Volts)
5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 15.0 15.0 16.0 16.0 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 33.0 33.0
Maximun Reverse Leakage at VWM ID(Note3) uA
600 600 600 600 400 400 150 150 50 50 25 25 10 10 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Maximun Peak Pulse Current IPPM(Note2) Amps
54.0 57.0 46.0 50.0 42.0 46.0 39.0 43.0 36.0 40.0 35.0 38.0 33.0 36.0 31.0 34.0 27.0 30.0 26.0 28.0 23.0 26.0 22.0 24.0 20.3 22.6 19.5 21.0 18.0 20.0 17.0 19.0 16.3 17.9 14.0 16.0 13.0 14.7 12.0 13.4 11.0 12.4 10.0 11.5 9.8 10.8 8.8 9.8
Maximun Clamping Voltage at IPPM Vc Volts
9.60 9.20 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.6 43.0 38.9 46.6 42.1 50.1 45.4 53.5 48.4 59.0 53.3
Maximun Temperature Coefficient of VBR MV / 0C
5.0 5.0 5.0 5.0 5.0 5.0 6.0 6.0 7.0 7.0 7.0 7.0 8.0 8.0 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 16.0 16.0 19.0 17.0 20.0 19.0 21.0 20.0 25.0 23.0 28.0 25.0 31.0 28.0 31.0 30.0 35.0 31.0 39.0 36.0 42.0 39.0
SA5.0 SA5.0A SA6.0 SA6.0A SA6.5 SA6.5A SA7.0 SA7.0A SA7.5 SA7.5A SA8.0 SA8.0A SA8.5 SA8.5A SA9.0 SA9.0A SA10 SA10A SA11 SA11A SA12 SA12A SA13 SA13A SA14 SA14A SA15 SA15A SA16 SA16A SA17 SA17A SA18 SA18A SA20 SA20A SA22 SA22A SA24 SA24A SA26 SA26A SA28 SA28A SA30 SA30A SA33 SA33A
ELECTRICAL CHARACTERISTICS (TA=250C unless otherwise noted)
Device Type Breakdown Voltage V(BR) (Note1) Volts Min Max
40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 88.3 88.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.2 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86 102 92.1 103 95.8 115 104 122 111 136 123 149 135 163 147 176 159 204 185 218 197 231 209
Test Current IT (mA)
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stant-off voltage VWM (Volts)
36.0 36.0 40.0 40.0 43.0 43.0 45.0 45.0 48.0 48.0 51.0 51.0 54.0 54.0 58.0 58.0 60.0 60.0 64.0 64.0 70.0 70.0 75.0 75.0 78.0 78.0 85.0 85.0 90.0 90.0 100 100 110 110 120 120 130 130 150 150 160 160 170 170
Maximun Reverse Leakage at VWM ID(Note3) uA
1.0 1.0 1.0 1.0 1.0 1.0 150 150 50 50 25 25 10 10 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Maximun Peak Pulse Current IPPM(Note2) Amps
8.1 9.0 7.3 8.1 6.8 7.5 6.5 7.2 6.1 6.7 5.7 6.3 5.4 6.0 5.0 5.6 4.9 5.4 4.6 5.0 4.2 4.6 3.9 4.3 3.7 4.1 3.4 3.8 3.2 3.5 2.9 3.2 2.6 2.9 2.4 2.7 2.2 2.5 1.9 2.1 2.0 2.0 1.7 1.9
Maximun Clamping Voltage at IPPM Vc Volts
64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 230 209 268 243 257 259 304 275
Maximun Temperature Coefficient of VBR MV / 0C
46.0 41.0 51.0 46.0 55.0 50.0 58.0 52.0 63.0 56.0 66.0 61.0 71.0 65.0 78.0 70.0 80.0 71.0 86.0 76.0 94.0 85.0 101 91 105 95 114 103 121 110 135 123 148 133 162 146 175 158 203 184 217 196 230 208
SA36 SA36A SA40 SA40A SA43 SA43A SA45 SA45A SA48 SA48A SA51 SA51A SA54 SA54A SA58 SA58A SA60 SA60A SA64 SA64A SA70 SA70A SA75 SA75A SA78 SA78A SA85 SA85A SA90 SA90A SA100 SA100A SA110 SA110A SA120 SA120A SA130 SA130A SA150 SA150A SA160 SA160A SA170 SA170A
Notes: 1.VBR measured after IT applied for 300us.IT=square wave pulse or equivalent. 2.Surge current waveform per Figure 3 and derate per Figue 2. 3.For bipolar types having VWMof 10 volts and under,the ID limit is doubled. 4.All terms and symbols are consistent with ANSI/IEEE C62.35.


▲Up To Search▲   

 
Price & Availability of SA150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X