Part Number Hot Search : 
B65525 MAN6710 N5817L 3KP58A LF502RU 164GB 984CU XF0652P
Product Description
Full Text Search
 

To Download RL251 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
RL251 - - - RL257
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 2.5 A
PLASTIC SILICON RECTIFIER
Low cost Diffused junction Low leakage Low forward voltage drop High current capability Easily cleaned with Freon,Alcohol,Isopropanol and similar solvents The plastic material carries U/L recognition 94V-0
R-3
MECHANICAL DATA
Case:JEDEC R-3,molded plastic Terminals: Axial lead ,solderable per MIL- STD-202,Method208 Polarity: Color band denotes cathode end Weight:0.021 ounces0.58 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate current by 20%.
RL 251
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current 9.5mm lead length @TA=75 Peak forw ard surge current 8.3ms single half-sine-w ave superimpoded on ratde load @TJ =125 Maximum instantaneous forw ard voltage @ 2.5 A Maximum reverse current at rated DC blocking voltage Typical junction capacitance Typical thermal resistance @TA=25 @TA=100 (Note1) (Note2)
RL 252
100 70 100
RL 253
200 140 200
RL 254
400 280 400 2.5
RL 255
600 420 600
RL 256
800 560 800
RL 257
1000 700 1000
UNITS
V V V A
V RRM V RMS VDC IF(AV)
50 35 50
IFSM
150.0
A
VF IR CJ R
JA
1.1 5.0 50.0 25 30 -55----+150 -55----+150
V A pF /W
Operaring junction temperature range Storage temperature range
TJ TSTG
NOTE: 1. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC. 2. Thermal resistance f rom junction to ambient.
www.galaxycn.com
Document Number 0260007
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- FORWARD DERATING CURVE INSTANTANEOUS FORWARD CURRENT AMPERES
RL251- - - RL257
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
100 10
4 2 1.0 0.4 0.2 0.1 0.06 0.04 0.02 0.01 0.6 0.8 1.0 1.2 1.4 1.6 TJ=25 Pulse Width=300us
AVERAGE FORWARD CURRENT
2.5 2.0 1.5
AMPERES
1.0 0.5
Single Phase Half Wave 60HZ Resistive or Inductive Load
0
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.3 -- PEAK FORWARD SURGE CURRENT
FIG.4 --TYPICAL JUNCTION CAPACITANCE
PEAK FORWARD SURGE CURRENT
JUNCTION CAPACITANCE,pF
200
100 60 40 20 10 4 2 1 .1 .2 .4 1.0 2 4 10 20
40 f=1MHz TJ=25
150
TJ=125ae 8.3ms Single Half Sine-W ave
AMPERES
100
50
0
1
2
4
8 10
20
40
60 80 100
100
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
www.galaxycn.com
Document Number 0260007
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of RL251

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X