Part Number Hot Search : 
HSP451 MC74LV 28F640 CN25M P4840 ADF4208 BYC10 ISL3680
Product Description
Full Text Search
 

To Download RL251 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
Mechanical Dimensions
JEDEC D0-15
.104 .140 .230 .300 1.00 Min.
RL251 . . . 257 Series
Description
.031 typ.
Features
n LOW COST n LOW LEAKAGE n DIFFUSED JUNCTION n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25oC. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) TA = 55C (Note 3) Non-Repetitive Peak Forward Surge Current...IFSM @ Rated Current & Temp Forward Voltage @ 3.0A...VF DC Reverse Current...IR @ 25C @ Rated DC Blocking Voltage @ 75C Typical Junction Capacitance...CJ (Note 1) Typical Thermal Resistance...RJC (Note 2) Operating & Storage Temperature Range...TJ, TSTRG
RL251 . . . RL257 Series RL251 50 35 50 RL252 100 70 100 RL253 200 140 200 RL254 400 280 400 RL255 600 420 600 RL256 800 560 800 RL257 1000 700 1000
Units
Volts Volts Volts Amps
............................................. 2.5 ...............................................
............................................. 200 ...............................................
Amps
............................................. 1.0 ............................................... ............................................. 1.0 ............................................... ............................................. 100 ............................................... < .................... 50 ................... > < ............. 25 ............ >
Volts Amps Amps pF C / W C
............................................. 28 ............................................... ......................................... -65 to 175 ..........................................
Page 9-10
Data Sheet
2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
Instantaneous Forward Characteristics
Typical Junction Capacitance
pF
Amps
Distribution
TJ = 25C Reverse Voltage (Volts)
Forward Voltage (Volts)
Peak Forward Surge Current
Forward Current Derating Curve
Amps
Amps
TJ = 175C PW = 8.3ms
Ratings at 25 Deg. C ambient temperature unless otherwise specified.
Number of Cycles @ 60 Hz
TA = Ambient Temperature (C)
Single Phase Half Wave, 60 HZ Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V. 2. Thermal Resistance Junction to Ambient, Jedec Method. 3. When Mounted to heat sink, from body.
Page 9-11
RL251 . . . 257 Series


▲Up To Search▲   

 
Price & Availability of RL251

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X