Part Number Hot Search : 
LM321 2903109 ML672 S3F441FX SST2611B AR358 25SHG2BM DA100
Product Description
Full Text Search
 

To Download RFP-100200N4X50-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model RFP-100200N4X50-2 Aluminum Nitride Terminations
Aluminum Nitride Chip Terminations
30 Watts, 50
General Specifications
Resistive Element: Substrate: Terminals: Thick film Aluminum nitride ceramic Tin/Lead, 90/10 over nickel
Electrical Specifications Features
* DC - 3.0 GHz * 30 Watts * Aluminum Nitride (AlN) Ceramic * Terminal for Lead Attachment * Non-Nichrome Resistive Element * Low VSWR * 100% Tested
Resistance Value: Frequency Range: Power: V.S.W.R.: 50 ohms, 2% DC - 3.0 GHz 30 Watts 1.25:1
Notes: Tolerance is .010, unless otherwise specified. Operating temperature is -55C to +150C (see chart). Designed to meet or exceed applicable portions of MIL-E-5400. All dimensions are in inches. Specifications subject to change without notice.
Outline Drawing
SIDE VIEW .040 TOP VIEW .100
.200
.030
HATCHED AREA INDICATES PROTECTIVE COATING
VER. 12/5/01
Available on Tape and Reel for Pick and Place Manufacturing.
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121 Sales Desk Europe: Voice: (+44) 23 92 232392 Fax: (+44) 23 92 251369
1
Model RFP-100200N4X50-2
% OF RATED POWER
Aluminum Nitride Chip Terminations
2
Typical Performance
Power Derating
Suggested Mounting Procedures
.025 MIN. (2 PLACES)
100 75 50 25 0 25 50 75 100 125 150
BOARD LOWER THAN LEAD. SUGGESTED STRESS RELIEF METHODS SCALE: NONE
CASE TEMPERATURE -- C
1. Make sure that the devices are mounted on flat surfaces (.001" under the device) to optimize the heat transfer. 2. Position device on mounting surface and solder in place using an SN96 type solder. 3. Solder leads in place using an SN63 type solder with a controlled temperature iron (700F).
Available on Tape and Reel for Pick and Place Manufacturing.
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121 Sales Desk Europe: Voice: (+44) 23 92 232392 Fax: (+44) 23 92 251369


▲Up To Search▲   

 
Price & Availability of RFP-100200N4X50-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X