Part Number Hot Search : 
IXDS430 BFG424F IDT713 T3004 SOT23 DG412DYZ FFM101 SOT23
Product Description
Full Text Search
 

To Download RFP-100200-4Y100-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model RFP-100200-4Y100-2 Surface Mount Resistors
5 Watts, 100
Surface Mount Resistors
General Specifications
Resistive Element: Substrate: Terminals: Thick film Beryllium oxide ceramic Thick film silver
Electrical Specifications Features
* DC - 3.0 GHz * 5 Watts * BeO Ceramic * Non-Nichrome Resistive Element * Low Capacitance * 100% Tested
Resistance Value: Frequency Range: Power: Capacitance: 100 ohms, 2% DC - 3.0 GHz 5 Watts 0.3 pF
Notes: Tolerance is .010, unless otherwise specified. Operating temperature is -55C to +125C (see chart). Designed to meet or exceed applicable portions of MIL-E-5400. All dimensions are in inches. Specifications subject to change without notice.
Outline Drawing
Note: XXX denotes value
VER. 12/5/01
Available on Tape and Reel for Pick and Place Manufacturing.
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121 Sales Desk Europe: Voice: (+44) 23 92 232392 Fax: (+44) 23 92 251369
1
Model RFP-100200-4Y100-2
Surface Mount Resistors
2
Typical Performance
Power Derating
Suggested Mounting Procedures
1. Make sure that the devices are mounted on flat surfaces (.001" under the device) to optimize the heat transfer. 2. Position device on mounting surface and solder in place using a 60/40 type or an SN63 type solder.
Available on Tape and Reel for Pick and Place Manufacturing.
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121 Sales Desk Europe: Voice: (+44) 23 92 232392 Fax: (+44) 23 92 251369


▲Up To Search▲   

 
Price & Availability of RFP-100200-4Y100-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X