Part Number Hot Search : 
FUJITSU G15BN 01201 MAX5038A LL4448 YM72V804 PW654425 KDV240
Product Description
Full Text Search
 

To Download PWT05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PWT
MINIBRIDGE 30 AMPERES
THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
T pr his og m ra ar m ki of nd U ica nd te er s w re rit co er g s ni La tio bo n ra u n to de rie r s, the in c c. o m po ne nt
PWT SERIES
PRV/Leg Type No.
50V PWT05
100V PWT10
200V PWT20
400V PWT40
600V PWT60
800V PWT80
1000V PWT100
1200V PWT120
1400V PWT140
ELECTRICAL CHARACTERISTICS PER LEG (at TA=25 C Unl es s Oth erw ise Spe ci fie d)
Max.Forward V oltage Drop VF =1.2 V @ I F = Max. DC Reverse Current Max. DC Reverse Current @ PRV and 25 C, I R @ PRV and 100 oC, I R
o
12 10 100 400 - 55 to +175 2.2typ.
Amp
A A
Max. Peak Surge Current, IFSM (8.3ms) Storage T emperature Range, TSTG
Amp
o o
C
Thermal Resistance (T otal Bridge), R 0 j-c
C/ W
EDI reserves the right to change these specifications at any time without notice
PWT
Figure 1 CURRENT DERATING
30
Figure 2
PT(AV). TOTAL AVERAGE POWER DISSIPATION (WATTS)
POWER DISSIP ATION
60
IF(AV) . AVERAGE FORWARD CURRENT (AMP)
25
3O BRIDGE OUTPUT RES.-IND. LOADS
20
50
40
15
30
10
20
5
10
BRIDGE OUTPUT RES.- IND. LOADS
0 40 50 60 70 80 90 100 110 120 130 140 150 160 170 180
O
0 0 5 10 15 20
25
30
TC CASE TEMPERATURE ( C)
IF(AV). AVERAGE FORWARD CURRENT (AMP)
Figure 3 NON- REPETITIVE SURGE CURRENT
400
PEAK HALF SINE WAVE FORWARD CURRENT IN AMPERES
Figure 4 SCHEMATIC
AC AC _ AC
350 300 250 200 150 100 50 0 1 2 4 68 10 20 40 60
+
NUMBER OF CYCLES AT 60 C.P .S.
PWT SERIES MECH. OUTLINE
Dielectric test voltage 1500 V RMS max, 50-60 Hz
2.0 MAX.
AC
.032
.250 FASTON (5) PLACES
+
.193 DIA. THRU HOLE (2) PLACES
0.6 MAX. 1.50 MAX. . 406 .312 TYP . .75 0.5 .093 DIA. HOLE
_
AC
AC
.312 TYP.
NOTES: 1.Corrosion esistant terminals designed for .250 female quick connector, wrap around or solder. r 2. A thin film of silicone thermal compound is recommended between the Minibridge R case and mounting surface for improved thermal conduction.
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
21 GRAY OAKS AVENUE * YONKERS. NEW YORK 10710 914-965-4400 * FAX 914-965-5531 * 1-800-678-0828
Ee-mail:sales@edidiodes.com * Wwebsite: http://www.edidiodes.com


▲Up To Search▲   

 
Price & Availability of PWT05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X