Part Number Hot Search : 
78K0S JS28F256 SML40J93 A1150 12XXX 9S12D 1203S F4004
Product Description
Full Text Search
 

To Download PST1600A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PST1600A ... PST1600M
PST1600A ... PST1600M
Silicon Rectifiers - Half Bridge Silizium-Gleichrichter - Halbbrucke Version 2007-07-06
10 4 15.7
0.2
Nominal current Nennstrom
4
16 A 50...1000 V TO-220AB 1.8 g
3.8
Type Typ
Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause
123 13.2
3.4
3
1.5 0.9 2.54
123
Weight approx. Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging in tubes Standard Lieferform in Stangen
Dimensions - Mae [mm]
Maximum ratings and Characteristics Type Typ Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 1) 50 100 200 400 600 800 1000 Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 1) 50 100 200 400 600 800 1000 TC = 100C TC = 100C f > 15 Hz TA = 25C TA = 25C
Grenz- und Kennwerte Forward voltage Durchlass-Spannung VF [V] 1), Tj = 25C IF = 5 A IF = 8 A < 1.1 < 1.1 < 1.1 < 1.1 < 1.1 < 1.1 < 1.1 8 A 1) 16 A 2) 30 A 3) 135/150 A 1) 90 A2s 1) -50...+150C -50...+175C < 1.0 < 1.0 < 1.0 < 1.0 < 1.0 < 1.0 < 1.0 IFAV IFAV IFRM IFSM i2t
PST1600A PST1600B PST1600D PST1600G PST1600J PST1600K PST1600M
Max. average forward current, R-load Dauergrenzstrom mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50/60 Hz half sine-wave Stostrom fur eine 50/60 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
TS
Tj
1 2 3
Per diode - Pro Diode Output current when operating two devices in a full bridge configuration Ausgangstrom bei Betrieb zweier Bauteile als Vollbrucke Max. temperature of the case TC = 100C - Max. Temperatur des Gehauses TC = 100C http://www.diotec.com/
(c) Diotec Semiconductor AG
1
PST1600A ... PST1600M Characteristics Leakage current Sperrstrom Thermal resistance junction to case Warmewiderstand Sperrschicht - Gehause Tj = 25C VR = VRRM IR RthC Kennwerte < 10 A < 2.5 K/W 1)
120 [%] 100
102 [A] 10
80 1
Tj = 125C Tj = 25C
60
40 10 20 IFAV 0 0 TC 50 100 150 [C] IF 10-2 0.4
200a-(5a-0.95v)
-1
VF
0.8
1.0
1.2
1.4
[V] 1.8
Rated forward current vs. temp. of the case Zul. Richtstrom in Abh. v. d. Gehausetemperatur
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
1
Per diode - Pro Diode http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of PST1600A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X