Part Number Hot Search : 
JRC0168 HT82V KSC1070 V585ME42 Z1175 ST62P10C BUF672 SRF04
Product Description
Full Text Search
 

To Download PSCJ-2-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER SPLITTERS/COMBINERS
2 WAY-180
10 kHz to 2 GHz
50 & 75
SURFACE MOUNT
SBTCJ
SCPJ
PSCJ-2
ZFSCJ-2
ZAPDJ-2
ZMSCJ-2
ZSCJ-2
FREQ. RANGE MHz MODEL NO.
NEWu SBTCJ-1W SCPJ-2-9 SCPJ-2-750 n SCPJ-2-1W-75 **n SCPJ-2-750-75 PSCJ-2-1 PSCJ-2-1W < PSCJ-2-2 n PSCJ-2-1-75 ZFSCJ-2-1 s< ZFSCJ-2-2 ZFSCJ-2-3 s ZFSCJ-2-4 ZMSCJ-2-1 < ZMSCJ-2-2 ZSCJ-2-1 < ZSCJ-2-2 ZAPDJ-2
ISOLATION dB
INSERTION LOSS, dB Above 3dB
PHASE UNBALANCE Degrees
AMPLITUDE UNBALANCE dB
MJ U Max. Max. 0.4 0.7 0.8 0.5 -- 0.15 0.5 0.1 0.2 0.2 0.1 0.2 -- 0.15 0.1 0.15 0.1 0.8 0.9 0.8 0.9 0.9 0.3 0.2 0.5 0.5 0.2 0.5 0.6 0.3 0.2 0.3 0.2 0.8
CASE STYLE
fL-fU
1-750 200-900 30-750 10-500 30-750 1-200 100-600 0.01-20 1-200 1-500 0.01-20 5-300 50-1000 1-200 0.01-20 1-200 0.01-20 1000-2000
L Typ. Min. 23 20 24 18 30 25 26 20 35 30 35 25 35 30 30 35 30 30 20 25 20 20
MJ Typ. Min. 22 20 24 17 21 16 27 20 ---- 35 30 30 31 33 30 33 -- 25 20 25 25 25 25 25 --
U L Typ. Min. Typ. Max. 24 20 20 16 22 16 26 16 30 23 25 18 26 20 30 25 30 25 18 18 18 18 0.6 0.7 1.0 1.0 1.7 1.5 1.5 1.5
MJ Typ. Max. 0.6 1.0 1.5 1.2 1.8 2.2
U L MJ U L Typ. Max. Max. Max. Max. Max. 0.9 1.5 1.5 1.5 1.8 2.2 2.2 2.2 3 3 3 3 2 1* 2 2 1* 2 6 2 1* 2 1* 6 7 6 4 4 -- 2.5 6 2 4 4 2 4 -- 2.5 2 2.5 2 6 10 6 6 6 4 2.5 6 7 2.5 6 7 4 2.5 4 2.5 6 0.2 0.8 0.3 0.8 0.3 0.1 0.25 0.5 0.1 0.15 0.6 0.3 0.1 0.3 0.1 0.8
Note B AT790 YY161 YY161 YY161 YY161 A01 A06 A01 A01 K18 K18 K18 K18 M21 M21 M22 M22 F53
C O N N E C T I O N
PCB PRICE $ Layout
PLQty. (10-49) 117 060 060 121 121 -- -- -- -- -- -- -- -- -- -- -- -- -- 10.95 28.95 27.95 26.95 27.95 25.95 28.95 36.95 25.95 59.95 57.95 49.95 69.95 57.95 67.95 51.95 59.95 71.95
nk az az az az az az az az as as as as at at at at as
1.1 1.6 ---- 0.5 1.0 0.2 0.8 0.8 1.9 0.5 1.2
0.75 1 0.3 0.6 1 0.3 1 1.2 0.8 1.2 1.5 0.8 1.5 1.9
0.75 1.2 0.3 1.2 1 0.3 1 1.6 0.6 1.8 1.5 0.6 1.5 2.4
1 1.5 0.2 0.5 1 1.5 -- -- 0.6 0.2 0.6 0.2 1.3 0.8 0.5 0.8 0.5 1.8
35 30 35 25 35 30 35 25 22 18
35 25 30 25 35 25 30 25 22 18
30 23 25 18 30 23 25 18 22 18
0.75 1 0.3 0.8 0.75 1 0.3 0.8 1.3 1.8
0.75 1.2 0.3 0.6 0.75 1.2 0.3 0.6 1.3 1.8
L = low range [fL to 10 fL]
NOTES:
u o * ** J n v < A. B. C. 1.
M = mid range [10 fL to fU/2]
U = upper range [fU/2 to fU]
Mini-Circuits
128
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
ISO 9001 CERTIFIED
030211
Aqueous washable Non-hermetic Phase unbalance is 3 degrees max from fL to 3 fL. For SCPJ-2-750-75: L=30-375 MHz, U=375-750 MHz When only specification for M range given, specifications applied to entire frequency range. Denotes 75 Ohm model, for coax connector models 75 Ohm BNC connectors are standard. Available only with SMA connectors. At low range frequency band (fL to 10 fL), linearly derate maximum input power by 13 dB. General Quality Control Procedures, Environmental Specifications, Hi-Rel and MIL description are given in section 0, see "Mini-Circuits Guarantees Quality" article. Connector types and case mounted options, case finishes are given in section 0, see "Case styles & Outline Drawings". Prices and specifications subject to change without notice. Absolute maximum power, voltage and current ratings: 1a. Matched power rating ................................................ 1 Watt except models PSCJ-2-1W, SCPJ-2-1W-75, SCPJ-2-750, SCPJ-2-750-75, AMT-2, SBTCJ-1W ........... 0.5 Watt 1b. Internal load dissipation .............................................. 0.125 Watt
Mini-Circuits
Surface Mount t, Plug-In & Coaxial
(R)
2 WAY-0/180
5 to 200 MHz
SURFACE MOUNT
AMT
PMT
MODEL NO.
u AMT-2 PMT-1
FREQ. RANGE MHz
fL-fU 50-200 5-200 22 20
ISOLATION dB
L MJ Typ. Min. Typ. Min. 35 24 20 20 24 18 0.8
INSERTION LOSS, dB Above 3dB
MJ Typ. Max. 0.8 1.0 0.9 1.2 1.1 1.0 1.5 U Typ. Max.
PHASE UNBALANCE Degrees
L MJ U Max. Max. Max. 2 2 4 8
AMPLITUDE UNBALANCE dB
L MJ U Max. Max. Max. 0.3 0.1 0.2 0.5
CASE STYLE
U L Typ. Min. Typ. Max.
Note B CD636 A04
C O N N E C T I O N
PRICE $
Qty. (10) 12.95 21.95
ls ba
L = low range [fL to 10 fL]
M = mid range [10 fL to fU/2]
U = upper range [fU/2 to fU]
1 0 S 0 2 180 0 J
- S-J ports, isolation 40 dB typical - Inphase ports, S-1 and S-2, insertion loss 0.2 dB typical - Amplitude unbalance defined by input S or J ports to output 1 and 2
pin and coaxial connections
see case style outline drawing PORT as SUM PORT S PORT 1 1 PORT 2 2 PORT J -- GND EXT. -- CASE GND -- NOT USED -- DEMO BOARD -- at 2 1 3 -- -- -- -- -- az 1 5 6 -- 2,3,4,7,8 2,3,4,7,8 -- TB-228 ba 1 2 3 4 5,6,7,8 5,6,7,8 -- -- ls 3 6 4 1 2,5 -- -- -- nk 6 1 3 -- 2,4 -- 5 TB-227
NSN GUIDE
MCL NO. PSCJ-2-1 PSCJ-2-2 ZSCJ-2-2 NSN 6625-01-413-2386 5985-01-332-3084 5895-01-340-7761
The Design Engineers Search Engine
Provides Actual Data Instantly At: http://www.minicircuits.com
In Stock... Immediate Delivery
For Custom Versions Of Standard Models Consult Our Applications Dept.
129
030211


▲Up To Search▲   

 
Price & Availability of PSCJ-2-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X