Part Number Hot Search : 
2SK38 TDA7434 0A1GYT 12SH3 D1889 LCM5467 AC180 AD5541LR
Product Description
Full Text Search
 

To Download PM150RSA060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI INTELLIGENT POWER MODULES
PM150RSA060
FLAT-BASE TYPE INSULATED PACKAGE
A B U U AB
12 3 4 5678 9 11
W Q AB U
13 15 17 19
R AD
Y (4 TYP.)
10 12
14 16 18
M M S AG
AD (15 TYP.) Z - DIA. (4 TYP.) F E C
AA - THD (6 TYP.) U
W V U
1. V UPC 2. UFO 3. U P 4. V UPI 5. VVPC 6. VFO 7. V P 8. V VPI 9. V WPC 10. WFO
11. WP 12. V WPI 13. V NC 14. V NI 15. BR 16. U N 17. V N 18. WN 19. FO
B P N
W X X
AG K J D 2.54 MM DIA. (2 TYP.) AE 0.5 MM SQ. PIN (19 TYP.) J P
T GH N V AF L AC
Description: Mitsubishi Intelligent Power Modules are isolated base modules designed for power switching applications operating at frequencies to 20kHz. Built-in control circuits provide optimum gate drive and protection for the IGBT and free-wheel diode power devices. Features: Complete Output Power Circuit Gate Drive Circuit
V WPC WP
VUPC
V VPC
W FO V WPI
V CC
V CC
V CC
V CC
V CC
V CC
GND GND
GND GND
GND GND
GND GND
GND GND
GND GND
GND GND
FO
FO
FO
FO
FO
FO
OUT
OUT
OUT
OUT
OUT
OUT
B
N
W
V
U
OUT
TEMP
SI
SI
SI
SI
SI
SI
SI
V CC
FO
IN
IN
IN
IN
IN
IN
IN
UFO VUPI P
VP V FO V VPI
V NC WN
VNI
UP
UN
FO BR
VN
Outline Drawing and Circuit Diagram Dimensions A B C D E F G H J K L M N P Q R Inches 4.330.04 3.740.02 3.500.04 3.27 2.910.02 2.44 1.28 1.24 1.02 0.94 Millimeters 110.01.0 95.00.5 89.01.0 83.0 74.00.5 62.0 32.6 31.6 26.0 24.0 Dimensions S T U V W X Y Z AA AB AC AD AE AF AG Inches 0.67 0.52 0.39 0.276 0.30 0.24 0.24 Rad. 0.22 Dia. Metric M5 0.127 0.10 0.08 0.07 0.06 0.020.01 Millimeters 17.0 13.2 10.0 7.0 7.5 6.0 Rad. 6.0 Dia. 5.5 M5 3.22 2.6 2.0 1.8 1.6 0.50.3
Protection Logic - Short Circuit - Over Current - Over Temperature - Under Voltage Applications: Inverters UPS Motion/Servo Control Power Supplies Ordering Information: Example: Select the complete part number from the table below -i.e. PM150RSA060 is a 600V, 150 Ampere Intelligent Power Module.
Type PM Current Rating Amperes 150 VCES Volts (x 10) 60
0.87 +0.06/-0.0 22.0 +1.5/-0.0 0.79 0.76 0.75 0.708 0.670 20.0 19.4 19.0 17.98 17.02
Sep.2000
MITSUBISHI INTELLIGENT POWER MODULES
PM150RSA060
FLAT-BASE TYPE INSULATED PACKAGE Absolute Maximum Ratings, Tj = 25C unless otherwise specified
Symbol Power Device Junction Temperature Storage Temperature Case Operating Temperature Mounting Torque, M5 Mounting Screws Mounting Torque, M5 Main Terminal Screw Module Weight (Typical) Supply Voltage Protected by OC and SC (VD = 13.5 - 16.5V, Inverter Part, Tj = 125C) Isolation Voltage (Main Terminal to Baseplate, AC 1 min.) Tj Tstg TC -- -- -- VCC(prot.) Viso Ratings -20 to 150 -40 to 125 -20 to 100 1.47~1.96 1.47~1.96 550 400 2500 Units C C C N*m N*m Grams Volts Vrms
Control Sector
Supply Voltage (Applied between VUP1-VUPC, VVP1-VVPC, VWP1-VWPC, VN1-VNC) Input Voltage (Applied between U P-VUPC, VP-VVPC, WP-VWPC, UN * VN * WN * Br-VNC) Fault Output Supply Voltage (UFO-VUPC, VFO-VVPC, WFO-VWPC, FO-VNC) Fault Output Current (Sink Current at UFO, VFO, W FO and F O Terminal) VD VCIN VFO IFO 20 20 20 20 Volts Volts Volts mA
IGBT Inverter Sector
Collector-Emitter Voltage (VD = 15V, VCIN = 15V) Collector Current, (TC=25C) Peak Collector Current, (TC=25C) Supply Voltage (Applied between P - N) Supply Voltage, Surge (Applied between P - N) Collector Dissipation VCES IC ICP VCC VCC(surge) PC 600 150 300 450 500 500 Volts Amperes Amperes Volts Volts Watts
Brake Sector
Collector-Emitter Voltage (VD = 15V, VCIN = 15V) Collector Current, (TC=25C) Peak Collector Current, (TC=25C) Supply Voltage (Applied between P - N) Supply Voltage, Surge (Applied between P - N) Collector Dissipation Diode Forward Current Diode DC Reverse Voltage VCES IC ICP VCC VCC(surge) PC IF VR(DC) 600 50 100 450 500 312 50 600 Volts Amperes Amperes Volts Volts Watts Amperes Volts
Sep.2000
MITSUBISHI INTELLIGENT POWER MODULES
PM150RSA060
FLAT-BASE TYPE INSULATED PACKAGE Electrical and Mechanical Characteristics, Tj = 25C unless otherwise specified
Characteristics Symbol Test Conditions Min. Typ. Max. Units
Control Sector
Over Current Trip Level Inverter Part Over Current Trip Level Brake Part Short Circuit Trip Level Inverter Part Short Circuit Trip Level Brake Part Over Current Delay Time Over Temperature Protection t off(OC) OT OTr Supply Circuit Under Voltage Protection UV UVr Supply Voltage VD ID Vth(on) Vth(off) f PWM IFO(H) IFO(L) Minimum Fault Output Pulse Width tFO VD = 15V Trip Level Reset Level Trip Level Reset Level Applied between VUP1-VUPC, VVP1-VVPC, VWP1-VWPC, VN1-VNC Circuit Current VD = 15V, VCIN = 15V, VN1-VNC VD = 15V, VCIN = 15V, VXP1-VXPC Input ON Threshold Voltage Input OFF Threshold Voltage Applied between UP-VUPC , VP-VVPC, WP-VWPC, UN * VN * WN * Br-VNC PWM Input Frequency Fault Output Current 3- Sinusoidal VD = 15V, VFO = 15V VD = 15V, VFO = 15V VD = 15V -- -- -- 1.0 15 -- 10 1.8 20 0.01 15 -- kHz mA mA ms -- -- 1.2 1.7 52 13 1.5 2.0 72 18 1.8 2.3 mA mA Volts Volts SC -20C T 125C, VD=15V OC -20C T 125C, VD=15V 210 65 -- -- -- 111 -- 11.5 -- 13.5 300 88 420 132 10 118 100 12.0 12.5 15 -- -- -- -- -- 125 -- 12.5 -- 16.5 Amperes Amperes Amperes Amperes s C C Volts Volts Volts
Brake Sector
Collector-Emitter Saturation Voltage VCE(sat) VD = 15V, VCIN = 0V, I C = 50A, Tj = 25C VD = 15V, VCIN = 0V, I C = 50A, Tj = 125C Diode Forward Voltage Collector Cutoff Current VFM ICES IF = 50A, VD = 15V, VCIN = 15V VCE = VCES, Tj = 25C VCE = VCES, Tj = 125C -- -- -- 1.7 -- -- 2.5 1 10 Volts mA mA -- 2.5 3.4 Volts -- 2.7 3.5 Volts
Sep.2000
MITSUBISHI INTELLIGENT POWER MODULES
PM150RSA060
FLAT-BASE TYPE INSULATED PACKAGE Electrical and Mechanical Characteristics, Tj = 25C unless otherwise specified
Characteristics Symbol Test Conditions Min. Typ. Max. Units
IGBT Inverter Sector
Collector Cutoff Current ICES VEC VCE(sat) VCE = VCES, Tj = 25C VCE = VCES, Tj = 125C Diode Forward Voltage Collector-Emitter Saturation Voltage -IC = 150A, VD = 15V, VCIN = 15V VD = 15V, VCIN = 0V, IC = 150A, Tj = 125C Inductive Load Switching Times ton trr tC(on) toff tC(off) VD = 15V, VCIN = 0 15V VCC = 300V, IC = 150A Tj = 125C 0.4 -- -- -- -- 0.8 0.15 0.4 2.0 0.6 2.0 0.3 1.0 2.9 1.2 s s s s s -- -- -- -- -- 2.2 1.8 1.75 1 10 3.3 2.7 2.63 mA mA Volts Volts Volts
VD = 15V, VCIN = 0V, IC = 150A, Tj = 25C -- --
Thermal Characteristics
Characteristic Junction to Case Thermal Resistance Symbol Rth(j-c)Q Rth(j-c)F Rth(c-f)Q Rth(c-f)F Contact Thermal Resistance Rth(c-f) Condition Each Inverter IGBT Each Inverter FWDi Each Brake IGBT Each Brake FWDi Case to Fin Per Module, Thermal Grease Applied Min. -- -- -- -- -- Typ. -- -- -- -- -- Max. 0.25 0.47 0.4 1.0 0.027 Units C/Watt C/Watt C/Watt C/Watt C/Watt
Recommended Conditions for Use
Characteristic Supply Voltage Symbol VCC VD Input ON Voltage Input OFF Voltage PWM Input Frequency Minimum Dead Time VCIN(on) VCIN(off) f PWM tdead Condition Applied across P-N Terminals Applied between VUP1-VUPC, VN1-VNC, VVP1-VVPC, VWP1-VWPC Applied between UP, VP, WP, UN , VN , WN, Br Using Application Circuit Input Signal 0 ~ 0.8 4.0 ~ VD 5 ~ 20 2.5 Volts Volts kHz s Value 0 ~ 400 15 1.5 Units Volts Volts
Sep.2000
MITSUBISHI INTELLIGENT POWER MODULES
PM150RSA060
FLAT-BASE TYPE INSULATED PACKAGE
Inverter Part
SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
OUTPUT CHARACTERISTICS (TYPICAL)
3.0
COLLECTOR-EMITTER SATURATION VOLTAGE VCE(sat), (VOLTS) SATURATION VOLTAGE VCE(sat), (VOLTS)
3.0 2.5 2.0 1.5 1.0 0.5 0 0 50 100 150 200 0 12 14 16 18 20
COLLECTOR CURRENT, IC, (AMPERES) SUPPLY VOLTAGE, VD, (VOLTS) COLLECTOR CURRENT, IC, (AMPERES)
150
Tj = 25oC VCIN = 0V VD = 17V 15 13
2.5 2.0 1.5 1.0 0.5 0
VD = 15V VCIN = 0V Tj = 25oC Tj = 125oC
100
50
IC = 150A VCIN = 0V Tj = 25oC Tj = 125oC
0 0 0.5 1.0 1.5 2.0
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
SWITCHING TIME VS. COLLECTOR CURRENT (TYPICAL)
SWITCHING TIME VS. COLLECTOR CURRENT (TYPICAL)
REVERSE RECOVERY CURRENT VS. COLLECTOR CURRENT (TYPICAL)
101
VCC = 300V VD = 15V
SWITCHING TIMES, ton, toff, (s)
101
Inductive Load
100
VCC = 300V VD = 15V Irr
o
102
REVERSE RECOVERY CURRENT, Irr, (AMPERES)
Tj = 25oC Tj = 125oC toff
SWITCHING TIMES, tc(on), tc(off), (s)
Inductive Load
Tj = 25 C Tj = 125oC
100
ton
100
tc(off) tc(on)
REVERSE RECOVERY TIME, trr, (s)
10-1
trr
101
VCC = 300V VD = 15V
Inductive Load
Tj = 25oC Tj = 125oC
10-1 101
102
COLLECTOR CURRENT, IC, (AMPERES)
103
10-1 101
102
COLLECTOR CURRENT, IC, (AMPERES)
103
10-2 101
102
100 103
COLLECTOR REVERSE CURRENT, -IC, (AMPERES)
DIODE FORWARD CHARACTERISTICS
COLLECTOR REVERSE CURRENT, -IC, (AMPERES)
OVER CURRENT TRIP LEVEL VS. SUPPLY VOLTAGE (TYPICAL)
OVER CURRENT TRIP LEVEL VS. TEMPERATURE (TYPICAL)
103
120
OVER CURRENT TRIP LEVEL % (NORMALIZED) OVER CURRENT TRIP LEVEL % (NORMALIZED)
120
Tj = 25oC VD = 15V
VD = 15V VCIN = 15V Tj = 25oC Tj = 125oC
100
100
80
102
80
60
60
40
101 0.4 0.8 1.2 1.6 2.0 2.4
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
0 0 12 14 16 18 20
SUPPLY VOLTAGE, VD, (VOLTS)
0 -50 0 50 100 150
JUNCTION TEMPERATURE, Tj, (oC)
Sep.2000
MITSUBISHI INTELLIGENT POWER MODULES
PM150RSA060
FLAT-BASE TYPE INSULATED PACKAGE
Inverter Part
CONTROL SUPPLY VOLTAGE TRIP-RESET LEVEL TEMPERATURE DEPENDENCY (TYPICAL) TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (Each IGBT)
TRANSIENT IMPEDANCE, Zth(j-c), (NORMALIZED VALUE)
FAULT OUTPUT PULSE WIDTH VS. TEMPERATURE (TYPICAL)
120
FAULT OUTPUT PULSE WIDTH % (NORMALIZED)
15
UV UVr
101
100
UV TRIP-RESET LEVEL, UVt, UVr, (VOLTS)
14
100
80
13
10-1
60
12
40
VD = 15V
11
10-2
SINGLE PULSE STANDARD VALUE = Rth(j-c)Q = 0.25oC/W
0 -50 0 50 100 150
JUNCTION TEMPERATURE, Tj, (oC)
0 -50 0 50 100 150
JUNCTION TEMPERATURE, TC, (oC)
10-3 10-3
10-2
10-1
TIME, (s)
100
10-3 101
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (Each FWDi)
TRANSIENT IMPEDANCE, Zth(j-c), (NORMALIZED VALUE)
101
100
10-1
10-2
SINGLE PULSE STANDARD VALUE = Rth(j-c)F = 0.47oC/W
10-3 10-3
10-2
10-1
TIME, (s)
100
101
Sep.2000
MITSUBISHI INTELLIGENT POWER MODULES
PM150RSA060
FLAT-BASE TYPE INSULATED PACKAGE
Brake Part
OUTPUT CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE VS. SUPPLY VOLTAGE (TYPICAL)
100
Tj = 25C VCIN = 0V
COLLECTOR-EMITTER SATURATION VOLTAGE VCE(sat) (V)
5
5 VD = 15V VCIN = 0V
COLLECTOR-EMITTER SATURATION VOLTAGE VCE(sat) (V)
Tj = 25C VCIN = 0V
COLLECTOR CURRENT IC (A)
80
4
4
60
VD = 17V 15V 13V
3
Tj = 25C
3
IC = 50A
40
2
Tj = 125C
2
IC = 20A
20
1
1
0
0
1
2
3
4
5
0
0
20
40
60
80
100
0
12
14
16
18
20
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR CURRENT IC (A)
FORWARD VOLTAGE VF (V)
FREE-WHEEL DIODE FORWARD CHARACTERISTICS (TYPICAL)
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (IGBT per 1 element)
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (FWDi per 1 element)
102
7 5 4 3 2
101 VD = 15V VCIN = 15V
NORMALIZED TRANSIENT THERMAL IMPEDANCE Zth(j-c)
Tj = 125C
Tj = 25C
7 5 3 2 7 5 3 2 7 5 3 2
NORMALIZED TRANSIENT THERMAL IMPEDANCE Zth(j-c)
FORWARD CURRENT IF (A)
100
7 5 Single Pulse 3 STANDARD VALUE 2 = Rth(j - c)Q = 0.4C/ W
101
100
7 5 3 2 7 5 3 2 7 5 3 2
7 5 Single Pulse 3 STANDARD VALUE 2 = Rth(j - c)F = 1.0C/ W
101
7 5 4 3 2
10-1
10-1
10-2
10-2
100
0
0.4
0.8
1.2
1.6
2.0
10-3 10-3 2 3 5 710-2 2 3 5 710-1 2 3 5 7100 2 3 5 7101
TIME (s)
10-3 10-3 2 3 5 710-2 2 3 5 710-1 2 3 5 7100 2 3 5 7101
TIME (s)
SUPPLY VOLTAGE VD (V)
Sep.2000


▲Up To Search▲   

 
Price & Availability of PM150RSA060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X