Part Number Hot Search : 
TIP122 80C39 MR1007 78P2254 BC860CL D4KB40 S10C30D 4744A
Product Description
Full Text Search
 

To Download MMBT3906 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT3906
Pb
RoHS
COMPLIANCE
0.3 Watts PNP Plastic-Encapsulate Transistors SOT-23
Features
As complementary type, the NPN transistor MMBT3904 is recommended Epitaxial planar die construction Marking: 2A
Dimensions in inches and (millimeters)
Maximum Ratings Type Number
TA=25 oC unless otherwise specified
Symbol
VCBO VCEO VEBO IC PC
Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current - continuous Collector Power dissipation ELECTRICAL CHARACTERISTICS
Value -40 -40 -5 -0.2 0.3
Units
V V V A W
Parameter
Collector-base breakdown voltage IC=-10uA, Ie=0 Collector-emitter breakdown voltage IC=-1mA, IB=0 Emitter-base breakdown voltage IE=-10uA, IC=0 Collector cut-off current VCB=-40V IE=0 Collector cur-off current VCE=-30V VBE(off)=-3V Emitter cut-off current VEB=--5V IC=0 DC current gain VCE=-1V IC=-10mA VCE=-1V IC=-50mA VCE=-1V IC=-100mA Collector-emitter saturation voltage IC=-50mA, IB=-5mA Base-emitter saturation voltage IC=-50mA, IB=-5mA Transition frequency VCE=-20V IC=-10mA f=100MHz Delay time VCC=-3V, VBE=-0.5V IC=-10mA Rise time IB1 =-1.0mA Storage time VCC=-3V, IC=-10mA Fall time IB1= IB2=-1.0mA Operating and Storage Temperature Range CLASSIFICATION OF hFE1
Symbol
V(BR)CBO V(BR)CEO VBE(ON) ICBO ICEX IEBO hFE(1) hFE(2) hFE(3) VCE(sat) VBE(sat) fT td tr ts tf
MIN
-40 -40 -5
MAX
Units
V V V uA nA
100 60 30
-0.1 -50 -0.1 300
-0.4 -0.95 250 35 35 225 75 -55 to + 150
TJ, TSTG
V V MHz nS nS nS nS o C
Rank Range
O 100-200
Y 200-300
Version: A07
RATINGS AND CHARACTERISTIC CURVES (MMBT3906)
Version: A07
RATINGS AND CHARACTERISTIC CURVES (MMBT3906)
Version: A07


▲Up To Search▲   

 
Price & Availability of MMBT3906

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X