Part Number Hot Search : 
PI3A223 UPA831TC HV181 2SD24 K2000 MLF3216 SSD1801 ATMEGA
Product Description
Full Text Search
 

To Download MMBD4148W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
Surface Mount Switching Diode FEATURES
Fast switching speed. High conductance.
Production specification
MMBD4148W
Pb
Lead-free
For general purpose switching applications. Surface mount package ideally suited for automatic insertion.
APPLICATIONS
For general purpose switching applications.
SOT-323
ORDERING INFORMATION
Type No. MMBD4148W Marking A2 Package Code SOT-323
MAXIMUM RATING @ Ta=25 unless otherwise specified
Parameter Non-Repetitive Peak reverse voltage Diode reverse voltage Forward continuous Current Forward Surge Current Power Dissipation Junction temperature Storage temperature range t=1S Symbol VRM VR IF IFS Pd Tj Tstg Limits 85 75 250 4.5 250 150 -65-+150 Unit V V mA A mW
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSDF020 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
Surface Mount Switching Diode
Parameter Reverse breakdown voltage Reverse voltage leakage current Symbol V(BR)R IR Test VR=70V VR=75V IF=1mA IF=10mA IF=50mA IF=150mA VR=0V f=1MHz conditions
Production specification
MMBD4148W
MIN 75 1 50 715 855 1000 1250 2 6 MAX UNIT V A IR= 100A
Forward voltage
VF
mV
Diode capacitance Reverse recovery time
CD trr
pF nS
IF=IR=10mA RL=100
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSDF020 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
Surface Mount Switching Diode PACKAGE OUTLINE
Plastic surface mounted package
Production specification
MMBD4148W
SOT-323
SOT-323
Dim A B C D E G H J K Min 1.8 1.15 0.15 0.25 1.2 0.02 2.1 Max 2.2 1.35 0.35 0.40 1.4 0.1 2.3
1.0Typical
0.1Typical
All Dimensions in mm
PACKAGE INFORMATION
Device MMBD4148W Package SOT-323 Shipping 3000/Tape&Reel
Document number: BL/SSSDF020 Rev.A
www.galaxycn.com 3


▲Up To Search▲   

 
Price & Availability of MMBD4148W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X