Part Number Hot Search : 
GP1A91LC M38B79M3 MT1210 MSC71 MT1210 NSPY500S PA153 GRM32ER
Product Description
Full Text Search
 

To Download MBR20150CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
SWITCHING TYPE POWER SUPPLY APPLICATION. CONVERTER & CHOPPER APPLICATION.
A
MBR20150CT
SCHOTTKY BARRIER TYPE DIODE
O C F
FEATURES
Average Output Rectified Current : IO=20A. Repetitive Peak Reverse Voltage : VRRM=150V. Fast Reverse Recovery Time : trr=35ns.
I K M L J D N N E G B Q
P
H
MAXIMUM RATING (Ta=25
CHARACTERISTIC Repetitive Peak Reverse Voltage Average Output Rectified Current (Note) Peak One Cycle Surge Forward Current (Non-Repetitive 60Hz) Junction Temperature Storage Temperature Range
)
SYMBOL VRRM IO RATING 150 20 UNIT V A
1. ANODE 2. CATHODE 3. ANODE
DIM MILLIMETERS _ 9.9 + 0.2 A 15.95 MAX B 1.3+0.1/-0.05 C _ D 0.8 + 0.1 _ E 3.6 + 0.2 _ F 2.8 + 0.1 3.7 G H 0.5+0.1/-0.05 1.5 I _ J 13.08 + 0.3 K 1.46 _ 1.4 + 0.1 L _ 1.27+ 0.1 M _ 2.54 + 0.2 N _ 4.5 + 0.2 O _ 2.4 + 0.2 P _ 9.2 + 0.2 Q
IFSM Tj Tstg
180 -40 -55 150 150
A
TO-220AB
Note : average forward current of centertap full wave connection.
2
1
3
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC Peak Forward Voltage Repetitive Peak Reverse Current Reverse Recovery Time Thermal Resistance Note : A value of one cell (Note) (Note) (Note) (Note) SYMBOL VFM IRRM trr Rth(j-c) IFM=5A VRRM=Rated IF=1.0A, di/dt=-30A/ Juction to Case TEST CONDITION MIN. TYP. MAX. 0.90 150 35 1.5 ns UNIT V
/W
2008. 1. 3
Revision No : 0
1/2
MBR20150CT
IF - V F
30
IR - V R
REVERSE CURRENT IR (A)
100
FORWARD CURRENT IF (A)
10 5.0 3.0
Tj =25 C
10
T j =25 C
1.0
0.1
1.0 0.5 0 0.2 0.4 0.6 0.8 1.0
0.01 0 20 40 60 80 100 120 140 160
FORWARD VOLTAGE VF (V)
REVERSE VOLTAGE VR (V)
AVERAGE FORWARD CURRENT IF(AV) (A)
25 20 15
AVERAGE FORWARD CURRENT IF(AV) (A)
IF - TC
RATED VOLTAGE APPLIED R JC = 1.5 C/W
IF - TA
16
RATED VOLTAGE APPLIED R JA=16 C/W R JA=62.5 C/W (NO HEAT SINK)
12
DC
8
DC DC
10 5 0 25
4
0 0 20 40 60 80 100 120 140 160
50
75
100
125
150
175
CASE TEMPERATURE Tc ( C)
AMBIENT TEMPERATURE TA ( C)
AVERAGE FORWARD POWER DISSIPATION PF(AV) (W)
PF(AV) - IF(AV)
20 16 12
DC
8 4 0 0 5 10 15 20 25
AVERAGE FORWARD CURRENT IF(AV) (A)
2008. 1. 3
Revision No : 0
2/2


▲Up To Search▲   

 
Price & Availability of MBR20150CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X