Part Number Hot Search : 
UA200 DF1502M R1601 XR1016CP 28AUR V4NST7UL MM3Z11VC BRUS240F
Product Description
Full Text Search
 

To Download LL4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL GALAXY ELECTRICAL
SMALL SIGNAL SWITCHING DIODE
FEATURES
Silicon epitaxial diode High speed switching diode 500mW power dissipation
LL4148
1111REVERSE VOLTAGE: 75 V CURRENT: 0.15 A
MINI-MELF
Cathode indification 0.1
Case:MINI-MELF glass case Polarity:Color band denotes cathode Weight: Approx 0.031 grams
3.4 +0.3 -0.1
0.4A
O| 1 .5A 0.1
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified
MAXIMUM RATINGS
LL4148
Reverse voltage Peak reverse voltage Average forw ard rectified current Half w ave rectification w ith resistive load at tamb=25oC and f 50Hz IFSM Ptot TJ TSTG IO VR V RM
UNITS
V V mA mA mW
o o
75.0 100.0 150.0 500.00 500.0
1)
Forw ard surge current at t 1S and T =25oC J Pow er dissipaton at tamb Junction temperature Storage temperature range =25oC
175.0 35-55--- +175
C C
1) Valid prov ided that electrodes are kept at ambient temperature.
ELECTRICAL CHARACTERISTICS
MIN
Forw ard voltage @ IF=10mA Leakage current at V R=20V at V R=75V 111111111at V R=20V TJ =150oC Capacitance at V F=V R=0V Voltage rise w hen sw itching on tested w ith 50mA pulses tp=0,1 S,rise time 30ns, fp=5 to 100KHz
TYP
-
MAX
1.0 25.0 5.0 50.0 4.0 2.5
UNITS
V
VF IR IR IR Ctot Vfr
-
nA
A A pF V
Reverse recovery time from IF=10mA V R=6V,RL=100 ,at IR=1mA Thermal resistance junction to ambient Rectification effciency at 100MHz,V RF=2V
trr R
-
-
4.0 350.01)
ns K/W www.galaxycn.com
JA
V
0.45
-
-
1)Valid prov ided that electrodes are kept at ambient temperature
Document Number 0268010
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- ADMISSIBLE POWER DISSIPATION VERSUS AMBIENT TEMPERATURE
LL4148
FIG.2-- FORWARD CHARACTERISTICS
mW
1000
mA 3 10
900 800 700
P tot
10 IF
2
TJ =100 C
O
600 500 400 300 200
10
TJ =25 C
O
1
-1
100 0 0 25
10
100
175 200ae TA
10
-2
0
1
2V
V
F
FIG.3-ADMISSIBLE REPETITIVE PEAK FORWORD CURRENT VERSUS PULSE DURATION
100
I
IFRM
V=tp/T
T=1/tp
10
0.1
n=0
tp
IFRM
1
0.2 0.3
T
0.1
-5
-3
-2
-1
10
10
10
10
1
10S
tp
www.galaxycn.com
Document Number 0280010
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of LL4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X