Part Number Hot Search : 
EDZ12 EPB5038G MIC2590B 20200CT 4741A 2SC2920 02201 MT1910
Product Description
Full Text Search
 

To Download LBS19801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
198.5MHz SAW Filter 5MHz Bandwidth
Part Number: LBS19801
www.sipatsaw.com
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss 1 dB Bandwidth 3 dB Bandwidth 30 dB Bandwidth 40 dB Bandwidth 50 dB Bandwidth Passband Variation Absolute Delay Ultimate Rejection Material Temperature coefficient Ambient Temperature Package Size
Unit
MHz dB MHz MHz MHz MHz MHz dB usec
Minimum
198.42 4.8 5 50
Typical
198.5 27 4.84 5.04 5.63 5.72 5.93 0.7 3.96 51 0.1985 25
Maximum
198.58 28 5.7 5.9 6.2 0.9 4 -
dB
KHz/C C
DIP3512 (35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
INPUT 50 C1
L1
L1=47nH
L2 OUTPUT 50 C2
L2=33nH
C1=C2=33pF Source/Load Impedance=50 ohm
Notes - Component values may change depending on board layout.
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBS19801 2006-5-26 1.0 Page 1/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
198.5MHz SAW Filter 5MHz Bandwidth
Part Number: LBS19801
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
35.000.5 12.800.5 4.7 4.5
0.450.05
2.540.2
7.620.2
3 6
2 1
4 5
25.400.2
2.540.2
Input Output Ground
1 5 2,3,4,6
Package: DIP3512
Unit: mm
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBS19801 2006-5-26 1.0 Page 2/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
198.5MHz SAW Filter 5MHz Bandwidth
Part Number: LBS19801
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
-27.1353 -23 -37.1353
Passband Respond
-24
-47.1353
-25
-57.1353
-26
-27 -67.1353 -28 -77.1353 -29 -87.1353
-30
-97.1353
-31
-107.1353
-32 190.5 192.5 194.5 196.5 198.5 200.5 202.5 204.5 206.5 194 195 196 197 198 199 200 201 202 203
Group Delay Variation(f02.3MHz)
Phase Linearity(f02.3MHz)
Smith Chart S11
Smith Chart S22
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBS19801 2006-5-26 1.0 Page 3/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBS19801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X