|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
China Electronics Technology Group Corporation No.26 Research Institute 120MHz SAW Filter 20.6MHz Bandwidth Part Number: LBN12015 www.sipatsaw.com SIPAT Co., Ltd. Specifications Parameter Center Frequency Insertion Loss 3dB Bandwidth 50 dB Bandwidth Passband Variation Absolute Delay Ultimate Rejection Subatrate Material Ambient Temperature Package Size C Unit MHz dB MHz MHz dB usec Minimum 119.9 Typical 120 23 Maximum 120.1 24.5 20.4 20.6 22.1 0.8 2.14 22.4 1.2 dB 50 55 128 LiNbO3 25 DIP2212 (22.2x12.8x4.7mm3) Notes: 1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show Matching Configuration L1 L2 C1 L1=39nH L2=33nH C1=30pF Source/Load Impedance=50 ohm Notes - Component values may change depending on board layout. SIPAT Co., Ltd. ( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060 Part Number Rev. Date Rev. LBN12015 2005-6-1 1.0 Page 1/3 Phone: +86-23-62920684 Fax: +86-23-62805284 www.sipatsaw.com / sawmkt@sipat.com China Electronics Technology Group Corporation No.26 Research Institute 120MHz SAW Filter 20.6MHz Bandwidth Part Number: LBN12015 www.sipatsaw.com SIPAT Co., Ltd. Package Dimension 22.200.5 12.800.5 4.7 4.5 0.450.05 2.540.2 7.620.2 3 2 1 4 5 6 12.700.2 2.540.2 Pin 1: input Pin 5:output Others:Grounded SIPAT Co., Ltd. ( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060 Part Number Rev. Date Rev. LBN12015 2005-6-1 1.0 Page 2/3 Phone: +86-23-62920684 Fax: +86-23-62805284 www.sipatsaw.com / sawmkt@sipat.com China Electronics Technology Group Corporation No.26 Research Institute 120MHz SAW Filter 20.6MHz Bandwidth Part Number: LBN12015 www.sipatsaw.com SIPAT Co., Ltd. Typical Performance Frequency Respond -22.8006 -19 Passband Respond Type performance -32.8006 -20 -21 -42.8006 -22 -52.8006 Magnitude(dB) -23 -62.8006 -24 -72.8006 -25 -26 -82.8006 -27 88 96 104 112 120 128 136 144 152 110 115 120 Frequency(MHz) 125 130 135 Group Delay Variation(f08.16MHz) Phase Linearity(f08.16MHz) Simth Chart S11 Simth Chart S22 SIPAT Co., Ltd. ( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060 Part Number Rev. Date Rev. LBN12015 2005-6-1 1.0 Page 3/3 Phone: +86-23-62920684 Fax: +86-23-62805284 www.sipatsaw.com / sawmkt@sipat.com |
Price & Availability of LBN12015 |