|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SIPAT Co.,Ltd Specifications Parameter Center Frequency Insertion Loss 3 dB Bandwidth 15 dB Bandwidth 40 dB Bandwidth 50 dB Bandwidth Passband Variation Absolute Delay Ultimate Rejection Subatrate Material Ambient Temperature Package Size C DIP2712 www.sipatsaw.com China Electronics Technology Group Corporation No.26 Research Institute LBN12011 SAW Filter Electrical Characteristic Unit MHz dB MHz MHz MHz MHz dB usec dB Minimum 119.9 19.2 50 Typical 120 23.56 19.27 19.91 20.42 20.55 0.6 2.34 53 128 LiNbO3 25 (27.2x12.7x5.2mm3) Maximum 120.1 26 20.0 23.0 1.2 4.0 - Typical Performance Type performance -23.5626 -33.5626 -43.5626 Magnitude(dB) -53.5626 -63.5626 -73.5626 -83.5626 -93.5626 -103.5626 96 102 108 114 120 126 Frequency(MHz) 132 138 144 Package Outline Matching Configuration Source/Load Impedance=50 ohm Notes - Component values may change depending on board layout. P.O. Box 2513 Chongqing, China 400060 Tel:+86-23-62920684 Fax:62805284 E-mail: sawmkt@sipat.com |
Price & Availability of LBN12011 |