Part Number Hot Search : 
304IM AME8805 ST8024T 740SED 1V330 AU6362 0103NN 74LS17
Product Description
Full Text Search
 

To Download IRM-2633-DIP-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet Infrared Remote-Control Receiver Module
IRM-26xx-DIP-A SERIES
Features :
High protection ability against EMI . Circular lens to improve the receive characteristic. Line-up for various center carrier frequencies. Low voltage and low power consumption. Side-Received DIP Type. High immunity against ambient light. Photodiode with integrated circuit. TTL and CMOS compatibility. Long reception distance. High sensitivity. Suitable burst length 10 pulses/burst. The product itself will remain within RoHS compliant version. Pb free
Descriptions
The IRM-26xx-DIP-A SERIES are miniaturized receivers for infrared remote control systems. PIN diode and preamplifier are assembled on lead frame, the epoxy package is designed as IR filter. The demodulated output signal can directly be decoded by a microprocessor. IRM-26xx-DIP-A SERIES is the standard IR remote control receiver series, supporting all major transmission codes.
Applications
1. Light detecting portion of remote control AV instruments such as Audio, TV, VCR, CD, MD, etc. Home appliances such as Air-conditioner, Fan , etc. The other equipments with wireless remote control. CATV set top boxes Multi-media Equipment PART Chip Compound MATERIAL Silicon Epoxy COLOR --Black
Everlight Electronics Co., Ltd. Device NoDMO-026-392
http:\\www.everlight.com Prepared date10-22-2005
Rev 1 Prepared by
Page: 1 of 9 Cindy Lin
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-26xx-DIP-A SERIES
Package Dimensions
OUT GND Vcc
Notes: 1.All dimensions are in millimeters. 2.Tolerances unless dimensions 0.3mm.
Available Types For Different Carrier Frequencies
Type IRM-2633-DIP-A IRM-2638-DIP-A IRM-2640-DIP-A IRM-2656-DIP-A Carrier Frequencies (Typ) 33 kHz 38 kHz 40 kHz 56 kHz
PCB Layout for Electrical Circuit
Everlight Electronics Co., Ltd. Device NoDMO-026-392
http:\\www.everlight.com Prepared date10-22-2005
Rev 1 Prepared by
Page: 2 of 9 Cindy Lin
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-26xx-DIP-A SERIES
Absolute Maximum Ratings (Ta=25)
Parameter Supply Voltage Operating Temperature Storage Temperature Soldering Temperature Symbol Vcc Topr Tstg Tsol Rating 0~6 -25 ~ +80 -40 ~ +85 260 Unit V 4mm from mold body less than 10 seconds Notice
Recommended Operating Condition
Supply Voltage Rating: Vcc =4.5V to 5.5V
Electro-Optical Characteristics (Ta=25, and Vcc=5 V)
Parameter Consumption Current Peak Wavelength Reception Distance Half Angle(Horizontal) Half Angle(Vertical) High Level Pulse Width Low Level Pulse Width High Level Output Voltage Low Level Output Voltage Symbol Icc p L0 L45 h v TH TL VH VL MIN. ----14 6 ----400 400 4.5 --TYP. 1.2 940 ----45 45 ------0.2 MAX. ------------800 800 --0.5 deg deg s s V V At the ray axis *2 At the ray axis *1 Unit mA nm m Condition No signal input
*1:The ray receiving surface at a vertex and relation to the ray axis in the range of = 0 and =45. *2:A range from 30cm to the arrival distance. Average value of 50 pulses.
Everlight Electronics Co., Ltd. Device NoDMO-026-392
http:\\www.everlight.com Prepared date10-22-2005
Rev 1 Prepared by
Page: 3 of 9 Cindy Lin
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-26xx-DIP-A SERIES
The Notice of Application:
Transmission remote control signal consist of four parts: Encode Part, IR Transmitter Source, IRM device, Decode Part 1. When IRM-26xx code select frequency, it need to well understand the center system of encode part. 2. Strong or weak light of IR Transmitter can affect distance of transmission. 3. Minimum Burst Length Tburst (number of pulses per burst) : 10 cycles 4. It needs to ensure the translation range of decode part if it is applied to the pulse-width range. If the above items hardly assure of its application, it'll cause NG(no good) message from the edge of signal.
Test Method
The specified electro-optical characteristics is satisfied under the following Conditions at the controllable distance. Measurement place A place that is nothing of extreme light reflected in the room. External light Project the light of ordinary white fluorescent lamps which are not high Frequency lamps and must be less then 10 Lux at the module surface. (Ee10Lux) Standard transmitter A transmitter whose output is so adjusted as to Vo=400mVp-p and the output Wave form shown in Fig.-1.According to the measurement method shown in Fig.-2 the standard transmitter is specified. However , the infrared photodiode to be used for the transmitter should be p=940nm,=50nm. Also, photodiode is used of PD438B(Vr=5V). (Standard light / Light source temperature 2856K). Measuring system According to the measuring system shown in Fig.-3 Fig.-1 Transmitter Wave Form
Carrier frequency is adjusted to center frequency of each product.
OUTPUT PULSE OF DEVICE
D.U.T output Pulse
IR TANSMITTER OUTPUT WAVE FORM
Duty=0.5
Everlight Electronics Co., Ltd. Device NoDMO-026-392 http:\\www.everlight.com Prepared date10-22-2005 Rev 1 Prepared by Page: 4 of 9 Cindy Lin
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-26xx-DIP-A SERIES
Fig.-2 Measuring Method
20cm 10k +5.0 0.1V 10uF
Fig.-3
Measuring System
L: Transmission Distance
Vcc
OUT D.U.T
Standard Transmitter Vout
100k
Standard Transmitter
Vout GND
: Angle Of Horizontal & Vertical Direction
Oscilloscope
Block Diagram
VCC
Voltage Reference Circuit
Noise Det.& Gain Ctrl.
Band-pass Fiter
IN
I-V Converter &Input Bias Control
Pre Amp
AGC Amp
Limit Amp
Comparator
Integrator &Wave Shaping
Output Stage
OUT
Fset Bias Circuit Frequency Setting Frequency Trimming Threshold Control Circuit
GND
Application Circuit
RC Filter should be connected closely between Vcc pin and GND pin.
Everlight Electronics Co., Ltd. Device NoDMO-026-392
http:\\www.everlight.com Prepared date10-22-2005
Rev 1 Prepared by
Page: 5 of 9 Cindy Lin
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-26xx-DIP-A SERIES
Typical Electro-Optical Characteristics Curves
Fig.-4 Relative Spectral Sensitivity vs. Wavelength Fig.-5 Relative Transmission Distance vs. Direction
Fig.-6 Arrival Distance vs. Ambient Temperature
17.5
Fig.-7 Arrival Distance vs. Supply Voltage
17.0 14.0 10.5 7.0 3.5
Transmission Distance Lc (m)
10.5 7.0 3.5
Transmission Distance Lc (m)
14.0
Ambient Temperature Ta (C)
Supply Voltage Vcc (V)
Everlight Electronics Co., Ltd. Device NoDMO-026-392
http:\\www.everlight.com Prepared date10-22-2005
Rev 1 Prepared by
Page: 6 of 9 Cindy Lin
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-26xx-DIP-A SERIES
Typical Electro-Optical Characteristics Curves
Fig.-8 Relative Transmission Distance vs. Center Carrier Frequency IRM-2633 IRM-2638
Relative Transmission Distance (%)
Relative Transmission Distance (%)
Center Carrier Frequency (kHz)
Center Carrier Frequency (kHz)
Fig.-8 Relative Transmission Distance vs. Center Carrier Frequency IRM-2640 IRM-2656
Relative Transmission Distance (%)
Relative Transmission Distance (%)
Center Carrier Frequency (kHz)
Center Carrier Frequency (kHz)
Fig.-9 Relative Transmission Distance vs. Center Carrier Frequency
Output Pulse Width (sec)
Transmission Distance Lc (m)
Everlight Electronics Co., Ltd. Device NoDMO-026-392
http:\\www.everlight.com Prepared date10-22-2005
Rev 1 Prepared by
Page: 7 of 9 Cindy Lin
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-26xx-DIP-A SERIES
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below. Confidence level: 90% LTPD: 10%
Test Items
Test Conditions 1 cycle -40 +25 +85 (30min)(5min)(30min) 300 cycle test
Failure Judgement Criteria
Samples(n) Defective(c)
Temperature cycle
n=22,c=0
Temp: +85 High temperature test Vcc:5V 1000hrs Low temperature storage High temperature High humidity Temp: -40 1000hrs Ta: 85,RH: 85% 1000hrs Temp: 2605 10sec 4mm From the bottom of the package.
n=22,c=0 L0 Lx0.8 L45 Lx0.8 n=22,c=0 L: Lower specification limit n=22,c=0
Solder heat
n=22,c=0
Everlight Electronics Co., Ltd. Device NoDMO-026-392
http:\\www.everlight.com Prepared date10-22-2005
Rev 1 Prepared by
Page: 8 of 9 Cindy Lin
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-26xx-DIP-A SERIES
Packing Quantity Specification
1. 160PCS/1Box 2. 10Boxes/1Carton
Label Form Specification
CPN: Customer's Production Number P/N : Production Number QTY: Packing Quantity CAT: Ranks HUE: None REF: Reference LOT No: Lot Number MADE IN TAIWAN: Production Place
IRM-26xx-DIP-A
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please don't reproduce or cause anyone to reproduce them without EVERLIGHT's consent.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C
Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http:\\www.everlight.com
Everlight Electronics Co., Ltd. Device NoDMO-026-392
http:\\www.everlight.com Prepared date10-22-2005
Rev 1 Prepared by
Page: 9 of 9 Cindy Lin


▲Up To Search▲   

 
Price & Availability of IRM-2633-DIP-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X