Part Number Hot Search : 
1612B SMBJ45A BU207 NTE7116 LVC1G1 TFZ13B 13T1C 3845A
Product Description
Full Text Search
 

To Download IRGP4086PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 97132
IRGP4086PBF
PDP TRENCH IGBT
Features l Advanced Trench IGBT Technology l Optimized for Sustain and Energy Recovery Circuits in PDP Applications TM) l Low VCE(on) and Energy per Pulse (EPULSE for Improved Panel Efficiency l High Repetitive Peak Current Capability l Lead Free Package
Key Parameters
VCE min VCE(ON) typ. @ IC = 70A IRP max @ TC= 25C c TJ max
C
300 1.90 250 150
C
V V A C
G
E G
E
C
n-channel
G G ate C C ollector
TO-247AC
E E m itter
Description This IGBT is specifically designed for applications in Plasma Display Panels. This device utilizes advanced trench IGBT technology to achieve low VCE(on) and low EPULSETM rating per silicon area which improve panel efficiency. Additional features are 150C operating junction temperature and high repetitive peak current capability. These features combine to make this IGBT a highly efficient, robust and reliable device for PDP applications.
Absolute Maximum Ratings
Parameter
VGE IC @ TC = 25C IC @ TC = 100C IRP @ TC = 25C PD @TC = 25C PD @TC = 100C TJ TSTG Gate-to-Emitter Voltage Continuous Collector Current, VGE @ 15V Continuous Collector, VGE @ 15V Repetitive Peak Current c Power Dissipation Power Dissipation Linear Derating Factor Operating Junction and Storage Temperature Range Soldering Temperature for 10 seconds Mounting Torque, 6-32 or M3 Screw 300 10lbxin (1.1Nxm) N
Max.
30 70 40 250 160 63 1.3 -40 to + 150
Units
V A
W W/C C
Thermal Resistance
Parameter
RJC (IGBT)
RCS RJA
Typ.
--- 0.24 --- 6.0 (0.21)
Max.
0.8 --- 40 ---
Units
C/W g (oz)
Thermal Resistance Junction-to-Case-(each IGBT) d Case-to-Sink (flat, greased surface) Junction-to-Ambient (typical socket mount) d Weight
www.irf.com
1
4/17/08
IRGP4086PBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter
BVCES
Min.
Typ. Max. Units
--- 0.29 1.29 1.49 1.90 2.57 2.27 --- -11 2.0 5.0 100 --- --- 29 65 22 36 31 112 65 30 33 145 98 --- 1075 1432 2250 110 58 5.0 13 --- --- 1.46 1.67 2.10 2.96 --- 5.0 --- 25 --- --- 100 -100 --- --- --- -- -- -- -- -- -- -- -- --- --- --- --- --- --- --- nH --- pF ns J ns ns S nC nA V mV/C A V
Conditions
Collector-to-Emitter Breakdown Voltag 300 --- ---
VCES/TJ Breakdown Voltage Temp. Coefficient ---
VGE = 0V, ICE = 1 mA V V/C Reference to 25C, ICE = 1mA VGE = 15V, ICE = 25A e VGE = 15V, ICE = 40A e VGE = 15V, ICE = 70A e VGE = 15V, ICE = 120A e VGE = 15V, ICE = 70A, TJ = 150C VCE = VGE, ICE = 500A VCE = 300V, VGE = 0V VCE = 300V, VGE = 0V, TJ = 100C VCE = 300V, VGE = 0V, TJ = 150C VGE = 30V VGE = -30V VCE = 25V, ICE = 25A VCE = 200V, IC = 25A, VGE = 15Ve IC = 25A, VCC = 196V RG = 10, L=200H, LS= 200nH TJ = 25C IC = 25A, VCC = 196V RG = 10, L=200H, LS= 200nH TJ = 150C VCC = 240V, VGE = 15V, RG= 5.1 L = 220nH, C= 0.40F, VGE = 15V VCC = 240V, RG= 5.1, TJ = 25C L = 220nH, C= 0.40F, VGE = 15V VCC = 240V, RG= 5.1, TJ = 100C VGE = 0V VCE = 30V = 1.0MHz, Between lead, 6mm (0.25in.) from package and center of die contact See Fig.13
VCE(on)
Static Collector-to-Emitter Voltage
--- --- ---
VGE(th)
Gate Threshold Voltage
2.6 --- --- --- ---
VGE(th)/TJ Gate Threshold Voltage Coefficient ICES Collector-to-Emitter Leakage Current
IGES gfe Qg Qgc td(on) tr td(off) tf td(on) tr td(off) tf tst EPULSE
Gate-to-Emitter Forward Leakage Gate-to-Emitter Reverse Leakage Forward Transconductance Total Gate Charge Gate-to-Collector Charge Turn-On delay time Rise time Turn-Off delay time Fall time Turn-On delay time Rise time Turn-Off delay time Fall time Shoot Through Blocking Time Energy per Pulse
--- --- --- --- --- -- -- -- -- -- -- -- -- 100 --- ---
Ciss Coss Crss LC LE
Input Capacitance Output Capacitance Reverse Transfer Capacitance Internal Collector Inductance Internal Emitter Inductance
--- --- --- --- ---
Notes: Half sine wave with duty cycle = 0.1, ton=2sec. R is measured at TJ of approximately 90C.
Pulse width 400s; duty cycle 2%.
2
www.irf.com
IRGP4086PBF
240 VGE = 18V 200 160
ICE (A)
240 VGE = 15V VGE = 12V VGE = 10V VGE = 8.0V VGE = 6.0V VGE = 18V 200 160
ICE (A)
VGE = 15V VGE = 12V VGE = 10V VGE = 8.0V VGE = 6.0V
120 80 40 0 0 4 8 VCE (V)
120 80 40 0
12
16
0
4
8 VCE (V)
12
16
Fig 1. Typical Output Characteristics @ 25C
240 VGE = 18V 200 160
ICE (A)
Fig 2. Typical Output Characteristics @ 75C
240 VGE = 18V 200 160
ICE (A)
VGE = 15V VGE = 12V VGE = 10V VGE = 8.0V VGE = 6.0V
VGE = 15V VGE = 12V VGE = 10V VGE = 8.0V VGE = 6.0V
120 80 40 0 0 4 8 VCE (V)
120 80 40 0
12
16
0
4
8 VCE (V)
12
16
Fig 3. Typical Output Characteristics @ 125C
240 200 160
ICE (A)
Fig 4. Typical Output Characteristics @ 150C
10 IC = 25A
TJ = 25C TJ = 150C
VCE (V)
8
6
120 80 40 0 2 4 6 8 10 12 14 16 VGE (V)
TJ = 25C TJ = 150C
4
2
0 5 10 VGE (V) 15 20
Fig 5. Typical Transfer Characteristics
Fig 6. VCE(ON) vs. Gate Voltage
www.irf.com
3
IRGP4086PBF
80 70
IC, Collector Current (A)
300
Repetitive Peak Current (A)
60 50 40 30 20 10 0 0 25 50 75 100 125 150
200
100 ton= 2s Duty cycle = 0.1 Half Sine Wave 0 25 50 75 100 125 150 Case Temperature (C)
T C, Case Temperature (C)
Fig 7. Maximum Collector Current vs. Case Temperature
1500 1400 1300
Energy per Pulse (J)
Fig 8. Typical Repetitive Peak Current vs. Case Temperature
1600 L = 220nH C = 0.4F
VCC = 240V L = 220nH C = variable 100C
1400
Energy per Pulse (J)
100C
1200 1100 1000 900 800 700 600 500 400 160 170 180 190 200
1200 1000 800 600 400 200 25C
25C
210
220
230
150 160 170 180 190 200 210 220 230 240 VCE, Collector-to-Emitter Voltage (V)
IC, Peak Collector Current (A)
Fig 9. Typical EPULSE vs. Collector Current
2000 VCC = 240V 1600
Energy per Pulse (J)
Fig 10. Typical EPULSE vs. Collector-to-Emitter Voltage
1000
L = 220nH t = 1s half sine
C= 0.4F
100
IC (A)
1200
10 s 100 s
800
C= 0.3F
10
1ms
400
C= 0.2F
1
0 25 50 75 100 125 150 TJ, Temperature (C)
1
10 VCE (V)
100
1000
Fig 11. EPULSE vs. Temperature
Fig 12. Forward Bias Safe Operating Area
4
www.irf.com
IRGP4086PBF
10000
25
VGE, Gate-to-Source Voltage (V)
ID= 25A VDS = 240V VDS = 200V VDS = 150V
Cies
Capacitance (pF)
1000
20
15
10
100
Coes Cres
10 0 100 200 300
5
0 0 20 40 60 80 100 QG Total Gate Charge (nC)
VCE (V)
Fig 13. Typical Capacitance vs. Collector-to-Emitter Voltage
1
Fig 14. Typical Gate Charge vs. Gate-to-Emitter Voltage
D = 0.50
Thermal Response ( Z thJC )
0.20
0.1
0.10 0.05 0.02 0.01
J J 1 R1 R1 2 R2 R2 R3 R3 C 1 2 3 3
Ri (C/W)
(sec)
0.01
Ci= i/Ri Ci= i/Ri
0.084697 0.000038 0.374206 0.001255 0.341867 0.013676
SINGLE PULSE ( THERMAL RESPONSE )
0.001 1E-006 1E-005 0.0001 0.001 0.01
Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthjc + Tc
0.1 1
t1 , Rectangular Pulse Duration (sec)
Fig 15. Maximum Effective Transient Thermal Impedance, Junction-to-Case (IGBT)
www.irf.com
5
IRGP4086PBF
A
RG
DRIVER L
C
PULSE A
VCC
B
PULSE B
RG
Ipulse DUT
tST
Fig 16a. tst and EPULSE Test Circuit
Fig 16b. tst Test Waveforms
VCE
Energy IC Current
0
L DUT 1K VCC
Fig 16c. EPULSE Test Waveforms
Fig. 17 - Gate Charge Circuit (turn-off)
6
www.irf.com
IRGP4086PBF
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)
TO-247AC Part Marking Information
EXAMPLE: T HIS IS AN IRFPE30 WIT H AS S EMBLY LOT CODE 5657 AS S EMBLED ON WW 35, 2001 IN T HE AS S EMBLY LINE "H" Note: "P" in assembly line position indicates "Lead-Free" INT ERNAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER
IRFPE30
56 135H 57
DAT E CODE YEAR 1 = 2001 WEEK 35 LINE H
TO-247AC package is not recommended for Surface Mount Application. Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/ The specifications set forth in this data sheet are the sole and exclusive specifications applicable to the identified product, and no specifications or features are implied whether by industry custom, sampling or otherwise. We qualify our products in accordance with our internal practices and Data and specifications subject to change without notice. procedures, which by their nature do not include qualification to This product has been designed for the Industrial market. all possible or even all widely used applications. Without Qualification Standards can be found on IR's Web site. limitation, we have not qualified our product for medical use or applications involving hi-reliability applications. Customers are encouraged to and responsible for qualifying product to their own use and their own application environments, especially where particular features are critical to operational performance or safety. Please contact your IR representative if you have specific design or use requirements or for further information. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.04/08
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of IRGP4086PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X