![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PD - 95547 IRFBF20S/LPbF * Lead-Free www.irf.com 1 7/22/04 IRFBF20S/LPbF 2 www.irf.com IRFBF20S/LPbF www.irf.com 3 IRFBF20S/LPbF 4 www.irf.com IRFBF20S/LPbF www.irf.com 5 IRFBF20S/LPbF 6 www.irf.com IRFBF20S/LPbF www.irf.com 7 IRFBF20S/LPbF D2Pak Package Outline Dimensions are shown in millimeters (inches) D2Pak Part Marking Information (Lead-Free) T H IS IS AN IR F 5 3 0 S W IT H L OT COD E 8 0 24 AS S E M B L E D O N W W 0 2 , 2 0 0 0 IN T H E AS S E M B L Y L IN E "L " N ote: "P " in as s em bly line pos ition in dicates "L ead-F ree" IN T E R N AT IO N AL R E C T IF IE R L O GO AS S E M B L Y L O T CO D E P AR T N U M B E R F 530S D AT E C O D E Y E AR 0 = 2 0 0 0 WE E K 02 L IN E L OR IN T E R N AT IO N AL R E C T IF IE R L OGO AS S E M B L Y L O T COD E P AR T N U M B E R F 530S D AT E C O D E P = D E S IG N AT E S L E AD -F R E E P R O D U CT (O P T IO N AL ) Y E AR 0 = 2 0 0 0 WE E K 02 A = AS S E M B L Y S IT E C O D E 8 www.irf.com IRFBF20S/LPbF TO-262 Package Outline TO-262 Part Marking Information E X AMP L E : T H IS IS AN IR L 31 03 L L OT COD E 17 89 AS S E MB L E D ON W W 1 9, 19 97 IN T H E AS S E MB L Y L IN E "C" N ote: "P " in as s em bly line pos ition indicates "L ead-F ree" IN T E R N AT ION AL R E CT IF IE R L OGO AS S E MB L Y L OT COD E P AR T N U MB E R D AT E COD E Y E AR 7 = 1 99 7 W E E K 19 L IN E C OR IN T E R N AT ION AL R E CT IF IE R L OGO AS S E MB L Y L OT COD E P AR T N U MB E R D AT E COD E P = D E S IGN AT E S L E AD -F R E E P R OD U CT (OP T ION AL ) Y E AR 7 = 19 97 WE E K 19 A = AS S E MB L Y S IT E COD E www.irf.com 9 IRFBF20S/LPbF D2Pak Tape & Reel Infomation TRR 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) 1.60 (.063) 1.50 (.059) 0.368 (.0145) 0.342 (.0135) FEED DIRECTION 1.85 (.073) 1.65 (.065) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 24.30 (.957) 23.90 (.941) TRL 10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.049) 16.10 (.634) 15.90 (.626) 4.72 (.136) 4.52 (.178) FEED DIRECTION 13.50 (.532) 12.80 (.504) 27.40 (1.079) 23.90 (.941) 4 330.00 (14.173) MAX. 60.00 (2.362) MIN. NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE. 26.40 (1.039) 24.40 (.961) 3 30.40 (1.197) MAX. 4 Data and specifications subject to change without notice. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.07/04 10 www.irf.com |
Price & Availability of IRFBF20LPBF
![]() |