Part Number Hot Search : 
TA1152A 2SD1816 EGA16 200A12N2 0KGKT 2SB113 F1005 BCX71G
Product Description
Full Text Search
 

To Download IRF840AL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRF840AS/AL
Power MOSFET VDSS = 500V, RDS(on) = 0.85 ohm, ID = 8.0 A
D
G Symbol S
N Channel
ELECTRICAL CHARACTERISICS at
Tj = 25 C Maximum. Unless stated Otherwise Symbol
Parameter
Drain to Source Breakdown Voltage Drain to Source Leakage Current Gate to Source Leakage Current Gate Threshold Voltage
Test Conditions
VDS = 500VDC, VGS = 0VDC VDS = 400VDC, VGS = 0VDC Tj=125 C VGS = +30VDC VGS = -30VDC VDS = VGS, ID = 250A
Value Min 500 Typ Max Unit Volt A nA nA Volt
V(BR)DSS VGS = 0 VDC, ID = 250A IDSS IGSS VGS(th)
2.0
1018 155 8.0 11 26 23 19
25 250 100 -100 4.0 0.85 38 9.0 18
Static Drain to Source On - Resistance RDS(on) VGS= 10VDC, ID = 4.8A Gate Charge Gate to Source Charge Gate to Drain Charge Input Capacitance Output Capacitance Transfer Capacitance Turn On Delay Time Turn Off Delay Time Rise Time Fall Time Continuous Source Current Pulsed Source Current Forward Voltage (Diode) Single Pulse Avalanche Energy Repetive Avalanche Energy Avalanche Current QG QGS QGD CISS COSS CRSS td(on) td(off) tr tf IS ISM VSD EAS EAR IAR VGS = 0VDC, IS =8.0A, Tp = 300S VDD = 250VDC, ID = 8.0A, RG = 9.1 RD = 31 VDS = 25VDC, VGS= 0VDC, f = 1.0MHZ ID = 8.0A VDS = 400VDC, VGS = 10VDC
-
nC nC nC pF pF pF nS nS nS nS A A V mj mj A
8.0 32 2.0 510 13 8
-
MAXIMUM RATINGS Parameter
Gate to Source Voltage Drain to Source Voltage Continuous Drain Current Pulsed Drain Current Total Power Dissapation Thermal Resistance (Junction to Ambient)
(Tj = 25 C unless stated otherwise) Symbol Condition VGS VDSS ID IDM PD RTH (J-A) (TA = 25 C) Value +/- 30V 500 8.0 32 125 40 Unit Volt Volt Amp Amp W C/W
Maximum Operating Temperature Range (Tj) -55 to +150 C Maximum Storage Temperature Range (Tstg) -55 to +150 C
Page 1 of 2
IRF840AS/AL
Power MOSFET VDSS = 500V, RDS(on) = 0.85 ohm, ID = 8.0 A
Mechanical Dimensions
Case SMB 220 Plastic
Dim
a b c d e f g h j k m n p
DIMENSIONS Millimetres Inches Min Max Min Max 9.85 14.61 8.51 1.27 4.08 1.14 1.15 1.78 0.38 0.51 0.51 10.67 15.88 1.65 9.65 1.78 4.83 0.380 0.575 0.335 0.050 0.180 0.420 0.625 0.065 0.380 0.070 0.190 0.055 0.055 0.110 0.029 0.038 0.35
a c 4 d 1 2 3
f g
b
1 - Gate 2 & 4 - Drain 3 - Source
1.40 0.045 1.400 0.045 2.79 0.070 0.77 0.99 0.89 0.015 0.020 0.020
m n p
e k j
2.54 Pitch
0.10 Pitch
Mechanical Dimensions
Case TO262 Plastic
Dim
a b c d e f g h j k m n
DIMENSIONS Millimetres Inches Min Max Min Max 10.29 9.91 13.47 1.15 1.15 0.69 10.54 10.54 14.09 1.40 0.93 0.405 0.390 0.530 0.045 0.045 0.027 0.415 0.415 0.555 0.055 0.037
h a j
4 b 1 e c f n k g m 2 3 d
1 - Gate 2 & 4 - Drain 3 - Source
2.54 Pitch 4.20 4.69 1.22 1.32 0.46 2.64 3.55 0.55 2.92 4.06
0.10 Pitch 0.165 0.185 0.048 0.052 0.018 0.104 0.140 0.022 0.115 0.160
r
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of IRF840AL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X