Part Number Hot Search : 
HMC43206 SP13T AK6002A TL51004 STM32F NTE0505M MAA4868K 1N4687
Product Description
Full Text Search
 

To Download IRF7607PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95698
IRF7607PBF
HEXFET(R) Power MOSFET
Trench Technology l Ultra Low On-Resistance l N-Channel MOSFET l Very Small SOIC Package l Low Profile (<1.1mm) l Available in Tape & Reel l Lead-Free
l
S S S G
1 2 3 4
8 7
A A D D D D
VDSS = 20V RDS(on) = 0.030
6 5
Description
New trench HEXFET(R) power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The new Micro8TM package has half the footprint area of the standard SO-8. This makes the Micro8 an ideal package for applications where printed circuit board space is at a premium. The low profile (<1.1mm) of the Micro8 will allow it to fit easily into extremely thin application environments such as portable electronics and PCMCIA cards.
Top View
Micro8TM
Absolute Maximum Ratings
Parameter
VDS ID @ TA = 25C ID @ TA= 70C IDM PD @TA = 25C PD @TA = 70C VGS TJ, TSTG Drain- Source Voltage Continuous Drain Current, VGS @ 4.5V Continuous Drain Current, VGS @ 4.5V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Junction and Storage Temperature Range
Max.
20 6.5 5.2 50 1.8 1.2 0.014 12 -55 to + 150
Units
V A W W/C V C
Thermal Resistance
Parameter
RJA Maximum Junction-to-Ambient
Max.
70
Units
C/W
www.irf.com
1
9/2/04
IRF7607PBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS I GSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Min. 20 --- --- --- 0.60 13 --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. --- 0.016 --- --- --- --- --- --- --- --- 15 2.2 3.5 8.5 11 36 16 1310 150 36
Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, I D = 1mA 0.030 VGS = 4.5V, ID = 6.5A 0.045 VGS = 2.5V, ID = 5.2A 1.2 V VDS = VGS, ID = 250A --- S VDS = 10V, ID = 6.5A 1.0 VDS = 16V, VGS = 0V A 25 VDS = 16V, V GS = 0V, TJ = 70C -100 VGS = -12V nA 100 VGS = 12V 22 ID = 6.5A 3.3 nC VDS = 10V 5.3 VGS = 5.0V --- VDD = 10V --- ID = 1.0A ns --- R G = 6.0 --- R D = 10 --- VGS = 0V --- pF VDS = 15V --- = 1.0MHz
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Min. Typ. Max. Units --- --- --- --- 19 13 1.8 A 50 1.2 29 20 V ns nC
Conditions MOSFET symbol showing the G integral reverse p-n junction diode. TJ = 25C, IS = 1.7A, VGS = 0V TJ = 25C, IF = 1.7A di/dt = 100A/s
D
S
Notes:
Repetitive rating; pulse width limited by Pulse width 400s; duty cycle 2%.
max. junction temperature. (See fig. 11)
Surface mounted on FR-4 board, t 5sec.
2
www.irf.com
IRF7607PBF
100
VGS 7.50V 5.00V 4.00V 3.50V 3.00V 2.50V 2.00V BOTTOM 1.50V TOP
100
I D , Drain-to-Source Current (A)
I D , Drain-to-Source Current (A)
VGS 7.50V 5.00V 4.00V 3.50V 3.00V 2.50V 2.00V BOTTOM 1.50V TOP
10
10
1.50V
20s PULSE WIDTH TJ = 150 C
1 10 100
1.50V
1 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
1 0.1
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.0
TJ = 25 C TJ = 150 C
10
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = 5.3A
I D , Drain-to-Source Current (A)
1.5
1.0
0.5
1 1.5
V DS = 15V 20s PULSE WIDTH 2.0 2.5 3.0 3.5
0.0 -60 -40 -20
VGS = 4.5V
0 20 40 60 80 100 120 140 160
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF7607PBF
2000
1600
VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
10
ID = 6.5A 5.3A VDS = 10V
8
C, Capacitance (pF)
Ciss
1200
6
800
4
400
2
0
Coss Crss
1 10 100
0
0
4
8
12
16
20
24
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
10
TJ = 150 C
I D , Drain Current (A)
10 1ms
1
TJ = 25 C
0.1 0.4
V GS = 0 V
0.6 0.8 1.0 1.2
1 0.1
TA = 25 C TJ = 150 C Single Pulse
1 10
10ms
100
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF7607PBF
6.0
0.20
5.0
0.10
ID , Drain Current (A)
VGS(th) , Variace ( V )
4.0
0.00
Id = 250A
-0.10
3.0
2.0
-0.20
1.0
-0.30
0.0
-0.40
25
50
TC , Case Temperature ( C)
75
100
125
150
-50
-25
0
25
50
75
100
125
150
T J , Temperature ( C )
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10. Typical Vgs(th) Variance Vs. Juction Temperature
100
Thermal Response (Z thJA )
D = 0.50 0.20 10 0.10 0.05 0.02 1 0.01 PDM t1 t2 SINGLE PULSE (THERMAL RESPONSE) 0.1 0.00001 0.0001 0.001 0.01 0.1 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 1 10 100
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRF7607PBF
RDS ( on) , Drain-to-Source On Resistance ( )
0.040
0.10
RDS(on) , Drain-to -Source Voltage ( )
0.035
0.08
0.030
0.06
0.025
Id = 5.3A
0.04
VGS= 2.5V VGS = 4.5V
0.020 2.0 3.0 4.0 5.0 6.0 7.0 8.0
0.02 0 10 20 30 40
VGS, Gate -to -Source Voltage ( V )
ID, - Drain Current (A )
Fig 12. Typical On-Resistance Vs. Gate Voltage
Fig 13. Typical On-Resistance Vs. Drain Current
6
www.irf.com
IRF7607PBF
Micro8 Package Outline
Dimensions are shown in milimeters (inches)
LEAD ASSIGNMENTS D -B3 DDDD 8765 H 0.25 (.010) 1234 SSSG e 6X e1 A -CB 8X 0.08 (.003) M A1 C AS BS 0.10 (.004) L 8X C 8X 3.20 ( .126 ) 4.24 5.28 ( .167 ) ( .208 ) RECOMMENDED FOOTPRINT 1.04 ( .041 ) 8X 0.38 8X ( .015 ) S1 G1 S2 G2 M A M SINGLE 1234 D1 D1 D2 D2 8765 DUAL 1234
DIM INCHES MIN MAX MILLIMETERS MIN MAX
A A1 B C D e e1 E H L
.036 .004 .010 .005 .116
.044 .008 .014 .007 .120
0.91 0.10 0.25 0.13 2.95
1.11 0.20 0.36 0.18 3.05
3
8765 E -A-
.0256 BASIC .0128 BASIC .116 .188 .016 0 .120 .198 .026 6
0.65 BASIC 0.33 BASIC 2.95 4.78 0.41 0 3.05 5.03 0.66 6
NOTES: 1 DIMENSIONING AND TOLERANCING PER ANSI Y14.5M-1982. 2 CONTROLLING DIMENSION : INCH. 3 DIMENSIONS DO NOT INCLUDE MOLD FLASH.
0.65 6X ( .0256 )
Micro8 Part Marking Information
EXAMPLE: THIS IS AN IRF 7501
LOT CODE (XX)
DATE CODE (YW) - S ee table below Y = YEAR W = WEEK P = DES IGNATES LEAD - FREE PRODUCT (OPTIONAL)
PART NUMBER
WW = (1-26) IF PRECEDED BY LAS T DIGIT OF CALENDAR YEAR YEAR 2001 2002 2003 2004 2005 2006 2007 2008 2009 2010 Y 1 2 3 4 5 6 7 8 9 0 WORK WEEK 01 02 03 04 W A B C D
WW = (27-52) IF PRECEDED BY A LETT ER YEAR 2001 2002 2003 2004 2005 2006 2007 2008 2009 2010 Y A B C D E F G H J K WORK WEEK 27 28 29 30 W A B C D
24 25 26
X Y Z
50 51 52
X Y Z
www.irf.com
7
IRF7607PBF
Micro8 Tape & Reel Information
Dimensions are shown in millimeters (inches)
TERMINAL NUMBER 1
12.3 ( .484 ) 11.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES: 1. OUTLINE CONFORMS TO EIA-481 & EIA-541. 2. CONTROLLING DIMENSION : MILLIMETER.
330.00 (12.992) MAX.
14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Data and specifications subject to change without notice. This product has been designed and qualified for the Consumer market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.09/04
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF7607PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X