Part Number Hot Search : 
KKA6107Q SE5537 TUA2009X PJS6404 4081BF WARP20 AD779JN KX1400
Product Description
Full Text Search
 

To Download HUR2060CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HUR2060CT
High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
A C(TAB) A C A
C
A
Dimensions TO-220AB
Dim. A B C D E F G H J K M N Q R
A=Anode, C=Cathode, TAB=Cathode
HUR2060CT
VRSM V 600
VRRM V 600
Inches Min. Max. 0.500 0.550 0.580 0.630 0.390 0.420 0.139 0.161 0.230 0.270 0.100 0.125 0.045 0.065 0.110 0.230 0.025 0.040 0.100 BSC 0.170 0.190 0.045 0.055 0.014 0.022 0.090 0.110
Milimeter Min. Max. 12.70 13.97 14.73 16.00 9.91 10.66 3.54 4.08 5.85 6.85 2.54 3.18 1.15 1.65 2.79 5.84 0.64 1.01 2.54 BSC 4.32 4.82 1.14 1.39 0.35 0.56 2.29 2.79
Symbol IFRMS IFAVM IFSM EAS IAR TVJ TVJM Tstg Ptot Md Weight TC=25oC mounting torque typical
Test Conditions TC=135oC; rectangular, d=0.5 TVJ=45oC; tp=10ms (50Hz), sine TVJ=25 C; non-repetitive; IAS=0.9A; L=180uH VA=1.5.VR typ.; f=10kHz; repetitive
o
Maximum Ratings 35 2 x 10 50 0.1 0.1 -55...+175 175 -55...+150 60 0.4...0.6 2
Unit A A mJ A
o
C
W Nm g
HUR2060CT
High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
Symbol TVJ=25oC; VR=VRRM TVJ=150oC; VR=VRRM IF=10A; TVJ=150oC TVJ=25oC
Test Conditions
Characteristic Values typ. max. 60 0.25 1.42 2.10 2.5 0.5
Unit uA mA V K/W ns
IR VF RthJC RthCH trr IRM
IF=1A; -di/dt=50A/us; VR=30V; TVJ=25oC VR=100V; IF=12A; -diF/dt=100A/us; TVJ=100 C
o
35 4.4
A
FEATURES
* International standard package * Planar passivated chips * Very short recovery time * Extremely low switching losses * Low IRM-values * Soft recovery behaviour
APPLICATIONS
* Antiparallel diode for high frequency switching devices * Antisaturation diode * Snubber diode * Free wheeling diode in converters and motor control circuits * Rectifiers in switch mode power supplies (SMPS) * Inductive heating * Uninterruptible power supplies (UPS) * Ultrasonic cleaners and welders
ADVANTAGES
* Avalanche voltage rated for reliable operation * Soft reverse recovery for low EMI/RFI * Low IRM reduces: - Power dissipation within the diode - Turn-on loss in the commutating switch
HUR2060CT
High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
30 A 25 IF 20 15 10 0.4 5 0 0.0 0.2 0.0 100 0 A/us 1000 -diF/dt 0 200 400 600 A/us 1000 800 -diF/dt 10
TVJ=150C TVJ=100C TVJ= 25C
1.4 T = 100C nC VJ V = 300V 1.2 R Qr 1.0 0.8 0.6
IF= 20A IF= 10A IF= 5A
40
TVJ= 100C A VR = 300V
IRM
30
IF= 20A IF= 10A IF= 5A
20
0.5
1.0
1.5 VF
2.0 V 2.5
Fig. 1 Forward current IF versus VF
Fig. 2 Reverse recovery charge Qr versus -diF/dt
120 ns 110
TVJ= 100C VR = 300V
Fig. 3 Peak reverse current IRM versus -diF/dt
20 V VFR 15
VFR
2.0
1.2 us 0.9 tfr
1.5 Kf 1.0
IRM
trr 100
IF= 20A IF= 10A IF= 5A
tfr
90
10
0.6
0.5
Qr
80
5
TVJ= 100C IF = 10A
0.3
70 0.0 0 40 80 120 C 160 TVJ 0 200 400 600 -diF/dt 800 A/us 1000 0 0
200
400
0.0 600 A/us 1000 800 diF/dt
Fig. 4 Dynamic parameters Qr, IRM versus TVJ
10 K/W 1 ZthJC 0.1
Fig. 5 Recovery time trr versus -diF/dt
Fig. 6 Peak forward voltage VFR and tfr versus diF/dt Constants for ZthJC calculation: i 1 2 3 Rthi (K/W) 1.449 0.5578 0.4931 ti (s) 0.0052 0.0003 0.0169
0.01
0.001 0.00001
0.0001
0.001
0.01
0.1 t
s
1
Fig. 7 Transient thermal resistance junction to case


▲Up To Search▲   

 
Price & Availability of HUR2060CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X