Part Number Hot Search : 
HX2785 SUF620EF 050UCT 40220 GJ1118 LF198 TLN11707 PD16312
Product Description
Full Text Search
 

To Download HLMP-RB11-D0000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HLMP-SL11
4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
Data Sheet
HLMP-SL11, HLMP-RL11, HLMP-SD11, HLMP-RD11, HLMP-RB11, HLMP-RM11
Description
These Precision Optical Performance Oval LEDs are specifically designed for Full Color/Video and Passenger Information signs. The Oval shaped radiation pattern (60 x 120) and high luminous intensity ensure that these devices are excellent for wide field of view outdoor applications where a wide viewing angle and readability in sunlight are essential. These lamps have very smooth, matched radiation patterns ensuring consistent color mixing in full color applications, message uniformity across the viewing angle of the sign. High efficiency LED materials are used in these lamps: Higher performance of Aluminum Indium Gallium Phosphide (AlInGaP II) for Red and Amber color and Indium Gallium Nitride (InGaN) for Blue and Green. Each lamp is made with an advanced optical grade epoxy offering superior high temperature and high moisture resistance in outdoor applications. The package epoxy contains both UV-A and UV-B inhibitors to reduce the effects of long term exposure to direct sunlight. Designers can select parallel or perpendicular orientation. Both lamps are available in tinted version.
Features
* Well-defined spatial radiation pattern * Viewing angles: - Major axis 120 - Minor axis 60 * High luminous output * AlInGaP II (brightest) intensity level * Colors: - 472 nm blue - 526 nm green - 630 nm red - 592 nm amber * Superior resistance to moisture * UV resistant epoxy
Benefits
* Viewing angle designed for wide field of view applicaion * Superior performance in outdoor environments
Applications
* Full color signs
CAUTION: The Blue and Green LEDs are Class 1 ESD sensitive. Please observe appropriate precautions during handling and processing. Refer to Avago Application Note AN-1142 for additional details.
Selection Guide for AlInGaP II
Color and Dominant Wavelength d (nm) Typ. Amber 592 Amber 592 Red 630 Red 630 Luminous Intensity, Iv (mcd) Min. 180 180 240 240
Part Number HLMP-SL11-H0000 HLMP-RL11-H0000 HLMP-SD11-J0000 HLMP-RD11-J0000
Leads with Stand-Offs Yes Yes Yes Yes
Leadframe Orientation Perpendicular Parallel Perpendicular Parallel
Package Drawing A B A B
Selection Guide for InGaN
Color and Dominant Wavelength d (nm) Typ. Blue 472 Blue 472 Green 526 Green 526 Luminous Intensity, Iv (mcd) Min. 65 180 180 520
Part Number HLMP-RB11-D0000 HLMP-RB11-H0000 HLMP-RM11-H0000 HLMP-RM11-M0000
Leads with Stand-Offs Yes Yes Yes Yes
Leadframe Orientation Parallel Parallel Parallel Parallel
Package Drawing B B B B
Package Dimensions
21.00 MIN. (0.827) 9.50 0.50 (0.374 0.020) 4.0 0.20 (0.157 0.008)
6.30 0.20 (0.248 0.008)
A
1.00 MIN. (0.039) 1.25 0.20 (0.049 0.008) CATHODE LEAD 2.54 0.30 (0.100 0.012) 0.80 MAX. EPOXY MENISCUS (0.016) +0.10 0.40 -0 +0.004 (0.016 -0.000) 0.44 0.20 (0.017 0.008)
+0.10 0.45 -0.04 +0.004 (0.018 -0.002)
21.00 MIN. (0.827) 9.50 0.50 (0.374 0.020) 4.0 0.20 (0.157 0.008)
6.30 0.20 (0.248 0.008)
B
1.00 MIN. (0.039) 1.25 0.20 (0.049 0.008) CATHODE LEAD 2.54 0.30 (0.100 0.012) 0.80 MAX. EPOXY MENISCUS (0.016) +0.10 0.40 -0 +0.004 (0.016 -0.000) 0.44 0.20 (0.017 0.008)
+0.10 0.45 -0.04 +0.004 (0.018 -0.002)
DIMENSIONS ARE IN MILLIMETERS (INCHES).
2
Absolute Maximum Ratings at TA = 25C
Parameter DC Forward Current[1] Peak Pulsed Forward Current Average Forward Current Reverse Voltage (IR = 100 A) Power Dissipation LED Junction Temperature Operating Temperature Range Storage Temperature Range Wave Soldering Temperature
Note: 1. Derate linearly as shown in Figure 6 and 7.
Blue and Green 30 mA 100 mA 30 mA 5V 120 mW 100C -40C to +80C -40C to +100C 250C for 3 sec.
Red and Amber 50 mA 100 mA 30 mA 5V 120 mW 110C -40C to +100C -40C to +120C 250C for 3 sec.
Electrical/Optical Characteristics at TA = 25C
Parameter Typical Viewing Angle Major Minor Forward Voltage Amber (d = 592 nm) Red (d = 630 nm) Blue (d = 472 nm) Green (d = 526 nm) Reverse Voltage Amber, Red Blue, Green Peak Wavelength Amber (d = 592 nm) Red (d = 630 nm) Blue (d = 472 nm) Green (d = 526 nm) Spectral Halfwidth Amber (d = 592 nm) Red (d = 630 nm) Blue (d = 472 nm) Green (d = 526 nm) Capacitance Amber, Red Blue, Green Luminous Efficacy Amber (d = 592 nm) Red (d = 630 nm) Blue (d = 472 nm) Green (d = 526 nm) Thermal Resistance Symbol 21/2 VF 2.15 2.00 3.5 3.5 VR 5 5 20 -- 594 639 470 524 17 17 35 47 40 43 500 155 75 520 240 2.5 2.5 4.0 4.0 V Min. Typ. 120 60 Max. Units deg IF = 20 mA Test Conditions
V
peak
nm
IR = 100 A IR = 10 A Peak of Wavelength of Spectral Distribution at IF = 20 mA
1/2
nm
Wavelength Width at Spectral Distribution 1/2 Power Point at IF = 20 mA VF = 0, F = 1 MHz
C
pF Emitted Luminous Power/Emitted Radiant Power at IF = 20 mA
v
lm/W
RJ-PIN
C/W
LED Junction-to-Cathode Lead
Notes: 1. 21/2 is the off-axis angle where the luminous intensity is 1/2 the on-axis intensity. 2. The radiant intensity, Ie in watts per steradian, may be found from the equation Ie = Iv/v where Iv is the luminous intensity in candelas and v is the luminous efficacy in lumens/watt. 3. The luminous intensity is measured on the mechanical axis of the lamp package. 4. The optical axis is closely aligned with the package mechanical axis. 5. The dominant wavelength d is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
3
1.0
IF - FORWARD CURRENT - mA
50
BLUE
RELATIVE INTENSITY
GREEN
AMBER
RED
40 RED 30
0.5
20 AMBER 10
0
400
450
500
550 WAVELENGTH - nm
600
650
700
0 1.0
1.5
2.0
2.5
3.0
VF - FORWARD VOLTAGE - V
Figure 1. Relative intensity vs. wavelength.
Figure 2. Amber, red forward current vs. forward voltage.
35
RELATIVE LUMINOUS INTENSITY (NORMALIZED AT 20 mA)
IF - FORWARD CURRENT - mA
2.5
RELATIVE LUMINOUS INTENSITY (NORMALIZED AT 20 mA)
1.5
30 25 20 15 10 5 0 2.0 2.4 2.8 3.2 3.6 4.0
2.0
1.0
1.5
1.0
0.5
0.5
0
0
10
20
30
40
50
0
0
5
10
15
20
25
30
VF - FORWARD VOLTAGE - V
IF - FORWARD CURRENT - mA
IF - FORWARD CURRENT - mA
Figure 3. Blue, green forward current vs. forward voltage.
Figure 4. Amber, red relative luminous intensity vs. forward current.
Figure 5. Blue, green relative luminous intensity vs. forward current.
60
IF - FORWARD CURRENT - mA
35 IF - FORWARD CURRENT - mA 30 25 RJ-A = 585C/W 20 15 10 5 0 0 20 40 60 80 100
50 40 30 20 10 0 RJ-A = 585C/W RJ-A = 780C/W
0
20
40
60
80
100
120
TA - AMBIENT TEMPERATURE - C
TA - AMBIENT TEMPERATURE - C
Figure 6. Amber, red maximum forward current vs. ambient temperature.
Figure 7. Blue, green maximum forward current vs. ambient temperature.
4
1.0
RELATIVE INTENSITY
0.8
0.6
0.4
0.2
0 -90
-75
-60
-45
-30
-15
0
15
30
45
60
75
90
ANGULAR DISPLACEMENT - DEGREES
Figure 8a. Representative spatial radiation pattern for major axis.
1.0
RELATIVE INTENSITY
0.8
0.6
0.4
0.2
0 -90
-75
-60
-45
-30
-15
0
15
30
45
60
75
90
ANGULAR DISPLACEMENT - DEGREES
Figure 8b. Representative spatial radiation pattern for minor axis.
5
Intensity Bin Limits (mcd at 20 mA)
Bin Name D E F G H Min. 65 85 110 140 180 Max. 85 110 140 180 240 Bin Name J K L M Min. 240 310 400 520 Max. 310 400 520 680
Tolerance for each bin limit is 15%. Note: 1. Bin categories are established for classification of products. Products may not be available in all bin categories.
Color Bin Limits (nm at 20 mA) Blue
Bin ID 1 2 3 4 5 Color Range (nm) Min. Max. 460.0 464.0 468.0 472.0 476.0 464.0 468.0 472.0 476.0 480.0
Tolerance for each bin limit is 2 nm.
Green
Bin ID 1 2 3 4 5 Color Range (nm) Min. Max. 520.0 524.0 524.0 528.0 528.0 532.0 532.0 536.0 536.0 540.0
Tolerance for each bin limit is 0.5 nm.
Amber
Bin ID 1 2 4 6 Color Range (nm) Min. Max. 584.5 587.0 587.0 589.5 589.5 592.0 592.0 594.5
Tolerance for each bin limit is 0.5 nm. Note: 1. All bin categories are established for classification of products. Products may not be available in all bin categories. Please contact your Avago representatives for further information.
6
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies Limited in the United States and other countries. Data subject to change. Copyright (c) 2006 Avago Technologies Pte. All rights reserved. Obsoletes 5988-3135EN 5988-7311EN July 3, 2006


▲Up To Search▲   

 
Price & Availability of HLMP-RB11-D0000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X