Part Number Hot Search : 
5R100B BXMP1007 AD7811 MN3007 MNTXG 21308 UPD72 645ET
Product Description
Full Text Search
 

To Download HERAF1001G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HERAF1001G - HERAF1008G
Isolated 10.0 AMPS. Glass Passivated High Efficient Rectifiers
ITO-220AC
.185(4.7) .173(4.4) .124(3.16) .118(3.00)
.406(10.3) .390(9.90) .134(3.4)DIA .113(3.0)DIA
.272(6.9) .248(6.3)
.112(2.85) .100(2.55)
Features
Glass passivated chip junction. High efficiency, Low VF High current capability High reliability High surge current capability For use in low voltage, high frequency inventor, free wheeling, and polarity protection application.
.606(15.5) .583(14.8)
.063(1.6) MAX
.161(4.1) .146(3.7)
.110(2.8) .098(2.5)
.030(0.76) .020(0.50)
.055(1.4) .043(1.1) .035(0.9) .020(0.5)
.071(1.8) MAX
.543(13.8) .512(13.2)
Mechanical Data
Cases: ITO-220AC molded plastic Epoxy: UL 94V0 rate flame retardant Terminals: Pure tin plated, lead free solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: 260oC/10 seconds 0.25",(6.35mm) from case. Mounting torque : 5 in - 1bs. max. Weight: 2.24 grams
2
.100(2.55)
.100(2.55)
PIN 1 PIN 2 CASE
Case Positive
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage
Symbol VRRM VRMS VDC
HERAF HERAF HERAF HERAF HERAF HERAF HERAF HERAF
1001G 1002G 1003G 1004G 1005G 1006G 1007G 1008G
Units V V V
A A
Maximum DC Blocking Voltage Maximum Average Forward Rectified I(AV) Current @TC =100 oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated IFSM Load (JEDEC method ) Maximum Instantaneous Forward Voltage VF 1.0 @10.0A Maximum DC Reverse Current o IR @TA=25 C at Rated DC Blocking Voltage @ TA=125 oC Maximum Reverse Recovery Time ( Note 1 ) Trr 50 Typical Junction Capacitance ( Note 2 ) Cj 80 Typical Thermal Resistance (Note 3) RJC Operating Temperature Range TJ -65 Storage Temperature Range TSTG -65 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A Notes: 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D. C. 3. Mounted on Heatsink Size of 2 in x 3 in x 0.25 in Al-Plate.
50 35 50
100 70 100
200 140 200
300 210 300
400 280 400 10
600 420 600
800 1000 560 700 800 1000
150 1.3 10 400 80 60 2.0 to +150 to +150 1.7
V uA uA nS pF o C/W o C o C
Version: A06
RATINGS AND CHARACTERISTIC CURVES (HERAF1001G THRU HERAF1008G)
AVERAGE FORWARD CURRENT. (A)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
12 10 8 6 4 0 0 50 CASE TEMPERATURE. ( C)
o
FIG.2- TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS REVERSE CURRENT. ( A)
Tj=125 0C
100
10
Tj=25 0C
100
150
PEAK FORWARD SURGE CURRENT. (A)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
150 120 90 60 30 0
Tj=25 0C 8.3ms Single Half Sine Wave JEDEC Method
1
0.1
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT. (A)
10
04
1
2
5
10
20
50
100
G
30 10
1G AF
NUMBER OF CYCLES AT 60Hz
ER
~H
00
F1
RA
JUNCTION CAPACITANCE.(pF)
HE
0.3 0.1
90
HE
RA
60 30 0 1
RA
F1 00 1G ~H E
F1 00 6G ~H E
RA
F1 00 5G
RA
F1 00 8G
0.03 0.01 0.4
2
5
10
20
50
100
200
500
1000
0.6
0.8
HE
120
RA
F1
1.0
00
150
6G
1.0
HE
~H
ER
1.2
AF
3.0
10
08
FIG.4- TYPICAL JUNCTION CAPACITANCE
G
H
A ER
F1
00
5G
1.4
1.6
1.8
REVERSE VOLTAGE. (V)
FORWARD VOLTAGE. (V)
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 NONINDUCTIVE 10 NONINDUCTIVE trr +0.5A DUT (-) PULSE GENERATOR (NOTE 2) NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A
(+) 50Vdc (approx) (-)
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
Version: A06


▲Up To Search▲   

 
Price & Availability of HERAF1001G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X