Part Number Hot Search : 
U3N50 S182K AD60305 RA23097 S74HC164 KNP200 2SC4102S PSCH50
Product Description
Full Text Search
 

To Download HER205G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
HER201G THRU HER208G
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
FEATURES
* * * * * * * Low power loss, high efficiency Low leakage Low forward voltage drop High current capability High speed switching High surge capability High reliability
DO-15
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA= 50 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM CJ TJ, TSTG 30 -55 to + 150
HER201G HER202G HER203G HER204G HER205G HER206G HER207G HER208G UNITS
50 35 50
100 70 100
200 140 200
300 210 300 2.0 60
400 280 400
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps
20
pF
0
C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 2.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA = 25 oC Maximum Full Load Reverse Current Average, Full Cycle .375" (9.5mm) lead length at TL = 55oC Maximum Reverse Recovery Time (Note 1) NOTES : 1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A 2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts SYMBOL VF
HER201G HER202G HER203G HER204G HER205G HER206G HER207G HER208G UNITS
1.0
1.3 5.0
1.7
Volts uAmps uAmps
IR 100 trr 50 75
nSec 2003-1
RATING AND CHARACTERISTIC CURVES ( HER201G THRU HER208G )
AVERAGE FORWARD CURENT, (A)
FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50 NONINDUCTIVE 10 NON-INDUCTIVE
trr +0.5A
(-)
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
4.0
Single Phase Half Wave 60Hz Resistive or Inductive Load
(+) 25 Vdc (approx) (-)
D.U.T
0
PULSE GENERATOR (NOTE 2)
-0.25A
2.0
1 NONINDUCTIVE
OSCILLOSCOPE (NOTE 1)
(+)
-1.0A
NOTES:1 Rise Time = 7ns max. Input Impedance =
1 megohm. 22pF. 2. Rise Time = 10ns max. Source Impedance = 50 ohms.
1cm
SET TIME BASE FOR 10/20 ns/cm
0 0 25 50 75 100 125 150175
AMBIENT TEMPERATURE (
)
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT, (uA) INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 10
100
100
50/
TJ = 25
60
0/8
1.0
.1
.1
.01
Pulse Width = 300uS 1% Duty Cycle
.01
0
20
40 60 80 100 120 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
140
.001
0
.2 .4 .6 .8 1.0 1.2 1.4 1.6 1.8 INSTANTANEOUS FORWARD VOLTAGE, (V) FIG. 6 - TYPICAL JUNCTION CAPACITANCE
PEAK FORWARD SURGE CURRENT, (A)
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
JUNCTION CAPACITANCE, (pF)
70 60 50 40 30 20 10 0 1 2 5 10 20 50 NUMBER OF CYCLES AT 60Hz 100
8.3ms Single Half Sine-Wave (JEDEC Method)
200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 REVERSE VOLTAGE, ( V )
HER 206G
HER
00
/10
TJ = 25
00
201 G~H
TJ = 100
/20
0V
300
10
1.0
/40
TJ = 150
0V
V
ER2
05G
TJ = 25
~HE
R20
8G
RECTRON


▲Up To Search▲   

 
Price & Availability of HER205G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X