Part Number Hot Search : 
FS800 43U02 P80C52X2 SCA24CA KMM532 1N3296A NDC652P 2SD1118
Product Description
Full Text Search
 

To Download HER205G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER201G THRU HER208G
2.0 AMPS. Glass Passivated High Efficient Rectifiers
Voltage Range 50 to 1000 Volts Current 2.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
DO-15
Mechanical Data
Case: Molded plastic DO-15 Epoxy: UL 94V-O rate flame retardant Lead: Axial leads, solderable per MIL-STD202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: o 260 C/10 seconds/.375",(9.5mm) lead lengths at 5 lbs., (2.3kg) tension Mounting position: Any Weight: 0.40 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol HER HER HER HER HER HER HER HER Units Type Number
201G 202G 203G 204G 205G 206G 207G 208G Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375 (9.5mm) Lead Length @TA = 55 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 2.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=125 Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance Typical Thermal Resistance (Note 2) (Note 3)
VRRM VRMS VDC I(AV) IFSM VF IR Trr Cj RJA TJ
50 35 50
100 70 100
200 140 200
300 210 300
400 280 400
600 420 600
800 1000 560 700 800 1000
V V V A A
2.0 60 1.0 1.3 5.0 150 50 35 60 -65 to +150 -65 to +150 75 20 1.7
V
uA uA
Operating Temperature Range Storage Temperature Range
TSTG Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Mount on Cu-Pad Size 10mm x 10mm on P.C.B.
nS pF /W
- 332 -
RATINGS AND CHARACTERISTIC CURVES (HER201G THRU HER208G)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
3.0 Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length
2.0
1.0
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
0.5 0
25
50
75 100 125 150 175
o
AMBIENT TEMPERATURE. ( C)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
1000
FIG.4- TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS REVERSE CURRENT. ( A)
INSTANTANEOUS FORWARD CURRENT. (A)
Tj=125 0C
Tj=25 0C
100
10
HE
1
R2
01
G
E ~H
R2
04
G
HE
R2
05
G
10
Tj=75 0C
Tj=25 0C
0.1 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 FORWARD VOLTAGE. (V)
FIG.5- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
70
FIG.6- TYPICAL JUNCTION CAPACITANCE
175
PEAK FORWARD SURGE CURRENT. (A)
60 50 40 30 20 10 0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz
JUNCTION CAPACITANCE.(pF)
150 125 100
8.3ms Single Half Sine Wave JEDEC Method
HE
75
R2
01
G~
HE
50 25 0 0.1
HE
R2
R2
06G
05
H
ER
1
0.1
G
~H
ER
208
G
20
Tj=25 0C
6G
~H
ER
20
8G
0.5
1
2
5
10
20
50
100 200
500 800
REVERSE VOLTAGE. (V)
- 333 -


▲Up To Search▲   

 
Price & Availability of HER205G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X