Part Number Hot Search : 
HX2785 SUF620EF 050UCT 40220 GJ1118 LF198 TLN11707 PD16312
Product Description
Full Text Search
 

To Download GP20M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GP20A THRU GP20M
2.0 AMPS. Glass Passivated Junction Plastic Rectifiers
Voltage Range 50 to 1000 Volts Current 2.0 Amperes
Features
High temperature metallurgically bonded construction Plastic material used carries Underwriters Laboratory Classification 94V-O Glass passivated cavity-free junction Capable of meeting environmental standards of MIL-S-19500 2.0 amperes operation at TA=55oC and with no thermal runaway Typical IR less than 0.1 uA High temperature soldering guaranteed: 350oC / 10 seconds, 0.375"(9.5mm) lead length, 5 lbs. (2.3kg) tension
DO-201
Mechanical Data
Case: JEDEC DO-201 molded plastic over glass body Lead: Plated axial leads, solderable per MIL-STD750, Method 2026 Polarity: Color band denotes cathode end Mounting position: Any Weight: 0.03 ounce, 0.8 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol GP GP Type Number 20A 20B Maximum Recurrent Peak Reverse Voltage 50 100 VRRM Maximum RMS Voltage 35 70 VRMS Maximum DC Blocking Voltage 100 50 VDC
Maximum Average Forward Rectified Current .375" (9.5mm) Lead Length at TA=55 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @2.0A Maximum Full Load Reverse Current at Rated DC Blocking Voltage Maximum Full Load Reverse Current, Full Cycle Average .375"(9.5mm) Lead Length @TA=55 Typical Reverse Recovery Time (Note 1) Typical Junction Capacitance ( Note 2 ) Typical Thermal Resistance (Note 3) Operating and Storage Temperature Range
GP 20D 200 140 200
GP 20G 400 280 400 2.0 65
GP 20J 600 420 600
GP 20K 800 560 800
GP Units 20M 1000 V 700 V 1000 V A A
I(AV) IFSM VF IR HTIR Trr Cj RJA TJ,TSTG 1.2
1.1 5.0 100 2.5 40.0 40 - 65 to + 175
V uA uA uS pF /W
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. 3. Mount on Cu-Pad Size 10mm x 10mm on P.C.B.
- 570 -
RATINGS AND CHARACTERISTIC CURVES (GP20A THRU GP20M)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
60Hz RESISTIVE OR INDUCTIVE LOAD 1.5
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
100 Tj=Tj max. 8.3ms Single Half Sine Wave JEDEC Method 70
2.0
1.0
40
0.375"(9.5mm) LEAD LENGTH 0.5
20
0 0 25 50 75 100
o
10 125 150 175 1 10 NUMBER OF CYCLES AT 60Hz 100 AMBIENT TEMPERATURE. ( C)
10
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG.4- TYPICAL REVERSE CHARACTERISTICS
20 10
Tj=150 0C
INSTANTANEOUS FORWARD CURRENT. (A)
1
G
P2
0D
-G
G
P2
0
G A-
P2
0B
INSTANTANEOUS REVERSE CURRENT. ( A)
P2
0M
Tj=125 0C
1
Tj=75 0C
0.1
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE
0
0.1
Tj=25 0C
0.01 0.4
0.01 0.6 0.8 1.0 1.2 1.4 1.6 0 20 40 60 80 100 120 140 FORWARD VOLTAGE. (V) PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
100
JUNCTION CAPACITANCE.(pF)
Tj=25 0C f=1.0MHz Vsig=50mVp-p
10 1 10 REVERSE VOLTAGE. (V) 100
- 571 -


▲Up To Search▲   

 
Price & Availability of GP20M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X