Part Number Hot Search : 
111505 T6020 SP706S DS123 F421L CPC1726 DSWM5077 LBS12033
Product Description
Full Text Search
 

To Download GL41G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
o o o o o
GALAXY ELECTRICAL
SURFACE MOUNT RECTIFIER
GL41A---GL41M
VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 1.0 A
FEATURES
Plastic package has underwriters laboratories flammability classification 94V-0 Glass passivated chip junction For surface mount applications High temperature metallurgically bonded construction Cavity-free glass passivated junction o High temperature soldering guaranteed:450 of 265ae for 10 seconds in solder bath ae/5 seconds at terminals.Complete device sub-mersible temperature
DO - 213AB
MECHANICAL DATA
o o o o o Case: JEDEC DO-213AB,molded plastic Terminals: Plated terminals,solderable per MIL- STD-750,Method 2026 Polarity: Color band denotes cathode Weight: 0.0046 ounces, 0.116 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25ae ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate current by 20%.
GL 41A
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current (see FIG.1) Peak forward surge current 8.3ms single half-sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage @1.0A Maximum reverse current @T A=25ae
GL 41B
100 70 100
GL GL 41D 41G
200 140 200 400 280 400 1.0
GL 41J
600 420 600
GL GL UNITS 41K 41M
800 560 800 1000 700 1000 V V V A
VRRM VRMS VDC I(AV) IFSM VF IR Cj RJA Tj TSTG
50 35 50
30
A
1.1 10 50 8.0 75 - 55 ---- +175 - 55 ---- +175
1.2
V A pF ae/W ae ae
at rated DC blocking voltage @T A=125ae Typical junction capacitance (Note1) Typical thermal resistance (Note 2) Operating junction temperature range Storage temperature range
NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2. Thermal resistance from junction to ambient, 0.24x0.24"(6.0x6.0mm) copper pads to each terminal.
www.galaxycn.com
Document Number 0280060
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- FORWARD DERATING CURVE
1.2
50
Resistive or inductive Load
GL41A- - -GL41M
FIG.2 PEAK FORWARD SURGE CURRENT
1.0 0.8 0.6
PEAK FORWARD SURGE CURRENT,AMPERES
AVERAGE FORWARD CURRENT,AMPERES
40
30
TJ=TJmax 8.3ms Single Half Sine-Wave
0.4 0.2 0
20
0.2X0.2(5.0X5.0mm) THICK COPPERPAND AREAS
10
0
25
50
75
100
125
150
175
200
0 1 10 100
AMBIENT TEMPERATURE
NUMBER OF CYCLES AT 60Hz
FIG.3 -- TYPICAL FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT,AMPERES INSTANTANEOUS REVERSE CURRENT MICROAMPERES
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
1000
100
TJ=125 C
O
10
TJ=75 C
O
1
0.1
TJ=25OC
0.01 0 20 40 60
80
100
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,
FIG.5-TYPICAL JUNCTION CAPACITANCE
100
100
FIG.6-TRANSIENT THERMAL IMPEDANCE
JUNCTION CAPACITANCE pF
60
20 10
TRANSIENT THERMAL IMPEDANCE, /W
40
f=1MHz TJ=25
10
1
4 2 1 .1 .2
0.1 0.01 0.1 1
UNITS MOUNTED on 0.20x0.20''(5.0X5.0mm)X0.5mil INCHES(0.013mm) THICK COPPERLAND AREAS
.4
1.0
2
4
10
20
40
100
10
100
REVERSE VOLTAGE,VOLTS
PULSE DURATION,SEC
www.galaxycn.com
Document Number 0280060
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of GL41G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X