Part Number Hot Search : 
EA1507P RABF154 BGY68 2SC5029 090663 ST7687A 0040BPSL 74ALVC1
Product Description
Full Text Search
 

To Download GL41G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
1.0 Amp MEGARECTIFIERS
Mechanical Dimensions
GL41A . . . 41M Series
Description
Dimensions in inches and (millimeters)
Features
n HIGH TEMPERATURE METALLURGICALLY BONDED CONSTRUCTION n SINTERED GLASS CAVITY-FREE JUNCTION n 1.0 AMP OPERATION @ TA = 55C, WITH NO THERMAL RUNAWAY n TYPICAL IR < 0.1 Amp
Electrical Characteristics @ 25 oC. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...I F(av) Current 3/8" Lead Length @ TA = 75C Non-Repetitive Peak Forward Surge Current...IFSM 1/2 Sine Wave Superimposed on Rated Load Forward Voltage @ 1.0A...VF Full Load Reverse Current...IR(av) Full Cycle Average @ TA = 75C DC Reverse Current...IR @ Rated DC Blocking Voltage TA = 25C TA = 125C
GL41A . . . 41M Series GL41A 50 35 50 GL41B 100 70 100 GL41D 200 140 200 GL41G 400 280 400 GL41J 600 420 600 GL41K 800 560 800 GL41M 1000 700 1000
Units
Volts Volts Volts Amps Amps Volts Amps
............................................. 1.0 ............................................... ............................................. 3 0 ............................................... < ............................. 1.1 ........................... > < .... 1.2 .... > ............................................. 3 0 ...............................................
............................................. 5.0 ............................................... ............................................. 5 0 ............................................... ............................................. 8.0 ............................................... ............................................. 7 5 ............................................... ......................................... -65 to 175 .......................................... Gray Red Orange Yellow Green Blue Violet
Amps Amps pF C / W C
Typical Junction Capacitance...CJ (Note 1) Typical Thermal Resistance...RJC (Note 2) Operating & Storage Temperature Range...TJ, TSTRG Polarity Color Band (2nd Band)
Page 10-10
Data Sheet
1.0 Amp MEGARECTIFIERS
Typical Junction Capacitance
Reverse Voltage (Volts) Non-Repetitive Peak Forward Surge Current Forward Current Derating Curve
Amps
Amps
Number of Cycles @ 60 HZ Typical Reverse Characteristics
Terminal Temperature (C) Typical Instantaneous Forward Characteristics
Amps
Amps
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 HZ Resistive or Inductive Load.
Percent of Rated Peak Voltage NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V. 2. Thermal Resistance from Junction to Ambient, 6.0mm' copper pad to each terminal.
Volts
For Capacitive Load, Derate Current by 20%.
Page 10-11
GL41A . . . 41M Series
pF


▲Up To Search▲   

 
Price & Availability of GL41G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X