Part Number Hot Search : 
MN103S 1H334 UDZS22B BDR2G ZMD2500B EGF1D NJG1307R P62NS04Z
Product Description
Full Text Search
 

To Download FM4007C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FM4001C THRU FM4007C
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FEATURES
* * * * * * Glass passivated device Ideal for surface mounted applications Low leakage current Metallurgically bonded construction Mounting position: Any Weight: 0.24 gram
DO-214AB
MECHANICAL DATA
* Epoxy : Device has UL flammability classification 94V-0
0.125 (3.17) 0.115 (2.92) 0.280 (7.11) 0.260 (6.60) 0.245 (6.22) 0.220 (5.59)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
0.103 (2.62) 0.079 (2.06) 0.060 (1.52) 0.030 (0.76) 0.320 (8.13) 0.305 (7.75)
0.012 (0.305) 0.006 (0.152)
0.008 (0.203) 0.004 (0.102)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 75o C Peak Forward Surge Current IFM(surge): 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Thermal Resistance Typical Junction Capacitance (Note 1) Operating and Storage Temperature Range ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Forward Voltage at 1.0A DC Maximum Full Load Reverse Current, Full cycle Average at TA = 75oC Maximum DC Average Reverse Current at Rated DC Blocking Voltage @TA = 25 o C @TA = 125 o C SYMBOL VF
FM4001C FM4002C FM4003C FM4004C FM4005C FM4006C FM4007C
SYMBOL VRRM VRMS VDC IO IFSM (Note 2) RJL (Note 3) RJA CJ TJ, TSTG
FM4001C FM4002C FM4003C FM4004C FM4005C FM4006C FM4007C
UNITS Volts Volts Volts Amps Amps
0 0
50 35 50
100 70 100
200 140 200
400 280 400 1.0 30 60 100 15 -55 to + 150
600 420 600
800 560 800
1000 700 1000
C/ W C/ W pF 0 C
UNITS Volts uAmps uAmps uAmps 2002-6
1.1 30
IR
5.0 100
NOTES : 1. Measured at 1.0 MHz and applied average voltage of 4.0VDC 2. Thermal resistance junction to terminal 6.0mm2 coppeer pads to each terminal. 3. Thermal resistance junction to ambient, 6.0mm2 coppeer pads to each terminal.
RATING AND CHARACTERISTIC CURVES ( FM4001C THRU FM4007C )
PEAK FORWARD SURGE CURRENT, (A) AVERAGE FORWARD CURRENT, (A) FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE 1.0 .8 .6 .4 .2 0
Single Phase Half Wave 60Hz Resistive or Inductive Load
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 50 40 30 20 10 0 1 2 6 8 10 4 20 40 60 80 100 NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave (JEDED Method)
0
25 50 75 100 125 150 175 AMBIENT TEMPERATURE, ( ) FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT, (A)
INSTANTANEOUS REVERSE CURRENT, (uA)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
10
10 4
TJ = 100
1.0
1.0 .4
TJ = 25
.1
.1 .04
TJ = 25
Pulse Width = 300us 1% Duty Cycle
.01 .4 .6 .8 1.0 1.2 1.4 1.6 INSTANTANEOUS FORWARD VOLTAGE, (V)
.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
JUNCTION CAPACITANCE, (pF)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE 200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 REVERSE VOLTAGE, ( V ) 100
TJ = 25
RECTRON
Mounting Pad Layout
0.185 MAX. (4.69 MAX.)
0.121 MIN. (3.07 MIN.)
0.060 MIN. (1.52 MIN.) 0.320 REF
Dimensions in inches and (millimeters)
RECTRON


▲Up To Search▲   

 
Price & Availability of FM4007C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X