Part Number Hot Search : 
LZ39B FX003QZS LTC1483I NTE2309 SM4T17 TLE7809G ANTX2 A2012
Product Description
Full Text Search
 

To Download ETQP6F102HFA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Choke Coils Power Choke Coil
Series:PCC-F126F
Japan Singapore
(N6)
Thin,compact and high power Industrial Property: Utility models 3 (pending)
n Features
l High power type (Isat 20 A /100 C) l Thin type (5.7mm height)/SMD mount is possble l Low leakage flux (EI type /Center gap core)
n Recommended Applications
l DC/DC converter for driving PC at high speed l Thin type on-board power supply module for exchanger (10 to 40 W)
n Standard Packing Quantity
l 500 pcs./Reel
n Explanation of Part Numbers
1 2 3 4 5 6 7 8 9 10 11 12
n Examples
Parts No.
6
Product code
3
2
Classification Size
.
Winding Inductance Core Packaging Suffix
Type
Initial inductance at 25 C L0 (H) Tol. (%) 30
Inductance at flat point at 25 C L1 (H) 1.2 2.0 3.2 4.6 Tol. (%) 30 25 30 25
at 25 C I sat (A)
Saturation current
min.
at 100 C I sat (A)
Heat current DT=40 K
I
0
DC resistance at 20 C DCR (mW) max. 2.24 3.30 4.92 6.48 8.64 10.90 13.30 2.24 3.30 4.92 6.48 2.24 3.30 4.92 6.48 8.64
ETQP6F1R2HFA ETQP6F2R0HFA ETQP6F3R2HFA ETQP6F4R6HFA ETQP6F6R4HFA ETQP6F8R2HFA ETQP6F102HFA ETQP6F1R0SFA ETQP6F1R6SFA ETQP6F2R5SFA ETQP6F3R5SFA ETQP6F0R8LFA ETQP6F1R3LFA ETQP6F2R0LFA ETQP6F2R9LFA ETQP6F4R1LFA LB SP HL
2.3 3.5 4.8 6.6 8.3 10.4 12.5 1.9 2.8 3.6 4.9 1.8 2.5 3.1 4.1 5.0
14.3 10.7 8.6 7.3 6.2 5.6 4.7 19.4 14.9 11.3 9.5 25.2 18.6 15.1 12.0
min. 11.7 8.7 7.1 6.0 5.2 4.7 4.0 15.4 12.2 9.3 8.0 20.0 15.8 12.1 10.0 8.7
(A)
14.2 12.5 10.8 9.3 7.9 7.2 6.5 14.2 12.5 10.8 9.3 14.2 12.5 10.8 9.3 7.9
25
6.4 8.2 10.2 1.0 1.6 2.5 3.5 0.8 1.3 2.0 2.9
30
30
20
4.1
20
10.8
(Note1) Measured frequency of inductance is 100 kHz (Note2) Concerning the definition of L0 & L1, please refer to "next page" (Note3) Saturation current ( I sat) is the current value that inductance (L1) decreases to 80 % of initial value. (Note4) Heat current ( I 0) is the actual value of the current at which the temperature rise of coil becomes 40 K when DC current is blown. Actually,to decide the heat current,the temperature rise within the set shall be considered. Concerning the heat current (I 0) when (DT) was decreased more,please contact with us.
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
n L0,L1:Definition
DC Bias Characteristic
L0
L (mH)
L1
L0 : (Initial Inductance) Inductance when Idc is to OA (initial inductance) L1 : (Inductance at flat point) point where inductance curve becomes flat when Idc is increased
0 0 Idc (A)
n Dimensions in mm (not to scale)
12.50.3
n Recommended Land Pattern in mm (not to scale)
12.50.4
6
Date code
MARKING
(6.0)
2.0
10.8
2.0
5.7 max.
(
) : Reference value
0.6 min.
2.1 min.
0.05 min.:Clearnce between the Terminal face and the core face
8.00.2
5.00.1
8.00.2
1.20.2
(10.0)
1.20.2 1.30.2
0.3 min.:Clearnce between the Terminal face and the mould resin
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately.
5.6


▲Up To Search▲   

 
Price & Availability of ETQP6F102HFA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X