Part Number Hot Search : 
D1111 S3062 KT130 DD502 WITCH CXL1501M 000MT H1213
Product Description
Full Text Search
 

To Download EP3102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 eorex
Features
(Preliminary)
EP3102
150 KHz, 2A Asynchronous Step-down Converter
Description
The EP3102 is a monolithic integrated circuit that provide all the active functions for a step-down switching regulator, capable of driving a 2A load without additional transistor component. Requiring a minimum number of external component, the board space can be saved easily. The external shutdown function can be controlled by TTL logic level and then come into standby mode. The internal compensation makes feedback control have good line and load regulation without external design. Regarding protected function, thermal shutdown is to prevent over temperature operating from damage, and current limit is against over current operating of the output switch. The EP3102 operates at a switching frequency of 150KHz thus allowing smaller sized filter components than what would be needed with lower frequency switching regulators. Other features include a guaranteed +4% tolerance on output voltage under specified input voltage and output load conditions, and +15% on the oscillator frequency. The output version included fixed 3.3V, 5V, 12V, and an adjustable type. The package is available in a standard 8-lead SOP8. * 3.3V, 5V, 12V and Adjustable Output Version * Adjustable Version Output Voltage Range, 1.23V to 37V +4% Max over Line and Load Condition * Input Voltage Range up to 40V * Output Load Current: 2A * 150 KHz Fixed Frequency Internal Oscillator * Voltage Mode Non-synchronous PWM Control * Thermal-shutdown and Current-limit Protection * ON/OFF Shutdown Control Input * Low Power Standby Mode * Built-in Switching Transistor on Chip * SOP-8L package
Applications
* Simple High-efficiency Step-down (Buck) Regulator * Efficient Pre-regulator for Linear Regulators * On-card Switching Regulators * Positive to Negative Converter * Battery Charger
Typical Application
Nov. 2006 1/10
www.eorex.com
eorex
Pin Assignment
EP3102
Ordering Information
EP3102 - X X X
Buck Regulator Package S : SOP-8L VOUT Blank: Adj 33 = 3.3V 50 = 5.0V 12 = 12V Packing R: Taping & Reel B: Bag
Pin Description
Pin 1 Name VIN Function This is the positive input supply for the IC switching regulator. A suitable input bypass capacitor must be present at this pin to minimize voltage transients and to supply the switching currents needed by the regulator. Internal switch. The voltage at this pin switches between (+VIN-VSAT) and approximately-0.5V, with a duty cycle of approximately VOUT/VIN. To minimize coupling to sensitive circuitry, the PC board copper area connected to this pin should be kept a minimum. Senses the regulated output voltage to complete the feedback loop. Low enable. Allows the switching regulator circuit to be shutdown using logic level signals thus dropping the total input supply current to approximately 150uA. Pulling this pin below a threshold voltage of approximately 1.3V turns the regulator on, and pulling this pin above 1.3V (up to a maximum of 40V) shuts the regulator down. If this shutdown feature is not needed, the EN pin can be wired to the ground pin or it can be left open, in either case the regulator will be in the ON condition. Circuit ground.
2
SW
3
FB
4
EN
5~8
GND
Nov. 2006 2/10
www.eorex.com
eorex
Absolute Maximum Rating (Note 1)
Symbol VIN V EN VFB VOUT VOP PD TOP TSTG Item Input Supply Voltage Rating +45 -0.3 ~ +25
EP3102
Units V V
EN Pin Input Voltage Feedback Pin Voltage Output Voltage to Ground Operating Voltage Power Dissipation Operating Temperature Range Storage Temperature Range
-0.3 ~ +25 -1 +4.5 ~+25 Internally Limited -40 ~ +125 -65 ~ +150
V V V W C C
Electrical Characteristics (All Output Voltage Versions) (Note 2)
Unless otherwise specified, VIN=12V for 3.3V, 5V, adjustable version and VIN=24V for the 12V version. ILOAD=0.2A
Symbol IFB FOSC FSCP VSAT DC ICL Parameter Feedback Bias Current Oscillator Frequency Oscillator Frequency of Short Circuit Protect Saturation Voltage Max. Duty Cycle (ON) Min. Duty Cycle (OFF) Current Limit Output=0 Output=-1 IQ ISTBY VIL VIH IH IL TS Output Leakage Current When current limit occurred and VFB<0.55V IOUT=1.5A no outside circuit VFB=0V force driver on VFB=0V force driver on VFB=12V force driver off Peak Current no outside circuit VFB=0V force driver on No outside circuit VFB=12V fore driver off VIN=24V VFB=12V force driver off -5 5 70 1.3 10 150 200 0.6 -0.01 -0.1 175 150 15 70 -1 Conditions VFB=1.3V (Adjustable version only) 127 110 Min. Typ. -10 150 Max. -50 -100 173 173 70 1.4 1.5 Units nA KHz KHz V % 3.3 3.6 -200 A A mA mA A V A A C C C/W C/W
30 1.25 100 0 2.4 2.8
IL
Quiescent Current Standby Quiescent Current
EN Pin Logic Input Threshold Voltage
EN pin=5V VIN=24V Low (regulator ON)
High (regulator OFF) VLOGIC=2.5V (OFF) VLOGIC=0.5V (ON) TJ increasing TJ decreasing 2.0
EN Pin Logic Input Current EN Pin Input Current
Over Temperature Shutdown Threshold Thermal Resistance Thermal Resistance with Copper Area of Approximately 3in2
JC JA
SOP-8L SOP-8L
Junction to Case Junction to Ambient
Nov. 2006 3/10
www.eorex.com
eorex
Electrical Characteristics (Continued)
Symbol VFB VOUT VOUT VOUT Parameter Output Feedback Efficiency Output Voltage Efficiency Output Voltage Efficiency Output Voltage Efficiency Conditions 5VEP3102
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2:100% production test at +25C. Specifications over the temperature range are guaranteed by design and characterization.
Limit 1.193/1.18 1.267/1.28
Units V VMIN VMAX %
EP3102-ADJ
EP3102-3.3V
3.168/3.135 3.432/3.465
V VMIN VMAX %
EP3102-5V
4.8/4.75 5.2/5.25
V VMIN VMAX %
EP3102-12V
11.52/11.4 12.48/12.6
V VMIN VMAX %
P.S. Specifications with boldface type are for full operating temperature range, the other type are for TJ=25C.
Nov. 2006 4/10
www.eorex.com
Nov. 2006
Efficiency (%) Output Voltage (V) Saturation Voltage (V) Output Voltage (V)
eorex
Supply Voltage (V)
Typical Performance Characteristics
5/10
Threshold Voltage (V)
EP3102
www.eorex.com
eorex
Typical Performance Characteristics (Continued)
EP3102
Nov. 2006 6/10
www.eorex.com
eorex
Functional Block Diagram
EP3102
Applications Information
(1) Fixed Type Circuit
Nov. 2006 7/10
www.eorex.com
eorex
Applications Information (Continued)
(2) Adjustable Type Circuit
R2 3 FB L1 33uH Inductor D1 Schottky Diode + COUT 330uF R1
EP3102
12V DC Input CIN 330uF +
1
VIN
EP3102
SW
2
2.5V/2A Output Load
EN GND GND GND GND 4 5 6 7 8
VOUT= VFB x 1 + VFB=1.23V R2=1K ~ 3K

R1 R2
(3) Delay Start Circuit
Nov. 2006 8/10
www.eorex.com
eorex
Thermal Considerations
EP3102
The SOP-8 package needs a heat sink under most conditions. The size of the heat-sink depends on the input voltage, the output voltage, the load current and the ambient temperature. The EP3102 junction temperature rises above ambient temperature for a 2A load and different input and output voltages. The data for these curves was taken with the EP3102 operating as a buck switching regulator in an ambient temperature of 25C (still air). These temperature increments are all approximate and are affected by many factors. Some of these factors include board size, shape, thickness, position, location, and even board temperature. Other factors are traced width, total printed circuit copper area, copper thickness, single or double-sided, multi-layer board and amount of solder on the board. Higher ambient temperatures require more heat sinking. For the best thermal performance, wide copper traces and generous amounts of printed circuit board copper should be used in the board layout. (One exception is the out (switch) pin, which should not have large areas of copper.) Large areas of copper provide the best transfer of heat (lower thermal resistance) to the surrounding air, and moving air lowers the thermal resistance even further. The effectiveness of the PC board to dissipate heat also depends on the size, quantity and spacing of other components on the board, as well as whether the surrounding air is still or moving. Furthermore, some of these components such as the catch diode will add heat to the PC board and heat can vary as the input voltage changes. For the inductor, depending on the physical size, type of core material and the DC resistance, it could either act as a heat sink taking heat away from the board, or it could add heat to the board.
Nov. 2006 9/10
www.eorex.com
eorex
Package Description
SOP-8L
EP3102
DIM A A1 A2 B C D E e H L y
MILLIMETERS MIN. 1.40 0.10 1.30 0.33 0.19 4.80 3.80
-
INCHES MAX. 1.75 0.25 1.50 0.51 0.25 5.05 4.00
-
NOM. 1.60
-
MIN. 0.055 0.040 0.051 0.013 0.0075 0.189 0.150
-
NOM. 0.063
-
MAX. 0.069 0.100 0.059 0.020 0.010 0.199 0.157
-
1.45 0.41 0.20 4.85 3.91 1.27 5.99 0.71
- -
0.057 0.016 0.008 0.191 0.154 0.050 0.236 0.028
- -
5.79 0.38
-
6.20 1.27 0.10 8
0.228 0.015
-
0.244 0.050 0.004 8
0
0
Nov. 2006 10/10
www.eorex.com


▲Up To Search▲   

 
Price & Availability of EP3102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X