Part Number Hot Search : 
120T3 CR12A MAS1016B P4SMA EL2160C GRM188R6 P4SMA20C SPN7002K
Product Description
Full Text Search
 

To Download EP3101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 eorex
Features
(Preliminary)
EP3101
150 KHz, 3A Asynchronous Step-down Converter
Description
The EP3101 series are monolithic integrated circuits that provide all the active functions for a step-down DC/DC converter, capable of driving a 3A load without additional transistor component. Requiring a minimum number of external components, the board space can be saved easily. The external shutdown function can be controlled by TTL logic level and then come into standby mode. The internal compensation makes feedback control have good line and load regulation without external design. Regarding protected function, thermal shutdown is to prevent over temperature operating from damage, and current limit is against over current operating of the output switch. The EP3101 series operates at a switching frequency of 150KHz thus allowing smaller sized filter frequency switching regulators. Other features include a guaranteed 4 tolerance on output voltage under specified input voltage and output load conditions, and 15 on the oscillator frequency. The output version includes fixes 3.3V, 5V, 12V, and an adjustable type. The packages are available in a standard 5-lead TO-220(T) package and a 5-lead TO-263(U).. * Output Voltage: 3.3V, 5V, 12V and Adjustable Output Version * Adjustable Version Output Voltage Range, 1.23V to 37V 4% * 150KHz15% Fixed Switching Frequency * Voltage Mode Asynchronous PWM Control * Thermal-shutdown and Current-limit Protection * ON/OFF Shutdown Control Input * Operating Voltage can be up to 40V * Output Load Current: 3A * Low Power Standby Mode * Built-in on Chip Switching Transistor * TO263-5L and TO220-5L Packages
Applications
* Simple High-efficiency Step-down Regulator * On-card Switching Regulators * Positive to Negative Converter
Typical Application
Jul. 2006 1/13
www.eorex.com
eorex
Pin Assignment
1 2 3 4 5
EP3101
VIN
GND SW FB TO220-5L
EN
Ordering Information
EP3101 - X X X
Buck Regulator Package : TO263-5L : TO220-5L VOUT Blank: Adj 33 = 3.3V 50 = 5V 12 = 12V Packing R: Taping & Reel B: Bag
Pin Description
Pin 1 Name VIN Function This is the positive input supply for the IC switching regulator. A suitable input bypass capacitor must be present at this pin to minimize voltage transients and to supply the switching currents needed by the regulator. Internal switch. The voltage at this pin switches between (+VIN-VSAT) and approximately-0.5V, with a duty cycle of approximately VOUT/VIN. To minimize coupling to sensitive circuitry, the PC board copper area connected to this pin should be kept a minimum. Circuit ground. Senses the regulated output voltage to complete the feedback loop. Low enable. Allows the switching regulator circuit to be shutdown using logic level signals thus dropping the total input supply current to approximately 150uA. Pulling this pin below a threshold voltage of approximately 1.3V turns the regulator on, and pulling this pin above 1.3V (up to a maximum of 40V) shuts the regulator down. If this shutdown feature is not needed, the EN pin can be wired to the ground pin or it can be left open, in either case the regulator will be in the ON condition.
2 3 4
SW GND FB
5
EN
Jul. 2006 2/13
www.eorex.com
eorex
Absolute Maximum Rating (Note 1)
Symbol VIN V EN VFB VOUT VOP PD TOP TSTG Item Input Supply Voltage EN Pin Input Voltage Feedback Pin Voltage Output Voltage to Ground Operating Voltage Power Dissipation Operating Temperature Range Storage Temperature Range Rating +45 -0.3 ~ +25 -0.3 ~ +25 -1 +4.5 ~+25 Internally Limited -40 ~ +125 -65 ~ +150
EP3101
Units V V V V V W C C
Electrical Characteristics (Note 2)
Unless otherwise specified, VIN=12V for 3.3V, 5V, adjustable version and VIN=24V for the 12V version. ILOAD=0.5A
Symbol IFB FOSC VSAT DC ICL Parameter Feedback Bias Current Oscillator Frequency Saturation Voltage Max. Duty Cycle (ON) Min. Duty Cycle (OFF) Current Limit Output=0 Output=-1 IQ ISTBY VIL VIH IH IL Output Leakage Current IOUT=3A no outside circuit VFB=0V force driver on VFB=0V force driver on VFB=12V force driver off Peak Current no outside circuit VFB=0V force driver on No outside circuit VFB=12V fore driver off VIN=40V VFB=12V force driver off 2 5 150 1.3 15 0.02 2.5 3.5 28 23 Conditions VFB=1.3V (Adjustable version only) 127 110 1.3 100 0 3.6 4.0 5.5 6.5 200 30 10 250 300 0.6 25 5 Min. Typ. 40 150 Max. 60 100 173 173 1.4 1.5 Units nA KHz V % A A mA mA A V A C/W C/W
IL
Quiescent Current Standby Quiescent Current
EN pin=5V VIN=40V
Low (regulator ON) High (regulator OFF) VLOGIC=2.5V (OFF) VLOGIC=0.5V (ON) TO220-5L TO263-5L TO220-5L TO263-5L Junction to Case Junction to Ambient 2.0
EN Pin Logic Input Threshold
Voltage
EN Pin Logic Input Current EN Pin Input Current
Thermal Resistance Thermal Resistance with Copper Area of Approximately 3in2
JC JA
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2:100% production test at +25C. Specifications over the temperature range are guaranteed by design and characterization.
Jul. 2006 3/13
www.eorex.com
eorex
Electrical Characteristics (Continued)
Symbol VFB VOUT VOUT VOUT Parameter Output Feedback Efficiency Output Voltage Efficiency Output Voltage Efficiency Output Voltage Efficiency EP3101-12V EP3101-5V EP3101-3.3V Conditions 4.5VEP3101-ADJ
EP3101
Limit 1.193/1.18 1.267/1.28
Units V VMIN VMAX % V VMIN VMAX % V VMIN VMAX % V VMIN VMAX %
3.168/3.135 3.432/3.465
4.8/4.75 5.2/5.25
11.52/11.4 12.48/12.6
P.S. Specifications with boldface type are for full operating temperature range, the other type are for TJ=25C.
Jul. 2006 4/13
www.eorex.com
Jul. 2006
eorex
Supply Voltage (V)
Efficiency (%)
Output Voltage (V)
Typical Performance Characteristics
5/13
Threshold Voltage (V)
Saturation Voltage (V)
Switch Current Limit (A)
EP3101
www.eorex.com
eorex
Typical Performance Characteristics (Continued)
EP3101
Jul. 2006 6/13
www.eorex.com
eorex
Functional Block Diagram
EN 5 Current Source Bias 1.235V Reference 2.5V Regulator Start up 200mV
EP3101
1
VIN
200mV
+ Comp Comp + + Amp Frequency Compensation
FB 4
Comp +
Pre-driver
3A Switch
2 SW 3 GND 150KHz OSC Thermal Shutdown
Applications Information
(1) Fixed Type Circuit
Jul. 2006 7/13
www.eorex.com
eorex
Applications Information (Continued)
(2) Adjustable Type Circuit
EP3101
VOUT= VFB x 1 +

R1 R2
VFB=1.23V R2=1K ~ 3K
(3) Delay Start Circuit
Jul. 2006 8/13
www.eorex.com
eorex
Buck Regulator Design Procedure
Given: VOUT = Regulated Output Voltage (3.3V, 5V or 12V) VIN(max) = Maximum DC Input Voltage ILOAD(max) = Maximum Load Current F = Switching Frequency (Fixed at a nominal 150KHz)
EP3101
1. Output Capacitor Selection (COUT) A low ESR (Equivalent Series Resistance) electrolytic capacitors between 82F and 820F and low ESR solid tantalum capacitors between 10F and 470F provide the best results. This capacitor should be located close to the IC using short capacitor leads and short copper traces. Do not use capacitors larger than 820F. The capacitor voltage rating for electrolytic capacitors should be at least 1.5 times greater than the output voltage. 2. Catch Diode Selection (D1) The catch diode current rating must be at least 1.3 times greater than the maximum load current. Also, if the power supply design must withstand a continuous output short, the diode should have a current rating equal to the maximum current limit of the EP3101. The reverse voltage rating of the diode should be at least 1.25 times the maximum input voltage. This diode must have short reverse recovery time and must be located close to the EP3101 using short leads and short printed circuit traces. Because of their fast switching speed and low forward voltage drop, Schottky diodes provide the best performance and efficiency, and should be the first choice, especially in low output voltage applications. Ultra-fast recovery diodes typically have reverse recovery times of 50ns or less. 3. Input Capacitor (CIN) A low ESR aluminum or tantalum bypass capacitor is needed to prevent large voltage transients from appearing at the input. In addition, the RMS current rating of the input capacitor should be selected to be at least 12 the DC load current. The capacitor manufacturer's data sheet must be checked to assure that this current rating is not exceeded. For aluminum electrolytic, the capacitor voltage rating should be approximately 1.5 times the maximum input voltage. 4. Programming Output Voltage (Selecting R1 and R2, as shown in Adjustable Type Circuit) Use the following formula to select the appropriate resistor values.
VOUT =VREF x 1 +

R1 R2
where VREF =1.23V
Select a value for R2 between 240 and 1.5KThe lower resistor values minimize noise pickup in the sensitive feedback pin. (For the lowest temperature coefficient and the best stability with time, use 1% metal film resistors.)
5. Inductor Selection (L1) Calculate the inductor Volt * microsecond constant E * T (V *s), from the following formula:
E*T = (VIN-VOUT-VSAT) *
VOUT + VD
VIN - VSAT + VD 150KHz
*
1000
(V*s)
where VSAT = internal switch saturation voltage = 1.16V and VD = diode forward voltage drop = 0.5V On the horizontal axis selects the maximum load current.
Jul. 2006 9/13
www.eorex.com
eorex
Thermal Considerations
EP3101
The EP3101 is available in two packages, a 5-pin TO-220 and a 5-pin surface mount TO-263. The TO-220 package needs a heat sink under most conditions. The size of the heatsink depends on the input voltage, the output voltage, the load current and the ambient temperature. The EP3101 junction temperature rises above ambient temperature for a 3A load and different input and output voltages. The data for these curves was taken with the EP3101 (TO-220 package) operating as a buck switching regulator in an ambient temperature of 25C (still air). These temperature rise numbers are all approximate and there are many factors that can affect these temperatures. Higher ambient temperatures require more heat sinking. The TO-263 surface mount package tab is designed to be soldered to the copper on a printed circuit board. The copper and the board are the heat sink for this package and the other heat producing components, such as the catch diode and inductor. The PC board copper area that the package is soldered to should be at least 0.4 in2, and ideally should have 2 or more square inches of 2 oz. Additional copper area improves the thermal characteristics, but with copper areas greater than approximately 6 in2, only small improvements in heat dissipation are realized. If further thermal improvements are needed, double sided, multilayer PC board with large copper areas and/or airflow are recommended. The EP3101 (TO-263 package) junction temperature rise above ambient temperature with a 2A load for various input and output voltages. This data was taken with the circuit operating as a buck switching regulator with all components mounted on a PC board to simulate the junction temperature under actual operating conditions. This curve can be used for a quick check for the approximate junction temperature for various conditions, but be aware that there are many factors that can affect the junction temperature. When load currents higher than 2A are used, double sided or multilayer PC boards with large copper areas and/or airflow might be needed, especially for high ambient temperatures and high output voltages. For the best thermal performance, wide copper traces and generous amounts of printed circuit board copper should be used in the board layout. (Once exception to this is the output (switch) pin, which should not have large areas of copper.) Large areas of copper provide the best transfer of heat (lower thermal resistance) to the surrounding air, and moving air lowers the thermal resistance even further. Package thermal resistance and junction temperature rise numbers are all approximate, and there are many factors that will affect these numbers. Some of these factors include board size, shape, thickness, position, location, and even board temperature. Other factors are, trace width, total printed circuit copper area, copper thickness, single or double-sided, multilayer board and the amount of solder on the board. The effectiveness of the PC board to dissipate heat also depends on the size, quantity and spacing of other components on the board, as well as whether the surrounding air is still or moving. Furthermore, some of these components such as the catch diode will add heat to the PC board and the heat can vary as the input voltage changes. For the inductor, depending on the physical size, type of core material and the DC resistance, it could either act as a heat sink taking heat away from the board, or it could add heat to the board.
Jul. 2006 10/13
www.eorex.com
eorex
Delayed Startup
EP3101
The circuit in Figure 1 uses the EN pin to provide a time delay between the time the input voltage is applied and the time the output voltage comes up (only the circuitry pertaining to the delayed start up is shown). As the input voltage rises, the charging of capacitor C1 pulls the EN pin high, keeping the regulator off. Once the input voltage reaches its final value and the capacitor stops charging, and resistor R2 pulls the EN pin low, thus allowing the circuit to start switching. Resistor R1 is included to limit the maximum voltage applied to the EN pin (maximum of 25V), reduces power supply noise sensitivity, and also limits the capacitor, C1, discharge current. When high input ripple voltage exists, avoid long delay time, because this ripple can be coupled into the EN pin and cause problems. This delayed startup feature is useful in situations where the input power source is limited in the amount of current it can deliver. It allows the input voltage to rise to a higher voltage before the regulator starts operating. Buck regulators require less input current at higher input voltages.
+VIN
1 C1 0.1uF CIN 680uF + R1 47K
VIN
EP3101
EN 5 R2 47K GND 3
Figure 1-Delayed Startup
Jul. 2006 11/13
www.eorex.com
eorex
Package Description
TO263-5L
EP3101
DIM A B c c1 D E e L L1 L2
MILLIMETERS MIN. 4.07 0.66 0.36 1.14 9.78 8.65 1.57 14.61
-
INCHES MAX. 4.85 1.02 0.64 1.40 10.54 9.65 1.85 15.88 2.92 2.79 MIN. 0.160 0.026 0.014 0.045 0.385 0.341 0.062 0.575
-
NOM. 4.46 0.84 0.50 1.27 10.16 9.15 1.71 15.24
-
NOM. 0.176 0.033 0.020 0.050 0.400 0.360 0.068 0.600
-
MAX. 0.191 0.040 0.025 0.055 0.415 0.380 0.073 0.625 0.115 0.110
2.29
2.54
0.090
0.100
Jul. 2006 12/13
www.eorex.com
eorex
Package Description (Continued)
TO220-5L
EP3101
DIM A A1 b c c1 D E e e1 L L1 Q
MILLIMETERS MIN. 4.07 2.29 0.76 0.36 1.14 9.78 14.22 1.57 6.68 13.21 5.46 2.54 3.68 NOM. 4.45 2.74 0.89 0.50 1.27 10.16 14.86 1.71 6.81 13.97 6.16 2.73 3.81 MAX. 4.82 3.18 1.02 0.64 1.40 10.54 15.50 1.85 6.93 14.73 6.86 2.92 3.94 MIN. 0.160 0.090 0.030 0.014 0.045 0.385 0.560 0.062 0.263 0.520 0.215 0.100 0.145
INCHES NOM. 0.175 0.108 0.035 0.020 0.050 0.400 0.585 0.067 0.268 0.550 0.243 0.107 0.150 MAX. 0.190 0.125 0.040 0.025 0.055 0.415 0.610 0.073 0.273 0.580 0.270 0.115 0.155
P
Jul. 2006 13/13
www.eorex.com


▲Up To Search▲   

 
Price & Availability of EP3101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X