Part Number Hot Search : 
MMSZ5221 EL5370IU ICS8602 1THAV BN1A3Q 1N754A 12IYE TLP220
Product Description
Full Text Search
 

To Download DSEC60-03AQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DSEC 60-03AQ
HiPerFREDTM Epitaxial Diode
with common cathode and soft recovery
IFAV = 2x30 A VRRM = 300 V trr = 30 ns
A
VRSM V 300
VRRM V 300
Type
A
C
TO-3 P
C (TAB)
DSEC 60-03AQ
A C A
A = Anode, C = Cathode
Symbol IFRMS IFAVM IFSM EAS IAR TVJ TVJM Tstg Ptot Md FC Weight
Conditions TC = 145C; rectangular, d = 0.5 TVJ = 45C; tp = 10 ms (50 Hz), sine TVJ = 25C; non-repetitive IAS = 3 A; L = 180 H VA = 1.5*VR typ.; f = 10 kHz; repetitive
Maximum Ratings 70 30 300 1.2 0.3 -55...+175 175 -55...+150 A A A mJ A C C C W Nm N g
Features * * * * * * * International standard package Planar passivated chips Very short recovery time Extremely low switching losses Low IRM-values Soft recovery behaviour Epoxy meets UL 94V-0
Applications * Antiparallel diode for high frequency switching devices * Antisaturation diode * Snubber diode * Free wheeling diode in converters and motor control circuits * Rectifiers in switch mode power supplies (SMPS) * Inductive heating * Uninterruptible power supplies (UPS) * Ultrasonic cleaners and welders Advantages * Avalanche voltage rated for reliable operation * Soft reverse recovery for low EMI/RFI * Low IRM reduces: - Power dissipation within the diode - Turn-on loss in the commutating switch
TC = 25C mounting torque mounting force with clip typical
165 0.8...1.2 20...120 6
Symbol IR
Conditions TVJ = 25C VR = VRRM TVJ = 150C VR = VRRM IF = 30 A; TVJ = 150C TVJ = 25C
Characteristic Values typ. max. 250 1 0.91 1.25 0.9 0.25 A mA V V K/W K/W ns 7 A
VF RthJC RthCH trr IRM
IF = 1 A; -di/dt = 200 A/s; VR = 30 V; TVJ = 25C VR = 100 V; IF = 50 A; -diF/dt = 100 A/s TVJ = 100C
30
Pulse test: Pulse Width = 5 ms, Duty Cycle < 2.0 % Pulse Width = 300 s, Duty Cycle < 2.0 % Data according to IEC 60747 and per diode unless otherwise specified
IXYS reserves the right to change limits, Conditions and dimensions.
(c) 2004 IXYS All rights reserved
1-3
413
DSEC 60-03AQ
60 A IF 40 TVJ=150C TVJ=100C TVJ= 25C 20 200 5 0 0.0 0 100 0 A/s 1000 -diF/dt 0 200 400 600 A/s 1000 800 -diF/dt 10 400 Qr 800 TVJ = 100C nC 600 IF = 60A IF = 30A IF = 15A 15 VR = 150V IRM 20 IF = 60A IF = 30A IF = 15A 30 A 25
TVJ = 100C VR = 150V
0.5
1.0 VF
V
1.5
Fig. 1 Forward current IF versus VF
1.4
Fig. 2 Reverse recovery charge Qr versus -diF/dt
90 ns TVJ = 100C VR = 150V
Fig. 3 Peak reverse current IRM versus -diF/dt
14 V VFR 12 tfr 0.8 VFR 0.6 10 0.4 0.2 8 0.0 600 A/s 1000 800 diF/dt TVJ = 100C IF = 30A 1.2 s 1.0 tfr
1.2 Kf 1.0 IRM
trr
80
70 IF = 60A 60 Qr IF = 30A IF = 15A
0.8
0.6
50
0.4 0 40 80 120 C 160 TVJ
40 0 200 400 600 -diF/dt 800 A/s 1000
0
200
400
Fig. 4 Dynamic parameters Qr, IRM versus TVJ
1 K/W
Fig. 5 Recovery time trr versus -diF/dt
Fig. 6 Peak forward voltage VFR and tfr versus diF/dt Constants for ZthJC calculation: i Rthi (K/W) 0.465 0.179 0.256 ti (s) 0.005 0.0003 0.04
0.1 ZthJC 0.01
1 2 3
0.001
0.0001 0.00001
DSEP30-03A/DSEC 60-03A DSEC 60-03AQ
NOTE: Fig. 2 to Fig. 6 shows typical values
0.0001
0.001
0.01
0.1 t
s
1
Fig. 7 Transient thermal resistance junction to case
IXYS reserves the right to change limits, Conditions and dimensions.
413
(c) 2004 IXYS All rights reserved
2-3
DSEC 60-03AQ
Dimensions in mm (1 mm = 0.0394)
SYM A A1 A2 b b2 b4 c D D1 E E1 e L L1 OP OP1 S
MIN
MAX
MIN
MAX
IXYS reserves the right to change limits, Conditions and dimensions.
(c) 2004 IXYS All rights reserved
3-3
413


▲Up To Search▲   

 
Price & Availability of DSEC60-03AQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X