Part Number Hot Search : 
D431000 DM74L 6675BZ AN7465 MTG10W 6675BZ K500FA PINAB25
Product Description
Full Text Search
 

To Download D16450 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D16450
Configurable UART ver 2.07
OVERVIEW
The D16450 is a soft Core of a Universal Asynchronous Receiver/Transmitter (UART) functionally identical to the TL16C450. D16450 performs serial-to-parallel conversion on data characters received from a peripheral device or a MODEM, and parallel-to-serial conversion on data characters received from the CPU. The CPU can read the complete status of the UART at any time during the functional operation. Status information reported includes the type and condition of the transfer operations being performed by the UART, as well as any error conditions (parity, overrun, framing, or break interrupt). D16450 includes a programmable baud rate generator that is capable of dividing the timing reference clock input by divisors of 1 to (216-1), and producing a 16 x clock for driving the internal transmitter logic. Provisions are also included to use this 16 x clock to drive the receiver logic. The D16450 has complete MODEM control capability, and a processor-interrupt system. Interrupts can be programmed to the user's requirements, minimizing the computing required to handle the communications link. The separate BAUD CLK line allows to set an exact transmission speed, while the UART internal logic is clocked with the CPU frequency The core is perfect for applications, where the UART Core and microcontroller are clocked by the same clock signal and are implemented inside the same ASIC or FPGA chip, as well
All trademarks mentioned in this document are trademarks of their respective owners. http://www.DigitalCoreDesign.com http://www.dcd.pl
as for standalone implementation, where several UARTs are required to be implemented inside a single chip, and driven by some off-chip devices. Thanks to universal interface D16450 core implementation and verification are very simply, by eliminating a number of clock trees in complete system.
KEY FEATURES
Software compatible with 16450 UART Configuration capability Separate configurable BAUD clock line Majority Voting Logic Adds or deletes standard asynchronous communication bits (start, stop, and parity) to or from the serial data In UART mode receiver and transmitter are double buffered to eliminate a need for precise synchronization between the CPU and serial data Independently controlled transmit, receive, line status, and data set interrupts False start bit detection 16 bit programmable baud generator MODEM control functions (CTS, RTS, DSR, DTR, RI, and DCD)

Copyright 1999-2007 DCD - Digital Core Design. All Rights Reserved.

Fully programmable characteristics:
5-, 6-, 7-, or 8-bit characters
serial-interface

DELIVERABLES
Source code: VHDL Source Code or/and VERILOG Source Code or/and Encrypted, or plain text EDIF netlist VHDL & VERILOG test bench environment Active-HDL automatic simulation macros ModelSim automatic simulation macros Tests with reference responses Technical documentation Installation notes HDL core specification Datasheet Synthesis scripts Example application Technical support IP Core implementation support 3 months maintenance

Even, odd, or no-parity bit generation and detection 1-, 11/2-, or 2-stop bit generation Baud generation


Complete status reporting capabilities Line break generation and detection. Internal diagnostic capabilities:
Loop-back controls for communications link fault isolation Break, parity, overrun, framing error simulation

Technology Code
independent
HDL
Source

Full prioritized interrupt system controls Fully synthesizable static design with no internal tri-state buffers
Delivery the IP Core updates, minor and major versions changes Delivery the documentation updates Phone & email support
APPLICATIONS
Serial Data communications applications Modem interface
LICENSING
Comprehensible and clearly defined licensing methods without royalty fees make using of IP Core easy and simply. Single Design license allows use IP Core in single FPGA bitstream and ASIC implementation. Unlimited Designs, One Year licenses allow use IP Core in unlimited number of FPGA bitstreams and ASIC implementations. In all cases number of IP Core instantiations within a design, and number of manufactured chips are unlimited. There is no time restriction except One Year license where time of use is limited to 12 months.

Single Design license for
VHDL, Verilog source code called HDL Source Encrypted, or plain text EDIF called Netlist
One Year license for
Encrypted Netlist only

Unlimited Designs license for
HDL Source Netlist
All trademarks mentioned in this document are trademarks of their respective owners.
Upgrade from
http://www.DigitalCoreDesign.com http://www.dcd.pl
Copyright 1999-2007 DCD - Digital Core Design. All Rights Reserved.

HDL Source to Netlist Single Design to Unlimited Designs
SYMBOL
rst clk rclk baudclk datai(7:0) address(2:0) wr rd cs si cts dsr dcd ri baudclken rclken baudout intr datao(7:0) ddis
CONFIGURATION
The following parameters of the D16450 core can be easy adjusted to requirements of dedicated application and technology. Configuration of the core can be prepared by effortless changing appropriate constants in package file. There is no need to change any parts of the code.
* Baud generator * External RCLK source * External BAUDCLK source * Modem Control logic * SCR Register enable disable enable disable enable disable enable disable enable disable
rst clk datai[7:0] addr[2:0] cs wr rd rclk baudclk si cts dsr dcd ri baudclken rclken baudout datao[7:0] so ddis rts dtr out1 out2 intr
D16450
so rts dtr out1 out2
PINS DESCRIPTION
PIN TYPE
input input input input input input input input input input input input input input input input output output output output output output output output output
DESCRIPTION
Global reset Global clock Parallel data input Address bus Chip select input Write input Read input Receiver clock Baud generator clock Serial data input Clear to send input Data set ready input Data carrier detect input Ring indicator input Baud generator clock enable Receiver clock enable Baud generator output Parallel data output Serial data output Driver disable output Request to send output Data terminal ready output Output 1 Output 2 Interrupt request output
DESIGN FEATURES
The functionality of the D16450 core was based on the Texas Instruments TL16C450. The following characteristics differentiate the D16450 from Texas Instruments devices: The bi-directional data bus has been split into two separate buses: datai(7:0), datao(7:0) Signals rd2 and wr2, xin, and xout have been removed from interface Signal ADS and address latch have been removed The DLL, DLM and THR registers are reset to all zeros TEMT and THRE bits of Line Status Register, are reset during the second clock rising edge following a THR write RCLK clock is replaced by global clock CLK, internally divided by BAUD factor. Asynchronous microcontroller interface is replaced by equivalent Universal interface All latches implemented in original 16450 devices are replaced by equivalent flip-flop registers, with the same functionality

Note: When enabled RCLK and BAUDCLK pins frequency should be at least two times lower than CLK, 2*fRCLK< fCLK
All trademarks mentioned in this document are trademarks of their respective owners.
http://www.DigitalCoreDesign.com http://www.dcd.pl
Copyright 1999-2007 DCD - Digital Core Design. All Rights Reserved.
APPLICATION
addr CPU ale addr latch addr(2:0) clk rst D16450 baudclk rclk so si rts dtr dsr dcd cts ri
Modem Control Logic controls the interface with the MODEM or data set (or a peripheral device emulating a MODEM). Interrupt Controller - D16450 consists fully prioritized interrupt system controller. It controls interrupt requests to the CPU and interrupt priority. Interrupt controller contains Interrupt Enable (IER) and Interrupt Identification (IIR) registers.
EIA Drivers
addr(2:0) datai(7:0) datao(7:0) rd wr cs ddis
Receiver Control & Shift Register
datao(7:0) datai(7:0) we rd cs int
datai(7:0) datao(7:0) wr rd cs intr out1 out2
baudclken rclken
Data Bus Buffer
rclk rclken si
Typical D16450 and processor connection is shown in figure above.
Transmitter Control & Shift Register Interrupt Controller
so
BLOCK DIAGRAM
Data Bus Buffer - The data Bus Buffer accepts inputs from the system bus and generates control signals for the other D14750 functional blocks. Address bus ADDR(2:0) selects one of the register to be read from/written into. Both RD and WE signals are active low, and are qualified by CS; RD and WE are ignored unless the D16450 has been selected by holding CS low. Baud Generator - The D16450 contains a programmable 16 bit baud generator that divides clock input by a divisor in the range between 1 and (216-1). The output frequency of the baud generator is 16x the baud rate. The formula for the divisor is:
baudclk baudclken baudout clk rst
Baud Generator Modem control logic
rts cts dtr dsr dcd ri out1 out2
Receiver Control - Receiving starts when the falling edge on Serial Input (SI) during IDLE State is detected. After starting the SI input is sampled every 16 internal baud cycles as it is shown in figure below. When the logic 1 state is detected during START bit it means that the False Start bit was detected and receiver back to the IDLE state. Transmitter Control module controls transmission of written to THR (Transmitter Holding register) character via serial output SO. The new transmission starts on the next overflow signal of internal baud generator, after writing to THR register or Transmitter FIFO. Transmission control contains THR register and transmitter shift register.
frequency divisor = baudrate * 16
Two 8-bit registers, called divisor latches DLL and DLM, store the divisor in a 16-bit binary format. These divisor latches must be loaded during initialization of the D16450 in order to ensure desired operation of the baud generator. When either of the divisor latches is loaded, a 16-bit baud counter is also loaded on the CLK rising edge following the write to DLL or DLM to prevent long counts on initial load.
All trademarks mentioned in this document are trademarks of their respective owners.
http://www.DigitalCoreDesign.com http://www.dcd.pl
Copyright 1999-2007 DCD - Digital Core Design. All Rights Reserved.
PERFORMANCE
The following table gives a survey about the Core area and performance in the ALTERA(R) devices after Place & Route:
Speed Logic Cells Fmax grade CYCLONE -6 301 190 MHz CYCLONE 2 -6 303 222 MHz STRATIX -5 301 213 MHz STRATIX 2 -3 248 283 MHz STRATIXGX -5 301 212 MHz MERCURY -5 350 222 MHz EXCALIBUR -1 340 137 MHz APEX II -7 340 145 MHz APEX20KC -7 340 143 MHz APEX20KE -1 340 122 MHz APEX20K -1 340 83 MHz ACEX1K -1 363 99 MHz FLEX10KE -1 363 98 MHz Core performance in ALTERA(R) devices Device
D16X50 UARTS FAMILY OVERVIEW
The family of DCD D16X50 UART IP Cores combine a high-performance, low cost, and small compact size, offering the best price/performance ratio in the IP Market. The DCD's Cores are dedicated for use in cost-sensitive consumer products, computer peripherals, office automation, automotive control systems, security and telecommunication applications. The D16X50 IP Cores are written in pure VHDL/VERILOG HDL languages which make them technologically independent. All of the D16X50 IP Cores can be fully customized according to customer needs.
Prioritized interrupt system Internal diagnostic capabilities
D16450 D16550 D16750 D16552 D16752 D16754
1 1 1 2 2 4
-
2* 16 2* 64 4* 16 4* 64 8* 64
-
-
-* -* -* -* -*
IRDA Port
Design
*-Optional
D16X50 family of Configurable UARTs with FIFO IP Cores
All trademarks mentioned in this document are trademarks of their respective owners.
http://www.DigitalCoreDesign.com http://www.dcd.pl
Copyright 1999-2007 DCD - Digital Core Design. All Rights Reserved.
1284 Parallel Port -* -* -* -* -*
FIFO Size (Bytes)
Break generation and detection
Complete status reporting
False START Bit detection
MODEM Control
Separate BAUD Clock line
UARTS number
RTS/CTS Flow Control
Majority voting logic
Software Flow Control
FIFO Mode of operation
UART Mode
CONTACTS
For any modification or special request please contact to Digital Core Design or local distributors. Headquarters: Wroclawska 94 41-902 Bytom, POLAND
nfo@dcd.pl e-mail: iinfo@dcd.pl
tel. fax : +48 32 282 82 66 : +48 32 282 74 37
Distributors: http://www.dcd.pl/apartn.php Please check http://www.dcd.pl/apartn.php
All trademarks mentioned in this document are trademarks of their respective owners.
http://www.DigitalCoreDesign.com http://www.dcd.pl
Copyright 1999-2007 DCD - Digital Core Design. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of D16450

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X