Part Number Hot Search : 
HER152 7S24B61M BAS20 EN25B16 468A106 MR850 IRF14 01089
Product Description
Full Text Search
 

To Download CXOSV-4GD3-25000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXOS / CXOSV Model 14 Pin Dip, 3.3V & 5V, Clipped Sine
Frequency Range: Frequency Stability: Freq. Stability vs Volt: Freq. Stability vs Load: Temperature Range: Storage: Input Voltage: Mech. Trim Range: (Option V) Input Current: Output: Output Voltage: Load: Phase Noise Typ.: 10Hz 100Hz 1KHz 10KHz 100KHz Aging:
.720 (18.30)
8MHz to 30MHz 3.3V limited to 25.6MHz 1ppm to 5ppm 0.5ppm Max 0.3ppm Max -40C to 85C -55C to 120C 3.3V or 5V 5% 3ppm Min Voltage Trim Pin 1 3mA Typ, 5mA Max Clipped Sinewave 5V = 1.0Vpp Min 3.3V = 0.8Vpp Min 20K Ohm / 5pF Max -100dBc/Hz -130dBc/Hz -140dBc/Hz -145dBc/Hz -150dBc/Hz <1ppm Max/Yr
ee Fr ad Le oHS ant R pli m Co
Temperature Compensated Crystal Oscillator Voltage Trim Option Available
Designed to meet today's requirements for tighter frequency stability tolerance while reducing unit cost. VCTCXO Specification
Voltage Trim Pin 1: Control Voltage: 5ppm Min (5V) 2.5V 2.5V (3.3V) 1.65V 1.65V
CXOS
*A .472 (12.00) .098 (2.50) .020 (0.50) .157 (4.00) .600 (15.24)
CRYSTEK Freq Part no DC
#1 #7
Suggested PCB Layout
.300 (7.62) .051 (1.30) .150 (3.81) .150 (3.81) .360 (9.14) .300 (7.62) .030 (0.76)
PIN 1 7 8 14
Function VT or NC GND OUT Vcc .178 (4.50) .197 (5.00)
ID=
.300 (7.62)
.157 (4.00) Min .039 (1.00)
.075 (1.90)
*A
#14
#8
Dimensions inches (mm) All dimensions are Max unless otherwise specified.
OUT
mA M
pin 14
Vdd OUT
pin 8 OSC.
PWR Supply
O/P Load incl Probe Cl
Crystek Part Number Guide
VM pin 1
Option
GND
CXOSV - 4 B C 3 - 25.000
pin 7
#1 #2 #3 #4 #5 #6 #7
A B C D E F G H
Operating Temperature 0C to 50C -10C to 60C -10C to 70C -20C to 70C -30C to 60C -30C to 70C -30C to 75C -40C to 85C
Freq. Stability ( ppm)
1.0 1.5 2.0 2.0 2.0 2.0 2.0 2.0 2.0 P A B 2.5 2.5 2.5 2.5 2.5 2.5 2.5 C 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 D 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 E 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 F
#1 Crystek TCXO Clipped Sine #2 V or blank = (V = Volt. Trim) (Blank = Mech. Trim) #3 4 or blank = Height (4 = 4.5mm)(Blank = 5mm) #4 Letter = Operating Temperature (see table 1) #5 Letter = Frequency Stability (see table 1) #6 3 or blank = Input Volt (3 = 3.3 volts) (Blank= 5V) #7 Frequency in MHz: 3 or 6 decimal places Example: CXOS-4BC3-25.000 = mech. trim, 4.5mm, -10/60, 2.5ppm, 3.3V, 25.000MHz CXOSV-4BC3-25.000 = volt. trim, 4.5mm, -10/60, 2.5ppm, 3.3V, 25.000MHz
Table 1
Specifications subject to change without notice.
TD-020812 Rev. E


▲Up To Search▲   

 
Price & Availability of CXOSV-4GD3-25000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X