Part Number Hot Search : 
Z5226B 0FD16 CZ8030 N4757A PE3745TV LM5107M DDZ30CSF NDH8521C
Product Description
Full Text Search
 

To Download CS8402 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
For Use with Cirrus Logic's CS8401, CS8402, CS8403 & CS8404 ICs
Operating transmission rates: 1 to 7 Mbps Controlled rise time: 25 nsec MAX High isolation voltage: 2 kV MIN
Electrical Specifications @ 25C -- Operating Temperature 0C to 70C
Standard Part Number PE-65612 PE-65812 RoHS-6 Compliant Part No. PE-65612NL PE-65812NL Turns Ratio (5%) 1:1 1:1 Primary Inductance (mH 20%) 2.5 2.5
dB 80 70 60 50 40 30 20 10 0
LL (H) MAX .50 .50
Rise Time (nsec) MAX 25 25
ET (V-sec) MIN 20 20
Isolation (Vrms) MIN 2000 2000
Bandwidth (100 KHz- 55 MHz) TYP 3 dB 3 dB
Return Loss (100kHz-10MHz) MIN 20 dB 20 dB
Schematic THT SMT
Common Mode Rejection
0.1
1
3
MHZ
6
10
30
Mechanicals
PE-65612
.500 MAX 12,70 2 PE-65612 DATE CODE 1 3 4 .350 8,89 .120 3,05 .250 MAX 6,35 .200 5,08 1 Leads are 24 AWG-solderable
.120 3,05 .050 1,27 TYP
Schematics
.400 10,16 2 4
3
PE-65812
.475 MAX 12,06
.030 0,76
8
5
.600 15,24 MAX
8
5
PE-65812 DATE CODE 1 4 .100 2,54
.400 .475 10,16 12,06 MAX MAX
.640 .400 16,26 10,16
.085 2,16
.300 7,62 SUGGESTED PAD LAYOUT
.100 2,54 TYP
1
4
.340 8,64 MAX .040 / .050 1,02 / 1,27
.010 / .020 0,25 / 0,51 .004/0,10
PE-65612 PE-65812 Weight . . . . . . . . . .1.2 grams . . . . . .2.0 grams Tape & Reel . . . . . . . . . . . .NA . . . . . . . .250/reel Tube . . . . . . . . . . . . . .60/tube . . . . . . . .30/tube Dimensions: Inches mm Unless otherwise specified all tolerances are .010 0,25
USA 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Shanghai 86 21 54643211 / 2 * China 86 769 5538070 * Taiwan 886 3 4641811
www.pulseeng.com
P601.D (2/06)
TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
For Use with Cirrus Logic's CS8401, CS8402, CS8403 & CS8404 ICs
Application
These transformers have been designed for use at the interface between line driver and receiver and the interconnecting medium in Digital Audio Data Transmission Systems according to AES 3-199X or IEC 958. In such systems, two channels of periodically sampled and uniformly quantized audio signals are transmitted on a single shielded twisted pair. The electrical parameters of the interface are based on those of CCITT V.II or balanced voltage digital circuits which allow signal transmission up to a few hundred meters. Applicable Documents AES 3-1985 (ANSI S4.40-1985), AES 3-199XDraft, IEC 958, CP-340, EBU 3250 The isolation transformers are essential in improving the balance of the transmitter and the receiver circuitry, and reducing common mode noise and EMI. These transformers are recommended for use with the Cirrus Logic CS8401, CS8402, CS8403 and CS8404 "Digital Audio Interface Transmit Device." The schematic below represents an implementation of transmit and receive circuits using isolation transformers at both ends. Equalization in the receiver may permit to increase the length of the interconnecting cable.
Application Circuit
Transmitter
Interconnecting Cable
Receiver
T1
Equalization
T2
T1, T2: PE-65612 or PE-65812
For More Information:
Pulse Worldwide Headquarters
12220 World Trade Drive San Diego, CA 92128 U.S.A. www.pulseeng.com TEL: 858 674 8100 FAX: 858 674 8262
Pulse Northern Europe
3 Huxley Road Surrey Research Park Guildford, Surrey GU2 5RE United Kingdom TEL: 44 1483 401700 FAX: 44 1483 401701
Pulse Southern Europe
Zone Industrielle F-39270 Orgelet France TEL: 33 3 84 35 04 04 FAX: 33 3 84 25 46 41
Pulse Pulse North China China Headquarters Room 1503
No. 1 Industrial District Changan, Dongguan China TEL: 86 769 5538070 FAX: 86 769 5538870 XinYin Building No. 888 YiShan Road Shanghai 200233 China TEL: 86 21 54643211/2 FAX: 86 21 54643210
Pulse South Asia
150 Kampong Ampat #07-01/02 KA Centre Singapore 368324 TEL: 65 6287 8998 FAX: 65 6280 0080
Pulse North Asia
No. 26 Kao Ching Road Yang Mei Chen Taoyuan Hsien Taiwan, R. O. C. TEL: 886 3 4641811 FAX: 886 3 4641911
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be trademarks or registered trademarks of their respective owners. (c) Copyright, 2006. Pulse Engineering, Inc. All rights reserved.
www.pulseeng.com
P601.D (2/06)


▲Up To Search▲   

 
Price & Availability of CS8402

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X