Part Number Hot Search : 
DPH140T BFXXXX IRKL105 472M03 GAAMLA 5R0LP DD84SC DG538ADN
Product Description
Full Text Search
 

To Download CPCI200D-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Corporate: www.cdtechno.com Corporate: www.cdtechno.com Product: www.cdpoweronline.com
cPCI200DC
180/225 Watt, 3U x 4HP CompactPCI
3U X 4HP 36-72 VDC Input Range 180/225 Watt Continuous Output Power Complies with PICMG 2.11 R1.0 with 47 Pin I/O Connector Hot-Swap Capable Outputs Individually Protected Against Overloads; Automatic Recovery PCI VoltageArchitecture (5V, 3.3V,+12V,-12V) IPMI Capability (Available on Part Numbers cPCI200D-3 and 4)
The cPCI200DC is a family of highreliability, 200 watt power supplies for 3U Compact PCITM systems. Developed to support hot-swap, redundant operation, the cPCI200DC Series is designed for compliance with PICMGTM 2.11 R1.0 Power Interface Specification with 47-pin I/O connector. Available with IPMI functionality (part numbers cPCI200D-3 and cPCI200D-4) , this unit was developed with high-availability
(HA) telecommunications applications in mind. Current sharing and internal ORing diodes are included to support these and other applications requiring reliable, hotswap performance and N+1 redundant configuration. The 4HP package and complement of agency approvals provide for an advanced, high-density, highefficiency power solution for your CompactPCITM system requirements.
SPECIFICATIONS, ALL MODELS
PARAMETER SYMBOL
Vin Ii 36VDC input 72VDC input 48VDC input, full load
CONDITIONS
MIN
36 34
TYP
< 20 < 40 70
MAX
72 75
UNITS
VDC VDC APK APK %
INPUT
Input Operating Voltage Input Voltage Withstand Inrush Current Efficiency
OUTPUT NUMBER
VOUT RATED OUTPUT VOLTAGE
+5.0VDC +3.3VDC +12.0VDC -12.0VDC
IOUT RATED OUTPUT CURRENTOUTPUT Min A* B**
0A 0A 0A 0A 18.0 A
1
REGULATION
+4 / -2% +4 / -2% +/-10% +/-10%
OUTPUT
V1 V2 V3 V4
27.0 A 27.0 A1 4.0 A1 4.0 A1
27.0 A 4.0 A1 4.0 A1
PARAMETER
Temperature Coefficient PARD
SYMBOL
TC
CONDITIONS
20MHz bandwidth all outputs 50C max temp., 300lfm airflow V1 (config A, 180W) V2 (config B, 225W)
MIN
TYP
MAX
0.02
UNITS
Output Power Minimum Load NOTES:
500 500
%/C 50 mVP-P or 1.5% P-P whichever is greater 180/225 W mA mA
Outputs share common return. * Total output power not to exceed 180W. ** Total output power not to exceed 225W. 1 Maximum combined power not to exceed 90 Watts.
cPCI200-DC REV A 7/2003
SPECIFICATIONS, ALL MODELS
Transient Response For a step load change of 50%-100%-50%, the peak output excursion will not exceed 10% of nominal voltage, and will recover to within 1% of nominal voltage within 500 microseconds. Current Share Active current sharing on Outputs V1and V2. Accuracy better than 10% of maximum rated load. Primary referenced. Remote Sense Outputs V1and V2 are capable of compensating >50mV of line drop. Unit automatically reverts to local sensing in the event that the sense leads are opened for any reason. Unit is protected against reversed or shorted sense leads. Output Power 180W (Output configuration A) / 225W (Output configuration B) continuous maximum, with 300lfm airflow at a maximum ambient of 50C. Derate to 90W/110W at 70C. Overload Protection Outputs are individually protected against overloads and indefinite short circuit with automatic recovery upon removal of the fault condition. Over Voltage Protection Outputs V1 and V2 have Over Voltage Protection at 125% typical (135% max.) of nominal. Over Temperature Protection Outputs are protected against over temperature. Outputs will automatically restore upon recovery to acceptable temperatures. Output Fault Isolation Output isolation diodes are present in all outputs to isolate faults within a failed power supply. Remote Inhibit (INH#) Secondary referenced, active low, TTL compatible signal inhibits all outputs upon activation. IPMI Option Available on Models cPCI200D-3 and cPCI200D-4 2 An I C board is available as a factory-installed option to provide an IPMI interface to the SM bus. Status functions include output voltage and current levels as well as the DEG warning. Output inhibit control can be toggled under software command. For a complete specification of the firmware solution refer to Application Note ACAN-02 on our website. Power Fail Warning (FAL#) Open collector signal indicates output failure. Active low. Enable (EN#) Short pin on connector will enable power supply output when the mating pin is grounded. Supply will not power up until this pin is engaged to its mate in the backplane. Unit output will be inhibited as pin is disengaged from the mating connector. Temperature Warning (DEG#) Open collector indicates internal temperatures are approaching the thermal shutdown limit (+/-10C, typ). Active low. Fault Indicator LED A red LED will be ON if output voltages are not within specification. Power Present LED A green LED will be ON when input voltage is present and above the minimum requirement. Cooling 300lfm of airflow required to maintain full output power at 050C ambient. Temperature Full output power achievable over the range of 0-50C. Storage temperature limits are -20 to +85C. Altitude Operating: -200 to +10,000 feet with ambient temperature derating above 5,000 feet in accordance with the adiabatic lapse rate (approximately 2C per 1000 feet). Inhibit Indicator LED (Yellow) A yellow LED will be ON when the outputs are inhibited.
IPMI/IPMB POWER SUPPLY SATELLITE CONTROLLER FEATURES AVAILABLE ON PART NUMBERS cPCI200D-3 AND cPCI200D-4
Complies with IPMI V1.5 Rev 1.1 and IPMB V1.0 Complies to PICMG 2.9 (CompactPCI Systems Management Specification) 8 analog inputs configured for monitoring voltages and currents on power supply outputs V1 - V4 Monitors the state of the thermal sensor Output inhibit can be controlled by IPMI commands Self Test with LED indicator (can be read and overridden by IPMI commands) 6 programmable thresholds on each analog sensor Each threshold on each sensor can be enabled to generate event messages if that threshold is crossed
Product: www.cdpoweronline.com
Thermal sensor can be enabled to generate event messages Responds to all mandatory IPMI commands and numerous optional commands as indicated in the functional specification Firmware can be upgraded via the IPMB bus Includes Device SDR's (Sensor Data Records) - These specify the type of sensor for each input (voltage, current, temperature, etc.) as well as the conversion formulas from raw ADC data to voltages, currents, etc. Includes FRU data such as model number, serial number and firmware creation date
cPCI200-DC REV A 7/2003
2
MECHANICAL
NOTES: All measurements are in inches. Weight: 1.4 lbs. (636g) net
PIN ASSIGNMENT: Pin assignment consistent with PICMGTM 2.11R1.0 specification. The table below details the PICMGTM assignment.
Pin #
1-4 5-12 13-18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47
1
Staging 2
M M M M M M M M M M M S M M M M M M M M M M M M M M M M M L M M
Signal Name Description
V1 RTN V2 RTN V3 V4 RTN RESERVED RTN GA0 RESERVED EN# GA1 V1ADJ V1 SENSE GA2 V2ADJ V2 SENSE S RTN V1 SHARE V3 SENSE IPMB SCL DEG# INH# IPMB SDA V2 SHARE FAL# IPMB PWR V3 SHARE CGND ACN/+DC IN ACL/-DC IN V1 Output V1 and V2 Return V2 Output V3 Return V3 Output V4 Output Signal Return Reserved V4 Return Geographic Address Bit 0 Reserved Enable Geographic Address Bit 1 V1 Adjust V1 Remote Sense Geographic Address Bit 2 V2 Adjust V2 Remote Sense Sense Return V1 Current Share V3 Remote Sense IPMB Serial Clock Line Degrade Signal Inhibit IPMB Serial Data Line V2 Current Share Fail Signal IPMB Power Input V3 Current Share Chassis Grnd (Safety Grnd) AC Input Neutral/+DC Input AC Input Line/-DC Input
MECHANICAL
Shock: MIL-STD-810d, Method 516.3, Procedure 1. Vibration: MIL-STD-810d, Method 514.3, Procedure 1. Dimensions: 3U x 4HP x 160mm (see Mechanical above)
EMC & SAFETY
EMI: NEBS Compliant to GR1089 conducted emissions limit ETSI Compliant to ETS 300-386 conducted emissions limit
Safety Agency Ratings
Input Voltage: Input Current: Input Power:
180 Watt
36-72 VDC 7A 260W
225 Watt
36-72 VDC 9A 320W
Agency Approvals Pending
UL1950/CSA950, EN60950, CE Mark. (Low Voltage Directive)
NOTES: (1) Pin numbers correspond to the female backplane connector. (2) L = Long Length Pin (First Make, Last Break); M = Medium Length Pins; S = Short Length Pins (Last Make, First Break)
Product: www.cdpoweronline.com
cPCI200-DC REV A 7/2003
3
PART NUMBER
cPCI200D-4 cPCI200D-3 cPCI200D-2 CPCI200D-1
POWER
225 W 180 W 225 W 180 W
ORDERING INFORMATION
+5V
27A 18A 27A 18A
+3.3V
27A 27A 27A 27A
+12V
4A 4A 4A 4A
-12V
4A 4A 4A 4A
IPMI
YES YES NO NO
Power Electronics Division, Americas 3400 E Britannia Drive, Tucson, Arizona 85706 Tel: 800.547.2537 Fax: 520.295.4197
C&D Technologies, EMEA/Asia Pacific Milton Keynes MK14 5BU UK Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545
Any data, prices, descriptions or specifications presented herein are subject to revision by C&D Technologies, Inc. without notice. While such information is believed to be accurate as indicated herein, C&D Technologies, Inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or completeness of such information. Further, because the product(s) featured herein may be used under conditions beyond its control, C&D Technologies, Inc. hereby disclaims all warranties, either express or implied, concerning the fitness or suitability of such product(s) for any particular use or in any specific application or arising from any course of dealing or usage of trade. The user is solely responsible for determining the suitability of the product(s) featured herein for user's intended purpose and in user's specific application. C&D Technologies, Inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace applications.
Product: www.cdpoweronline.com
cPCI200-DC REV A 7/2003
4


▲Up To Search▲   

 
Price & Availability of CPCI200D-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X