Part Number Hot Search : 
WCP25C60 4HCT57 AX93221 GFG0675F 50224 07502 AN8007M HCM1812
Product Description
Full Text Search
 

To Download CHX2090-QDG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHX2090-QDG
RoHS COMPLIANT
12-24GHz Frequency Multiplier
GaAs Monolithic Microwave IC in SMD leadless package Description
The CHX2090-QDG is a cascadable frequency doubler monolithic circuit, which integrate an output buffer amplifier that produces a constant output power over a range of input powers. It is designed for a wide range of applications, from military to commercial communication systems. The circuit is manufactured with a PM-HEMT process, 0.25m gate length, via holes through the substrate, air bridges and electron beam gate lithography.
typical measurement
It is supplied in RoHS compliant SMD package.
Main Features
Broadband performances: 11-13GHz 13dBm output power for +14dBm input power DC bias : Vd=3.5Volt@Id=60mA 24L-QFN4x4 SMD package
Main Characteristics
Tamb. = 25 C Symbol
Fin Fout Pin Pout
Parameter
Input frequency range Output frequency range Input power Output power for +14dBm input power
Min
11 22
Typ
Max
13 26
Unit
GHz GHz dBm dBm
14 13
ESD Protection: Electrostatic discharge sensitive device. Observe handling precautions!
Ref. : DSCHX2090QDG6332 - 28 Nov 06 1/10 Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Departementale 128 - BP46 - 91401 Orsay Cedex France Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
CHX2090-QDG
Electrical Characteristics
12-24GHz Frequency Multiplier
Tamb = +25 Vd = 3.5V, Vg1 = -0.9V, Vg2 tuned for Id=65mA. C,
Symbol
Fin Fout Pin Pout 2Fin
Parameter
Input frequency range Output frequency range Input power 2Fin Output power for (11 < Fin < 12GHz) for Fin = 13GHz
Min
11 22
Typ
Max
13 26
Unit
GHz GHz dBm dBm dBm dBm dBm dBm
14 12 9 -10 0 -15 2.0:1 2.5:1 3.5 65 75
Is/Fin
Fin level at the output for (11 < Fin < 12) for Fin = 13GHz
Is/3Fin VSWRin
3Fin level at the output Input VSWR
VSWRout Output VSWR Vd Id Drain voltage Bias current
V mA
Absolute Maximum Ratings
Tamb. = 25 (1) C
Symbol
Vd Id Vg Tj Ta Tstg Drain bias current Gate bias voltage
Parameter
Drain bias voltage
Values
5V 120 -2 to +0.4 175 -40 to +85 -55 to +155
Unit
V mA V C C C
Junction temperature (2) Operating temperature range Storage temperature range
(1) Operation of this device above anyone of these parameters may cause permanent damage. (2) Thermal Resistance channel to ground paddle =249 C/W for Tamb. = +85 with 3.5V & 65mA. C
Ref. : DSCHX2090QDG6332 - 28 Nov 06
2/10
Specifications subject to change without notice
Route Departementale 128, BP46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
12-24GHz Multiplier
Typical Measured performances
CHX2090-QDG
Measurements in the connector access planes, using the proposed land pattern & board 96270. Bias conditions : Vd = 3,5v, Vg1 = -0.9v, Vg2 tuned for Id# 65mA.
Pout (2Fin) & Pout (Fin) vs Fin for Pin=14 dBm
Pout 2Fin
Pout Fin
Pout (2Fin) & Pout (3Fin) vs Fin for Pin=14 dBm
Pout 2Fin
Pout 3Fin
Ref. : DSCHX2090QDG6332 - 28 Nov 06
3/10
Specifications subject to change without notice
Route Departementale 128, BP46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
CHX2090-QDG
12-24GHz Frequency Multiplier
Pout (2Fin) & Pout (Fin) vs Vg1 for Fin = 12 GHz, Pin=14dBm & Vg2= -0,7V
Pout 2Fin
Pout Fin
Pout (2Fin) & Pout (Fin) vs Vg2 for Fin = 12 GHz, Pin=14dBm & Vg1= -0,9V
Pout 2Fin
Pout Fin
Ref. : DSCHX2090QDG6332 - 28 Nov 06
4/10
Specifications subject to change without notice
Route Departementale 128, BP46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
12-24GHz Multiplier
CHX2090-QDG
CHX2090-QDG
Drain current versus Vg2, for Fin=12GHz, Pin=14dBm, Vd=3.5V and Vg1=-0.9V
75 70 65 Id (mA) 60 55 50 45 40 -0.8
-0.7
-0.6
-0.5 Vg2 (Volt)
-0.4
-0.3
-0.2
Ref. : DSCHX2090QDG6332 - 28 Nov 06
5/10
Specifications subject to change without notice
Route Departementale 128, BP46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
CHX2090-QDG
Package outline:
12-24GHz Frequency Multiplier
Matt tin, Lead Free Units From the standard Pin 25 (paddle) : GND
(Green) mm JEDEC MO-220
1- NC 2- NC 3- GND 4- RF IN 5- GND 6- NC 7- NC 8- NC 9- NC 10- NC 11- NC 12- NC
13- NC 14- GND 15- RF OUT 16- GND 17- NC 18- NC 19- NC 20- Vd 21- NC 22- Vg2 23- Vg1 24- NC
Ref. : DSCHX2090QDG6332 - 28 Nov 06
6/10
Specifications subject to change without notice
Route Departementale 128, BP46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
12-24GHz Multiplier
CHX2090-QDG
Application note
The design of the motherboard has a strong impact on the over all performance since the transition from the motherboard to the package is comparably large. In case of the SMD type packages of United Monolithic Semiconductors the motherboard should be designed according to the information given in the following to achieve good performance. Other configurations are also possible but can lead to different results. If you need advise please contact United Monolithic Semiconductors for further information.
SMD type packages of UMS should allow design and fabrication of micro- and mm-wave modules at low cost. Therefore, a suitable motherboard environment has been chosen. All tests and verifications have been performed on Rogers RO4003. This material exhibits a permittivity of 3.38 and has been used with a thickness of 200m [8 mils] and a 1/2oz or less copper cladding. The corresponding 50Ohm transmission line has a strip width of about 460m [approx. 18 mils].
The contact areas on the motherboard for the package connections should be designed according to the footprint given above. The proper via structure under the ground pad is very important in order to achieve a good RF and lifetime performance. All tests have been done by using a grid of plenty plated through vias with a diameter of less than 300m [12 mils] and a spacing of less than 700m [28 mils] from the centres of two adjacent vias. The via grid should cover the whole space under the ground pad and the vias closest to the RF ports should be located near the edge of the pad to allow a good RF ground connection. Since the vias are important for heat transfer, a proper via filling should be guaranteed during the mounting procedure to get a low thermal resistance between package and heat sink. For power devices the use of heat slugs in the motherboard instead of a grid of via's is recommended.
For the mounting process the SMD type package can be handled as a standard surface mount component. The use of either solder or conductive epoxy is possible. The solder thickness after reflow should be typical 50m [2 mils] and the lateral alignment between the package and the motherboard should be within 50m [2 mils]. Caution should be taken to obtain a good and reliable contact over the whole pad areas. Voids or other improper connections, in particular, between the ground pads of motherboard and package will lead to a deterioration of the RF performance and the heat dissipation. The latter effect can reduce drastically reliability and lifetime of the product.
Ref. : DSCHX2090QDG6332 - 28 Nov 06
7/10
Specifications subject to change without notice
Route Departementale 128, BP46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
CHX2090-QDG
12-24GHz Frequency Multiplier
(For production, design must be adapted with regard to PCB tolerances and assembly process) Basic footprint for a 24L-QFN4x4 (all units mm) (Please, refer to the UMS proposed footprint for optimum operation in the following "Proposed Assembly board" section)
The RF ports are DC blocked on chip. The DC connection (Vd) does not include any decoupling capacitor in package, therefore it is mandatory to provide a good external DC decoupling on the PC board, as close as possible to the package.
SMD mounting procedure
The SMD leadless package has been designed for high volume surface mount PCB assembly process. The dimensions and footprint required for the PCB (motherboard) are given in the drawings above. For the mounting process standard techniques involving solder paste and a suitable reflow process can be used. For further details, see application note AN0017.
Ref. : DSCHX2090QDG6332 - 28 Nov 06
8/10
Specifications subject to change without notice
Route Departementale 128, BP46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
12-24GHz Multiplier
CHX2090-QDG
Proposed Assembly board "96270" for the 24L-QFN4x4 products characterization.
Compatible with the proposed footprint. Based on typically Ro4003 / 8mils or equivalent. Using a microstrip to coplanar transition to access the package. Recommended for the implementation of this product on a module board.
-
Ref. : DSCHX2090QDG6332 - 28 Nov 06
9/10
Specifications subject to change without notice
Route Departementale 128, BP46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
CHX2090-QDG
12-24GHz Frequency Multiplier
Ordering Information
QFN 4x4 RoHS compliant package: CHX2090-QDG/XY Stick: XY = 20 Tape & reel: XY = 21
Information furnished is believed to be accurate and reliable. However United Monolithic Semiconductors S.A.S. assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of United Monolithic Semiconductors S.A.S.. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. United Monolithic Semiconductors S.A.S. products are not authorised for use as critical components in life support devices or systems without express written approval from United Monolithic Semiconductors S.A.S.
Ref. : DSCHX2090QDG6332 - 28 Nov 06 10/10 Specifications subject to change without notice
Route Departementale 128, BP46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09


▲Up To Search▲   

 
Price & Availability of CHX2090-QDG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X