Part Number Hot Search : 
2SD106A N74HC TISP3 LTC6990 PTZ30B 74100 2SA1031 6KE40
Product Description
Full Text Search
 

To Download CDRH127B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS
Type: CDRH127B
Product Description
12.3x12.3mm Max.(LxW), 8.0mm Max. Height. Reference Inductance:6.8H Reference rated current: 6.4A In addition to the standard versions of inductors shown here, custom inductors are available to meet your exact requirements.
Feature
Magnetically shielded construction. 4 Terminal pins' type gives a flexible design as inductors or transformers(SEPIC,ZETA circuit,etc). Ideally used in power supplies' module and portable devices such as Notebook PC,DSC/DVC,PDA, etc as DC-DC Converter inductors. RoHS Compliance
Dimensions (mm)
0.2
12.00.3
5. 0
12.0 0.2 7.60.2
1 2 .0 0 .3
8.0 MAX.
E L EC T R OD E
0.90.2
Land Pattern (mm)
DIMENSION OF CDRH127B
Schematics (Bottom)
2
5.40.1 5.60.2
3
1.00.1
1
4
""is winding start.
PART OF SILK SCREEN
7.00.2 12.80.2 13.00.2
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
POWER INDUCTORS
Type: CDRH127B
Specification
MEASURING CONDITION INDUCTANCE INDUCTANCE D.C.R. D.C.R. RATED CURRENT RATED CURRENT (1-3) (2-4) (1-3) (2-4) (1-3) (2-4) 6.8H 40% WITHIN 24H REF. 18m MAX.(13.5m TYP.) 325m MAX.(250m TYP.) 6.4A 1.3A 300kHz 300kHz at 20 at 20
This indicates the DC current at which the inductance decreases to 75% of its nominal value or D.C. current at which t40, whichever is lower(Ta=20).
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of CDRH127B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X