Part Number Hot Search : 
FSEZ1317 MP87C 4512C 3391E KA384 EM6K1T2R 265V10 MBR104
Product Description
Full Text Search
 

To Download CCPD-033 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CCPD-033 LVPECL Clock Oscillator 5x7mm SMD 3.3 Volts
Model CCPD-033 is a 77.760MHz to 161.000MHz LVPECL Clock Oscillator operating at 3.3Volts. The oscillator utilizes a High Q Third Overtone crystal design providing very low Jitter and Phase Noise. No Sub-Harmonics are present in the Output Signal.
5x7mm SMD
Applications:
Digital Video SONET/SDH/DWDM Storage Area Networks Broadband Access Ethernet, Gigabit Ethernet
Rev.: N Date: 05-13-08
CCPD-033 LVPECL Clock Oscillator 5x7mm SMD 3.3 Volts
Frequency Range:
Frequency Stability Options(ppm): Temperature Range: (standard) (Option M) (Option X) Storage: Input Voltage: Input Current: Output: Symmetry: Rise/Fall Time:
77.760MHz to 161.000MHz
20, 25, 50, 100 0C to +70C -20C to +70C -40C to +85C -55C to 120C 3.3V 0.3V 55mA Typ., 88mA Max Differential LVPECL 45/55% Max @ 50%Vdd 1nsec Max @ 20% to 80% Vdd
Logic: Terminated to Vdd-2V into 50 ohms Temp. 0C to 85C "0"=1.490 Min., 1.680 Max "1"=2.275 Min., 2.420 Max Temp. -40C to 0C "0"=1.470 Min., 1.745 Max "1"=2.215 Min., 2.420 Max Disable Time 200nSec Max Start-up Time 1mSec Typ., 2mSec Max Phase Jitter: Phase Noise: Sub-harmonics: Aging:
12KHz~80MHz (See Plot Below)
0.5psec Typ., 1psec RMS Max None <3ppm 1st year, <1ppm every year thereafter
Actual CCPD-033X-25-155.520MHz Plot
Rev.: N Date: 05-13-08
CCPD-033 LVPECL Clock Oscillator 5x7mm SMD 3.3 Volts
PART NUMBER GUIDE CCPD - 033 X - 25 - 155.520
#1 #2 #3 #4 #5 #1 Crystek PECL Oscillator #2 Model 033 #3 Temp. Range (Blank=0/70C)(M=-20/70C)(X=-40/85C) #4 Stability: (see Table 1) #5 Frequency in MHz: 3 or 6 decimal places
Blank(std) 50 25 20
Stability Indicator
100ppm 50ppm 25ppm 20ppm
Example: CCPD-033X-25-155.520 3.3V, -40/85C, 25ppm, 155.520 MHz
Table 1
Thermal Shock: MIL-STD-883, Method 1011, Condition A Moisture Resistance: MIL-STD-883, Method 1004
Environmental:
TEMPERATURE
Shock: Solderability: Vibration: Solvent Resistance: Resistance to Soldering Heat:
Mechanical:
MIL-STD-883, Method 2002, Condition B MIL-STD-883, Method 2003 MIL-STD-883, Method 2007, Condition A MIL-STD-202, Method 215 MIL-STD-202, Method 210, Condition I or J
RECOMMENDED REFLOW SOLDERING PROFILE
260C 217C 200C 150C
Ramp-Up 3C/Sec Max. Critical Temperature Zone Ramp-Down 6C/Sec.
Preheat 180 Secs. Max. 8 Minutes Max.
90 Secs. Max. 260C for 10 Secs. Max.
NOTE: Reflow Profile with 240C peak also acceptable.
0.274 0.007 (6.96 0.18)
Dimensions inches (mm) All dimensions are Max unless otherwise specified.
Tri-State Function
Pin #1 State Open or N/C "1" level 0.7*Vcc Min "0" level 0.3*Vcc Max
Part Number Frequency DC Lot Code
0.193 0.007 (4.90 0.18)
0.075 (1.80)
Output State Active Active
Denotes pad 1
0.055 Typ (1.40 Typ) 0.045 0.008 (1.14 0.20) #1 #6 #2 #5 #3 #4
SUGGESTED PAD LAYOUT
0.071 SQ (1.80)
High Z
Pad
1 2 3 4 5 6
0.148 (3.75)
Connection
N/C GND Out Comp. Out VCC
Enable/Disable
0.100 (2.54) 0.200 (5.08)
0.200 (5.08)
0.01uF Bypass Capacitor Recommended
Rev.: N Date: 05-13-08


▲Up To Search▲   

 
Price & Availability of CCPD-033

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X